Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34103C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 34103C
Description  Shielded Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

34103C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  34103C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 34103C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 34103C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_3400C_A01 Page 1 of 3
3400 Series
Shielded Surface Mount Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Inductance, L
DC Current2
DC Resistance
±20%
Max.
Max.
μH
A
Ω
34122C
1.2 ± 30%
2.50
0.030
34152C
1.5 ± 30%
2.10
0.040
34222C
2.2 ± 30%
1.70
0.050
34332C
3.3 ± 30%
1.50
0.080
34472C
4.7 ± 30%
1.30
0.100
34682C
6.8 ± 30%
1.00
0.150
34103C
10
0.80
0.200
34153C
15
0.68
0.280
34223C
22
0.53
0.360
34333C
33
0.48
0.560
34473C
47
0.41
0.850
34683C
68
0.35
1.050
34104C
100
0.28
1.700
34154C
150
0.23
2.400
34224C
220
0.18
3.050
34334C
330
0.15
4.550
34474C
470
0.13
7.650
34684C
680
0.11
11.150
34105C
1000
0.09
15.000
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 125°C
Storage temperature range
-40°C to 150°C
SOLDERING INFORMATION1
Peak reflow solder temperature
260°C
Pin finish
SAC 305
Moisture sensitivity level3
1
PACKAGE SPECIFICATIONS
Mechanical Dimensions
Package weight: 0.06g Typ.
Recommended Footprint Details
Specifications typical at T
A
= 25°C
1 For further information, please visit
www.murata-ps.com/rohs
2 The maximum DC current is the value at which the
inductance falls to 75% of its nominal value or when its
temperature rise reaches 40°C, whichever is sooner.
3 When tested to moisture sensitivity level 1, as described
per IPC/JEDEC J-STD-020D, products passed electrical
testing, package coplanarity and visual inspection.
All dimensions in mm (inches)
The 3400 series is a range of bobbin-wound,
shielded inductors. They are suitable for power-
line filtering found in consumer electronics such
as desktop computers, handheld devices and GPS
systems, as well as in a vast range of industrial
and telecom applications including network hubs,
bridges/routers, and high frequency wireless
communication devices.
These surface mount inductors are extremely
compact and have an integral shield, making them
useful in EMI sensitive applications.
For lower current ratings see also our even lower
profile 3400L series.
PRODUCT OVERVIEW
332
C
5.2 (0.205) Max.
2.0 (0.079) Max.
1.8±0.4 (0.071±0.016)
5.25 (0.207)
1.4 (0.055)
R1.75 (0.069)
FEATURES
RoHS compliant
Inductance range from 1.2μH to 1mH
Small footprint
Ultra-low profile
UL 94V-0 packaging materials
Tape & reel
J-STD-020C reflow
Custom inductance values available


Similar Part No. - 34103C

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
34103 TEC-34103 Datasheet
8Mb / 12P
SOLISTRAND TERMINALS & SPLICES
More results

Similar Description - 34103C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
Shielded Surface Mount Inductors
logo
API Delevan
S1008 API-S1008 Datasheet
28Kb / 1P
Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
Shielded Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com