Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

42103C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 42103C
Description  Toroidal Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

42103C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  42103C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 42103C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 42103C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_4200C_A01 Page 1 of 3
4200 Series
Toroidal Surface Mount Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order
Code
Package
Dimensions (Max.)
Pad
Dimensions
Carrier Tape
Dimensions
±15%
Max.
Max.
Min.
A
B
C
D
E
F
G
H
Typ.
μH
A
mΩ
MHz
mm
mm
mm
mm
mm mm mm mm
g
42132C
1.27
14.3
2.5
244
15.70
9.4
15.37 12.70 11.18 20
24
9.5
3.5
300
(60)
42212C
2.10
11.5
3.8
162
15.70
9.4
15.37 12.70 11.18 20
24
9.5
3.4
42282C
2.84
13.9
3.5
116
17.00
9.9
17.00 14.48 12.45 24
32
10.5
5.0
250
(60)
42422C
4.23
11.4
5.2
90
17.00
9.9
17.00 14.48 12.45 24
32
10.5
4.8
42652C
6.5
12.4
6.0
57
18.80
9.9
18.80 16.26 14.20 24
32
10.7
6.8
42842C
8.45
10.4
8.0
50
18.80
9.9
18.80 16.26 14.20 24
32
10.7
6.4
42103C
10.2
15.4
6.0
38
23.88
9.9
23.88 21.08 17.78 32
44
1.08 12.3
180
(35)
42183C
17.6
10.9
11.6
24
23.88
9.9
23.88 21.08 17.78 32
44
10.8 12.5
ABSOLUTE MAXIMUM RATINGS
Operating temperature range
-40°C to +125°C
Storage temperature range
-40°C to +130°C
SOLDERING INFORMATION2
Peak reflow temperature
245°C
Pin finish
Pure tin dip
Moisture sensitivity level
1
All specifications typical at T
A
=25°C
1 Maximum DC current occurs when the temperature rise reaches 55°C.
2 For further information, please visit www.murata-ps.com/rohs
3 If components are required in tape & reel format, suffix order code with ‘-R’, e.g. 42132C-R
FEATURES
RoHS compliant
1.27μH to 17.6μH
Up to 15.4A IDC
Toroidal construction minimizes EMI
Compact size
Surface mount
UL94 V-0 package materials
Pick & place compatible
J-STD-020C reflow
Backward compatible with Sn/Pb
soldering systems
DESCRIPTION
The 4200 series is a range of surface mount
toroidal inductors designed for use in switching
power supplies and DC/DC converters. The parts
are ideal for applications requiring low profile
compact components in a surface mount package.


Similar Part No. - 42103C

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
42103 BRADY-42103 Datasheet
824Kb / 1P
DO-IT-YOURSELF SIGNMAKING
logo
Wiha Tools
42103 WIHA-42103 Datasheet
55Kb / 1P
TY bit set 29 mm
logo
Ulti-Mate Connector Inc
421031120 ULTI-MATE-421031120 Datasheet
46Kb / 1P
Nano Circular Wired 7 Pin No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 18 Inches Wire Length Plastic Shell 200 Max Temp No QPL
09-03-14
421031130 ULTI-MATE-421031130 Datasheet
47Kb / 1P
Nano Circular Wired 7 Pin No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 36 Inches Wire Length Plastic Shell 200 Max Temp No QPL
05-03-18
More results

Similar Description - 42103C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
4000 CANDD-4000 Datasheet
192Kb / 1P
Toroidal Surface Mount Inductors
4100 CANDD-4100 Datasheet
172Kb / 1P
Toroidal Surface Mount Inductors
logo
ECM Electronics Limited...
SMTC30 ECM-SMTC30 Datasheet
148Kb / 1P
Surface Mount Toroidal Inductors
logo
Rhombus Industries Inc.
L-15000 RHOMBUS-IND-L-15000 Datasheet
41Kb / 1P
Surface Mount Toroidal Inductors
logo
Murata Manufacturing Co...
KMP_4000 MURATA-KMP_4000 Datasheet
103Kb / 2P
Toroidal Surface Mount Inductors
KMP_4100 MURATA-KMP_4100 Datasheet
114Kb / 2P
Toroidal Surface Mount Inductors
KMP_4300 MURATA-KMP_4300 Datasheet
136Kb / 3P
Dual Winding Toroidal Surface Mount Inductors
83683C MURATA-83683C Datasheet
167Kb / 2P
Toroidal Surface Mount Power Inductors
logo
ECM Electronics Limited...
SMTC ECM-SMTC Datasheet
152Kb / 1P
ECM Surface Mount Toroidal Inductors
logo
Murata Power Solutions ...
4100 MURATA-PS-4100 Datasheet
186Kb / 2P
Toroidal Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com