Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RW3-R015-JT Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # RW3-R015-JT
Description  ECONOMY WIREWOUND RESISTORS 1 WATT to 10 WATT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

RW3-R015-JT Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  RW3-R015-JT Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RW SERIES
Excellent performance at economy prices
Inherent stability due to all-welded wirewound construction
Wide resistance range: 0.01
Ω to 25KΩ
Standard tolerance is 5% (2% and 10% available)
Available on exclusive SWIFTTM delivery program
Available on horizontal Tape & Reel (1W-10W), or
vertical Tape & Reel (1W-3W)
SPECIFICATIONS
TYPICAL PERFORMANCE CHARACTERISTICS
ECONOMY WIREWOUND RESISTORS
1 WATT to 10 WATT
* 0.040 lead dia. available, specify option ‘18’
** Lead length of parts supplied on tape may be shorter
RW Series resistors are manufactured on an exclusive
automated system, resulting in significant cost savings.
Ceramic core results in performance levels far superior to
conventional fiberglass cores, especially in regards to
overload capability, TCR, noise characteristics, and load life
stability. Coating is flame resistant and offers excellent
moisture and solvent resistance.
← L →
d
↓
↑
←
H
→
→ D ←
1. Opt. FF fusible version is available from 0.1
Ω - 2.4K (RW1=1.2K max)
2. Fault level must be suitable to safely open the resistor. Option FF parts
are desgned to blow within 20S at 15x rated power if
≥1
Ω, 20x if<1Ω
(preferable if fault level is double this level to ensure quick fusing time).
3. Maximum fault must not exceed 200x W rating, or voltage rating,
whichever is less (increased levels avail).
4. For customized fusing, complete RCD’s fuse questionnaire, or advise the
desired fusing wattage/current, min/max blow times, continuous power, surge
reqts, ambient temp, physical constraints, fault voltage, inductance, etc.
5. Fuse types shouldn’t be mounted in contact with other components or PCB.
6. Residual resistance is
≥100x initial value after fusing.
7. Verify selection by evaluating under the full range of fault conditions.
Place resistors inside a protective case when testing under overload.
OPTION FF FUSE RESISTOR APPLICATION GUIDE
OPTIONS
Option X: Low Inductance
Option P: Increased Pulse Capability
Option FF: Flameproof Fusible (see application guide below)
Option E: Low Thermal EMF
Option F: Flameproof Coating
Also available: cut & formed leads (horizontal and vertical),
increased voltage, special marking, etc. Customized
components are an RCD specialty!
DERATING
AMBIENT TEMPERATURE ( °C )
100
75
50
25
0
0
25
50
75
100
125 150 175
200 225
250
275 300
RW1-RW3
RW5,
RW10
e
p
y
T
D
C
Re
g
a
t
t
a
W
e
g
a
t
l
o
V
g
n
i
t
a
R
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
L
)
x
a
M
(
D
]
8
.
[
2
3
0
.
±
d
]
3
1
.
[
5
0
0
.
±
*
*
.
n
i
M
H
1
W
R1
V
0
61
0
.
0
Ω
K
4
.
2
-]
9
.
9
[
0
9
3
.]
6
5
.
3
[
0
4
1
.]
9
6
.
[
7
2
0
.]
4
2
[
6
9
.
0
2
W
R2
V
0
0
11
0
.
0
Ω
K
0
1
-]
7
.
2
1
[
0
0
5
.]
6
.
4
[
0
8
1
.]
1
7
.
[
8
2
0
.]
0
3
[
6
1
.
1
S
2
W
R2
V
0
0
11
0
.
0
Ω
K
1
.
9
-]
2
.
2
1
[
9
4
.]
9
.
4
[
8
8
1
.]
1
7
.
[
8
2
0
.]
0
3
[
6
1
.
1
3
W
R3
V
0
4
11
0
.
0
Ω
K
0
2
-]
2
.
6
1
[
8
3
6
.]
6
.
5
[
0
2
2
.]
8
.
[
*
1
3
0
.]
0
3
[
6
1
.
1
S
3
W
R3
V
0
2
11
0
.
0
Ω
K
0
1
-]
7
.
2
1
[
0
0
5
.]
6
.
4
[
0
8
1
.]
5
7
.
[
3
0
.]
2
3
[
5
2
.
1
5
W
R5
V
0
1
25
0
.
0
Ω
K
5
2
-]
8
.
8
1
[
4
7
.]
5
.
6
[
6
5
2
.]
8
.
[
*
1
3
0
.]
2
3
[
5
2
.
1
0
1
W
R0
1V
0
0
71
.
0
Ω
K
5
2
-]
2
.
3
4
[
7
.
1]
6
2
.
8
[
5
2
3
.]
8
.
[
*
1
3
0
.]
2
3
[
5
2
.
1
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
TC
°
5
7
2
+
o
t
C
°
5
5
-
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
1
Ω
C
°
/
m
p
p
0
0
1
:
e
v
o
b
a
d
n
a
9
9
.
0
o
t
5
0
.
0
Ω
C
°
/
m
p
p
0
0
3
:
5
0
.
0
w
o
l
e
B
Ω
C
°
/
m
p
p
0
0
6
:
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
Is
m
h
o
g
e
M
0
0
0
1
g
n
i
k
r
a
M
)
c
i
r
e
m
u
n
-
a
h
p
l
a
r
o
(
d
n
a
b
r
o
l
o
C
e
c
n
a
r
e
l
o
t
d
n
a
e
u
l
a
v
.
s
e
r
h
t
i
w
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
2
±
∆ R
k
c
o
h
S
l
a
m
r
e
h
T%
1
±
∆ R
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
DV
0
0
5
e
f
i
L
d
a
o
L%
2
∆
)
p
y
t
%
3
=
F
F
n
o
i
t
p
O
(
R
d
a
o
l
r
e
v
O
.
c
e
S
5
,
W
d
e
t
a
r
x
5
)
S
5
,
W
x
2
=
F
F
n
o
i
t
p
O
(
FA046D
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RESISTORS CAPACITORS COILS DELAY LINES
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
45
RW3
- R01 - J T W
Termination: W = Lead-free, Q = Tin/Lead
(leave blank if either is acceptable)
P/N DESIGNATION:
RCD Type
Resis. Code: 2 signif. digits & multiplier, e.g. R01=.01
Ω,
R015=.015
Ω,R10=.1Ω,1R0=1Ω,100=10Ω,101=100Ω,102=1K,etc.
Packaging: B=Bulk, T=Horiz Tape & Reel, APN=Vertical Tape & Box
Tolerance Code: G=2%, J=5% (std), K=10%
Options: X, P, FF, E, 18 (leave blank for std)
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - RW3-R015-JT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RW3 KOA-RW3 Datasheet
285Kb / 2P
coat insulated miniature precision power wirewound resistors
logo
List of Unclassifed Man...
RW3 ETC-RW3 Datasheet
832Kb / 1P
WIRE WOUND RESISTORS
logo
KOA Speer Electronics, ...
RW3N KOA-RW3N Datasheet
285Kb / 2P
coat insulated miniature precision power wirewound resistors
RW3NT103D KOA-RW3NT103D Datasheet
97Kb / 2P
coat insulated miniature precision power wirewound resistors
RW3NT103F KOA-RW3NT103F Datasheet
97Kb / 2P
coat insulated miniature precision power wirewound resistors
More results

Similar Description - RW3-R015-JT

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
135X-R10 RCD-135X-R10 Datasheet
47Kb / 1P
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
210X-R10 RCD-210X-R10 Datasheet
43Kb / 1P
MINIATURE WIREWOUND RESISTORS 1 WATT to 10 WATT
BW1F-R100JBW RCD-BW1F-R100JBW Datasheet
67Kb / 1P
FUSIBLE FILM RESISTORS, GENERAL PURPOSE 1/8 WATT to 3 WATT
CFZ2537-102-JB RCD-CFZ2537-102-JB Datasheet
33Kb / 1P
HIGH VOLTAGE CARBON RESISTORS 1/8 WATT to 3 WATT
FR1P-R100-KB RCD-FR1P-R100-KB Datasheet
32Kb / 1P
FAILSAFE FUSE RESISTORS 1/2 WATT to 50 WATT
FW70W-R100-KB RCD-FW70W-R100-KB Datasheet
54Kb / 1P
FLAT POWER WIREWOUND RESISTORS, 40 - 450 WATT
MCF25Z-1R0JB RCD-MCF25Z-1R0JB Datasheet
31Kb / 1P
COMMERCIAL 1/10 to 1/2 WATT CARBON FILM MELF RESISTORS
MPF2SP-R100-J RCD-MPF2SP-R100-J Datasheet
45Kb / 1P
ECONOMICAL 1 WATT TO 3 WATT POWER FILM MELF RESISTORS
MW2X-R010 RCD-MW2X-R010 Datasheet
29Kb / 1P
SURFACE MOUNT WIREWOUND RESISTORS MELF AND GULLWING DESIGNS, 1/2 TO 5 WATT
T225X-R100-KB RCD-T225X-R100-KB Datasheet
44Kb / 1P
TUBULAR WIREWOUND RESISTORS 12 WATT to 1300 WATT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com