Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82102C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # 82102C
Description  Miniature Surface Mount Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

82102C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  82102C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 82102C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 82102C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. 82102C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KMP_8200C_B02 Page 2 of 4
8200 Series
Miniature Surface Mount Power Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
INDUCTANCE Vs CURRENT
TEMPERATURE Vs CURRENT
INDUCTANCE Vs FREQUENCY
0.1
1
10
100
1000
0.01
0.1
1
10
Current, IDC (A)
1μH
4.7μH
470μH
47μH
Current, IDC (A)
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
1μH
4.7μH
47μH
470μH
0.1
1
10
100
1000
10000
10
100
1000
10000
Frequency, f (kHz)
1μH
4.7μH
47μH
470μH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com