Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49331SC Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 49331SC
Description  Shielded Surface Mount Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

49331SC Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  49331SC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 49331SC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 49331SC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_4900SC_B02 Page 1 of 3
4900S Series
Shielded Surface Mount Power Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
FEATURES
RoHS compliant
1.0μH to 1mH
Up to 11.8A IDC
Bobbin format
Surface mount
Integral EMI shield
Compact size
Tape and reel packaging
UL 94V-0 materials
J-STD-020-C reflow
DESCRIPTION
The 4900S series is a range of bobbin-wound,
surface-mount inductors designed for use in
switching power supply, and power line filter
circuits. The parts are suitable for any application
requiring a high saturation current in a low-profile
package. The devices have an integral ferrite
shield to reduce EMI.
PIN CONNECTIONS (TOP VIEW)
SELECTION GUIDE
Order Code
Inductance
(10kHz, 100mVAC)
±20%
DC Current1 DC Resistance
SRF
Q Factor
Nom.
Max.
Max.
Typ.
Typ.
μH
A
mΩ
MHz
Q
@ f (MHz)
491R0SC
1.0 (±30%)
11.8
5
91
32
1
492R2SC
2.2 (±30%)
9.8
8
48
45
1
493R3SC
3.3 (±30%)
8.4
10
37
42
1
494R7SC
4.7 (±30%)
7.7
12
32
42
1
496R8SC
6.8 (±30%)
6.2
16
24
43
1
49100SC
10
5.1
21
19
43
1
49150SC
15
4.4
27
16
44
1
49220SC
22
3.1
42
12
46
1
49330SC
33
2.9
60
10
51
1
49470SC
47
2.3
100
9
52
1
49680SC
68
2.0
143
7
47
1
49101SC
100
1.6
165
6
40
0.8
49151SC
150
1.3
250
5
35
0.8
49221SC
220
1.1
380
4
36
0.8
49331SC
330
0.90
550
4
33
0.8
49471SC
470
0.75
810
4
37
0.8
49681SC
680
0.62
1200
3
27
0.8
49102SC
1000
0.50
1500
3
26
0.8
MECHANICAL DIMENSIONS
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40ºC to 85ºC
Storage temperature range
-40ºC to 125ºC
SOLDERING INFORMATION2
Peak reflow solder temperature
245˚C
Pin finish
Tin
Specifications typical at T
A
= 25°C
1 Maximum DC current occurs when either the inductance falls to 75% of its nominal value or when its temperature rise reaches 40°C,
whichever is sooner.
2 For further information, please visit www.murata-ps.com/rohs
Dot signifies the innermost turn of the winding.
All dimensions in mm (inches). Package weight: 3.5g Typ.
FEATURES
12
12.20±0.30
(0.480±0.012)
12.20±0.30
(0.480±0.012)
8.00 (0.315) Max.
49100SC
XYYWW
21
5.0±0.3
(0.197±0.012)
12.80 (0.504)
7.00
(0.276)
5.00 (0.197)
7.60±0.5
(0.299±0.02)
2.9
(0.114)
Recommended Footprint Details


Similar Part No. - 49331SC

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4933 POMONA-4933 Datasheet
23Kb / 1P
Do-It-Yourself In-Line Sheathed Banana Plug
logo
List of Unclassifed Man...
4933 ETC2-4933 Datasheet
1Mb / 16P
Drywall Punch
logo
Heyco.
4933 HEYCO-4933 Datasheet
122Kb / 1P
Filter Insert Vent Plugs
logo
Pomona Electronics
4933-0 POMONA-4933-0 Datasheet
23Kb / 1P
Do-It-Yourself In-Line Sheathed Banana Plug
4933-2 POMONA-4933-2 Datasheet
23Kb / 1P
Do-It-Yourself In-Line Sheathed Banana Plug
More results

Similar Description - 49331SC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0403S ABRACON-ASPI-0403S Datasheet
225Kb / 1P
SURFACE MOUNT SHIELDED POWER INDUCTORS
06.27.07
logo
Murata Manufacturing Co...
KMP_4600 MURATA-KMP_4600 Datasheet
128Kb / 3P
Shielded Surface Mount Power Inductors
KMP_4800S MURATA-KMP_4800S Datasheet
140Kb / 3P
Shielded Surface Mount Power Inductors
logo
API Delevan
SP1812 API-SP1812 Datasheet
182Kb / 1P
Shielded Surface Mount Power Inductors
SP1008R API-SP1008R Datasheet
1Mb / 1P
Shielded Surface Mount Power Inductors
SP1210R API-SP1210R Datasheet
941Kb / 1P
Shielded Surface Mount Power Inductors
logo
Murata Power Solutions ...
46281C MURATA-PS-46281C Datasheet
148Kb / 3P
Shielded Surface Mount Power Inductors
logo
Bi technologies
HM66A BITECH-HM66A Datasheet
971Kb / 5P
Shielded Surface Mount Power Inductors
logo
Murata Power Solutions ...
4500 MURATA-PS-4500 Datasheet
165Kb / 3P
Shielded Surface Mount Power Inductors
logo
TT Electronics.
HM71S TTELEC-HM71S Datasheet
636Kb / 2P
Shielded Surface Mount Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com