Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVF5-R0075-D Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # LVF5-R0075-D
Description  PRECISION 4-TERMINAL RESISTORS, 2- TO 20-WATT CERAMIC ENCASED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

LVF5-R0075-D Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  LVF5-R0075-D Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RCD LVH10
.0025
Ω
Ω
Ω
Ω
Ω 5%
PRECISION 4-TERMINAL RESISTORS,
2- TO 20-WATT CERAMIC ENCASED
LVF & LVH SERIES
OPTIONS:
Option X: Non-inductive design
Option E: Low thermal EMF design
Numerous other options available including custom
marking, lead forming, lead diameter, burn-in, etc.
Industry’s widest range of 4-terminal power resistors!
Standard tolerances to 0.1%, TC’s to 5ppm
Welded & fireproof construction
Available on exclusive SWIFTTM delivery program!
4-terminal “Kelvin” design eliminates contributing error
due to lead resistance
Standard current ratings to 40A (up to 100A on custom basis)
For surface mount design up to 3W see SF series
1 Consult factory for increased ratings
2 Working Voltage = (PR)1/2, voltage not to exceed the maximum value listed
3 Units not to exceed wattage, current, or voltage rating, whichever is less
Bend leads approximately 1/8” from body. If operating at or
near rated power, standoffs are suggested to prevent
overheating of the PCB. Utilize heavy duty copper traces
adequate for intended current levels.
SUGGESTED MOUNTING
D
C
R
e
p
y
T
e
g
a
t
t
a
W
g
n
i
t
a
R
1
.
x
a
M
g
n
i
k
r
o
W
e
g
a
t
l
o
V
2
,
1
.
x
a
M
t
n
e
r
r
u
C
3
,
1
e
c
n
a
t
s
i
s
e
R
(
e
g
n
a
R
Ω
Ω
Ω
Ω
Ω)
]
m
m
e
r
a
s
t
e
k
c
a
r
b
n
i
s
r
e
b
m
u
N
[
S
N
O
I
S
N
E
M
I
D
A
]
0
.
1
[
4
0
.
±
B
]
1
8
.
[
2
3
0
.
±
C
]
8
.
[
2
3
0
.
±
)
y
l
n
o
F
V
L
(
D
]
3
[
2
1
.
±
)
y
l
n
o
H
V
L
(
E
]
8
.
[
2
3
0
.
±
S
2
H
V
L
,
S
2
F
V
L2
V
0
0
1A
5
1K
0
1
-
5
0
0
0
.]
5
1
[
9
5
.]
5
3
.
6
[
5
2
.]
5
3
.
6
[
5
2
.]
3
4
.
1
1
[
5
4
.]
9
.
1
[
5
7
0
.
2
H
V
L
,
2
F
V
L2
V
0
0
1A
0
2K
5
1
-
5
0
0
0
.]
8
5
.
7
1
[
0
7
.]
8
.
6
[
7
2
.]
8
.
6
[
7
2
.]
7
.
2
1
[
0
5
.]
9
.
1
[
5
7
0
.
3
H
V
L
,
3
F
V
L3
V
0
5
1A
5
2K
5
2
-
1
0
0
.]
4
.
2
2
[
8
8
.]
9
.
7
[
1
3
.]
9
.
7
[
1
3
.]
2
.
4
1
[
6
5
.]
4
5
.
2
[
0
1
.
5
H
V
L
,
5
F
V
L5
V
0
0
2A
0
3K
0
3
-
1
0
0
.]
4
.
2
2
[
8
8
.]
7
.
9
[
8
3
.]
9
.
8
[
5
3
.]
2
.
4
1
[
6
5
.]
4
5
.
2
[
0
1
.
7
H
V
L
,
7
F
V
L7
V
0
5
3A
5
3K
0
5
-
1
0
0
.x
a
M
]
6
3
[
2
4
.
1]
7
.
9
[
8
3
.]
9
.
8
[
5
3
.]
4
.
5
2
[
0
0
.
1]
4
5
.
2
[
0
1
.
0
1
H
V
L
,
0
1
F
V
L0
1V
0
0
5A
0
4K
0
0
1
-
1
0
0
.x
a
M
]
0
5
[
6
9
.
1]
7
.
9
[
8
3
.]
7
.
9
[
8
3
.]
0
.
5
3
[
8
3
.
1]
4
5
.
2
[
0
1
.
5
1
H
V
L
,
5
1
F
V
L5
1V
0
4
5A
0
4K
0
0
1
-
1
0
0
.x
a
M
]
0
5
[
6
9
.
1]
7
.
2
1
[
0
5
.]
7
.
2
1
[
0
5
.]
0
.
5
3
[
8
3
.
1]
7
1
.
3
[
5
2
1
.
0
2
H
V
L
,
F
0
2
V
L0
2V
0
0
6A
0
4K
0
0
2
-
2
0
0
.x
a
M
]
5
6
[
5
5
.
2]
7
.
2
1
[
0
5
.]
7
.
2
1
[
0
5
.]
8
.
0
5
[
0
0
.
2]
7
1
.
3
[
5
2
1
.
e
g
n
a
R
.
s
i
s
e
R)
p
y
t
,
C
°
/
m
p
p
(
C
T
d
r
a
d
n
a
t
SC
T
l
a
n
o
i
t
p
O
9
4
0
0
.
o
t
5
0
0
0
.
Ω
m
p
p
0
0
60
5
,
0
0
1
,
0
0
2
9
4
2
0
.
o
t
5
0
0
.
Ω
m
p
p
0
0
20
3
,
0
5
,
0
0
1
9
9
.
o
t
5
2
0
.
Ω
m
p
p
0
0
10
2
,
0
3
,
0
5
9
.
9
o
t
1
Ω
m
p
p
0
50
1
,
0
2
,
0
3
0
1
Ω
p
u
d
n
am
p
p
0
35
,
0
1
,
0
2
FEATURES:
50
100
150
200
250
300
100
80
60
40
20
0
DERATING:
AMBIENT TEMPERATURE °C
TEMPERATURE COEFFICIENT
↑
↓
.032 [.8] 2 & 3W,
.040 [1] 5 -20W, typ 4 pl
← A →
1.25 [31.8] typ.
→
↓
LVF
.500
[12.7]
min.
→ B
↑
↓
C
←
↑
←
← D →
LVF
1.25 [31.8] typ.
→← A →
↓↓↓↓↓
LVF
→ B
↑
↓
C
←
↑↑↑↑↑
←
E
LVH
.032 [.8] 2 &3W,
.040 [1] 5 -20W
↓↓↓↓↓
↑↑↑↑↑
FA010C
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
LVF5
-
R005 - J B
W
P/N DESIGNATION:
RCD Type
Option: X, E (Leave blank if standard)
Tolerance: K=10%, J=5%, H=3%, G=2%, F=1%, D=0.5%, C=0.25%,B=0.1%
Packaging: B = Bulk (standard)
Optional TC: (leave blank if standard): 5= 5ppm, 10= 10ppm,
20= 20ppm, 30= 30ppm, 50=50ppm, 101= 100ppm, 201= 200ppm
Resis. Code 0.1%- 1% tol. use 3 signif. digits & multiplier,
R010=.01
Ω, R100=.1Ω, 1R00=1Ω, 10R0=10Ω, 1000=100Ω,1001=1K.
2%-10% use 2 digits &multiplier, e.g. R01=0.01
Ω, R10= 0.1Ω,
1R0=1
Ω, 100=10Ω, 101=100Ω, 102=1K, etc.
Use extra digits as necess: R005, R0025, R0075, R012
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
Four-Terminal Current Sensing as low as 0.0005
Ω
RCD’s Series LVF resistors feature a 4-terminal “Kelvin”
design to eliminate the effects of lead resistance. Precision
resistive element is potted inside a ceramic case for excellent
durability and environmental protection. Series LVF resistors
are well-suited for current sensing applications including test
instrumentation, power supplies, and power amplifiers.
Specify option E when circuits require low thermal EMF.
RCD LVF10
.005
Ω
Ω
Ω
Ω
Ω 1%
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
54
RESISTORS CAPACITORS COILS DELAY LINES
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - LVF5-R0075-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVF505020 ETC2-LVF505020 Datasheet
623Kb / 17P
Sealed Power Inductors
More results

Similar Description - LVF5-R0075-D

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
135X-R10 RCD-135X-R10 Datasheet
47Kb / 1P
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
PWLL10X-R100 RCD-PWLL10X-R100 Datasheet
45Kb / 1P
5W TO 50 WATT POWER RESISTORS CERAMIC ENCASED, RADIAL LEADS
PW10X-R100 RCD-PW10X-R100 Datasheet
39Kb / 1P
GENERAL PURPOSE 1W TO 25W CERAMIC-ENCASED RESISTORS
logo
List of Unclassifed Man...
TP48 ETC-TP48 Datasheet
916Kb / 2P
1/4 WATT PRECISION THIN FILM RESISTORS
RQA02 ETC-RQA02 Datasheet
600Kb / 2P
Ceramic Encased Wire Wound Resistors
RQB05 ETC-RQB05 Datasheet
711Kb / 2P
Ceramic Encased Wire Wound Resistors
RQL10 ETC-RQL10 Datasheet
619Kb / 2P
Ceramic Encased Wire Wound Resistors
RQR02 ETC-RQR02 Datasheet
687Kb / 2P
Ceramic Encased Wire Wound Resistors
logo
Vishay Siliconix
RH VISHAY-RH Datasheet
93Kb / 4P
Heatsink Encased Wirewound Power Resistors
24-Feb-14
RH5 VISHAY-RH5 Datasheet
123Kb / 5P
Heatsink Encased Wirewound Power Resistors
07-Dec-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com