Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA103C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # DA103C
Description  Transformers for Digital Audio Data Transmission
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DA103C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DA103C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DA103C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DA103C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KMP_DA100C_C02 Page 2 of 3
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
DA100 Series
Transformers for Digital Audio Data Transmission
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
6 Pin DIL
6 Pin SM
0.135±0.02
(3.44±0.50)
0.25
(6.35)
0.354
(9.0) Max.
0.375
(9.52) Max.
11
1
1
0.012 (0.30)
0.008 (0.20)
0.40
(10.16)
0.20
(5.08)
0.025 (0.63)
0.021 (0.53)
0.354
(9.0) Max.
0.375
(9.52) Max.
0.50
(12.70)
0.025 (0.63)
0.021 (0.53)
0.10
(2.54)
0.04
(0.90)
0.012 (0.30)
0.007 (0.20)
0.25
(6.35)
DA103MC
XYYWW
DA101C
XYYWW
1
3
6
4
1
3
6
4
2
5
Top View
Top View
SOLDERING INFORMATION1
Pin finish
Bright tin
Peak wave solder temperature
300˚C for 10 seconds
Peak reflow temperature
220˚C
1 For further information, please visit www.murata-ps.com/rohs
0.10 (2.54)
0.10 (2.54)
Ø0.05 (1.20) +0.006 (0.15)
-0.000 (0.00)
6 Pin DIL
6 Pin SM
Unless otherwise stated all dimensions in inches (mm)
±0.01 (0.25). All pins on a 0.1 (2.54) pitch and within
±0.01 (0.25) of true position
.
Unless otherwise stated all dimensions in inches (mm) ±0.01 (0.25).
All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position
.
Package Weight 0.93g Typ.
TUBE OUTLINE DIMENSIONS
0.023±0.005
(0.60±0.15)
0.16 (4.00)
0.22 (5.50)
0.43
(10.95)
0.51
(12.95)
0.15
(3.80)
0.62 (15.70)
Unless otherwise stated all
dimensions in inches (mm)
±0.01 (0.25).
Tube length: 18.3±0.08
(465±2).
Tube material: Antistatic coated
clear pvc.
0.45
(11.50)
0.10 (2.54)
0.04
(1.00)
0.06 (1.60)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com