Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78250MVC-R Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # 78250MVC-R
Description  MAX250 Compatible Converter Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

78250MVC-R Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  78250MVC-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 78250MVC-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 78250MVC-R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KMP_78250C_C02 Page 3 of 3
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
78250 Series
MAX250 Compatible Converter Transformers
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
TAPE & REEL SPECIFICATIONS
REEL OUTLINE DIMENSIONS
TAPE OUTLINE DIMENSIONS
1.20
(30.4) Max.
0.94-1.08 (23.9-27.4)
0.53 (13.50)
0.50 (12.80)
0.059 (1.50)
Min.
2.36 (60) Min.
0.80 (20.20) Min.
3.9 (100)
Min.
Leader section
15.7 (400) Min.
Goods
enclosure
section
Trailer section
6.3 (160) Min.
Ø15.039 (382) Max.
Ø
Ø
*
0.96 (24.4)
1.04 (26.4)
Unless otherwise stated all
dimensions in inches (mm) ±0.01(0.25).
* Includes flange distortion at outer edge.
Measured at hub.
0.024 (0.60) Max.
0.283 (7.20)
0.369 (9.37)
Direction of unreeling
0.069 (1.75)
0.157 (4.00)
0.079 (2.00)
0.472 (12.00)
Cover tape
0.059
(1.50
)
+0.004
-0.000
+0.10
-0.00
Unless otherwise stated all
dimensions in inches (mm) ±0.01(0.25).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com