Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWHM10M-R100 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # PWHM10M-R100
Description  5W TO 50 WATT POWER RESISTORS CERAMIC ENCASED, RADIAL LEADS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

PWHM10M-R100 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  PWHM10M-R100 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5W TO 50 WATT POWER RESISTORS
CERAMIC ENCASED, RADIAL LEADS
PWLL & PWH SERIES
Low cost, fireproof construction
0.1
Ω to 150KΩ, ±5% is standard (0.5% to 10% avail.)
OPTIONS
Option X: Non-Inductive
Option P: Increased pulse capability
Option G: 1/4x.032” male fast-on terminals (PWH & PWHM15-50)
RESISTORS CAPACITORS COILS DELAY LINES
PWLL and PWH resistors are designed for general purpose and
semi-precision power applications. The ceramic construction is
fireproof and resistant to moisture & solvents. The internal element
is wirewound on lower values, power film on higher values
(depending on options, e.g. opt. P parts are always WW). If a
specific construction is preferred, specify opt.’WW’ for wirewound,
opt.’M’ for power film (not available in all values).
PERFORMANCE (typ.)
PWHM (PWH with metal mounting bracket)
P2
.156± .032
[4 ± .8]
P3
P1
.12 [3]
.086 [2.2]
Note: for unbent flange
specify opt.U (add .12”
[3mm] to dim P2)
* Tightened TC’s available, consult factory
L
PWLL
→ ←
↑
↓
H
P2
P3
P1
→ ←
LS
12
12
12
12
12
12
12
12
Suggested Mounting Holes:
5 to10W =.032 [.8] W x .07[1.8] L
15 to 25W = .040 [1] W x .13 [3.3] L
.020 ± .005
[.508 ± .127]
← W →
PWH
1 Max voltage determined by E=(PR)1/2, E not to exceed MCWV (increased voltage levels avail).
2 When mounted on suitable heatsink, PWHM wattage may be increased by 25% (use thermal grease)
3 PW5LL,7LL,10LL also avail. with 15 or 25mm standoff terminals (specify opt.15 or 25); PW15LL & 25LL avail. with 10.5mm or 30mm, specify options 10 or 30.
4 1.39”[35mm] avail., specify opt. 35
LS
↑
↓
H
.31[8]
min.
L
Opt.G 1/4x.032 male terminals
avail. on PWH & PWHM15-50
↓
D
C
R
e
p
y
T
e
g
a
t
t
a
W
)
C
°
5
2
(
.
s
i
s
e
R
e
g
n
a
R
.
t
n
o
C
.
x
a
M
g
n
i
k
r
o
W
e
g
a
t
l
o
V
1
m
m
(
h
c
n
I
:
S
N
O
I
S
N
E
M
I
D
)
)
x
a
m
(
Lx
a
m
(
W
)
H)
x
a
m
(LS
1
P2
P3
P
3
]
5
.
1
[
6
0
.
±
5
L
L
W
P
51
.
Ω
K
0
5
-0
5
3]
8
2
[
0
1
.
1]
5
.
0
1
[
3
1
4
.]
5
.
0
1
[
3
1
4
.]
5
.
1
±
5
1
[
6
0
.
±
9
5
.]
5
2
.
±
4
.
1
[
1
0
.
±
5
5
0
.n
i
m
]
8
.
2
[
1
1
.]
5
.
0
1
[
3
1
4
.
3
7
L
L
W
P
71
.
Ω
K
0
0
1
-0
0
5]
6
3
[
2
4
.
1]
5
.
0
1
[
3
1
4
.]
5
.
0
1
[
3
1
4
.]
5
.
1
±
5
.
2
2
[
6
0
.
±
9
8
.]
5
2
.
±
4
.
1
[
1
0
.
±
5
5
0
.n
i
m
]
8
.
2
[
1
1
.]
5
.
0
1
[
3
1
4
.
3
0
1
L
L
W
P
0
12
.
Ω
K
0
0
1
-0
0
7]
9
4
[
3
9
.
1]
5
.
0
1
[
3
1
4
.]
5
.
0
1
[
3
1
4
.6
0
.
±
6
2
.
1
4
]
5
.
1
±
2
3
[]
5
2
.
±
4
.
1
[
1
0
.
±
5
5
0
.n
i
m
]
8
.
2
[
1
1
.]
5
.
0
1
[
3
1
4
.
3
5
1
L
L
W
P
5
15
.
Ω
K
0
0
1
-0
5
7]
5
.
9
4
[
5
9
.
1]
5
.
3
1
[
2
3
5
.]
5
.
3
1
[
2
3
5
.]
2
±
2
3
[
8
0
.
±
6
2
.
1]
3
.
±
5
7
.
2
[
2
1
0
.
±
8
0
1
.n
i
m
]
8
.
3
[
5
1
.]
5
1
[
1
9
5
.
3
5
2
L
L
W
P
5
25
.
Ω
K
0
0
1
-0
0
0
1]
5
.
4
6
[
4
5
.
2]
5
1
[
1
9
5
.]
5
1
[
1
9
5
.]
2
±
5
4
[
8
0
.
±
7
7
.
1]
3
.
±
5
7
.
2
[
2
1
0
.
±
8
0
1
.n
i
m
]
8
.
3
[
5
1
.]
5
1
[
1
9
5
.
3
0
1
M
H
W
P
,
0
1
H
W
P0
1
2
5
.
Ω
K
0
5
-0
0
7]
0
5
[
7
9
.
1]
0
.
1
1
[
3
3
4
.]
5
.
2
1
[
3
7
4
.0
3
.
18
0
.
±3
3
[± ]
20
7
4
.0
.
±2
1
[
41
±]
2
2
.0
.
±5
.
5
[
41
±]
]
7
[
5
7
2
.
5
1
M
H
W
P
,
5
1
H
W
P5
1
2
5
.
Ω
K
0
5
1
-0
5
7]
0
5
[
7
9
.
1]
5
.
3
1
[
1
3
5
.]
5
.
4
1
[
2
7
5
.0
3
.
18
0
.
±3
3
[± ]
20
7
4
.0
.
±2
1
[
41
±]
4
2
.0
.
±6
[
41
±]
8
[
5
1
3
.]
5
2
M
H
W
P
,
5
2
H
W
P5
2
2
5
.
Ω
K
0
5
1
-0
0
0
1]
5
6
[
6
5
.
2]
2
.
5
1
[
8
9
5
.]
5
1
[
1
9
5
.7
7
.
12
1
.
±5
4
[± ]
30
7
4
.0
.
±2
1
[
41
±]
4
2
.0
.
±6
[
41
±]
8
[
5
1
3
.]
0
4
M
H
W
P
,
0
4
H
W
P0
4
2
1
Ω K
2
-0
0
0
1]
7
7
[
3
0
.
3]
0
.
0
2
[
7
8
7
.]
5
.
1
2
[
7
4
8
.7
1
.
28
0
.
±5
5
[± ]
39
6
.0
.
±5
.
7
1
[
41
±]
8
2
.0
.
±7
[
65
.
1
±]
]
0
1
[
4
9
3
.
0
5
M
H
W
P
,
0
5
H
W
P0
5
2
1
Ω K
2
-0
0
0
1]
2
9
[
2
6
.
3]
0
.
0
2
[
7
8
7
.]
5
.
1
2
[
7
4
8
.2
7
.
22
1
.
±9
6
[± ]
39
6
.0
.
±5
.
7
1
[
41
±]
8
2
.0
.
±7
[
65
.
1
±]
]
0
1
[
4
9
3
.
e
r
u
t
a
r
e
p
m
e
T
f
e
o
C
0
0
1
T
o
t
5
2
T
1
Ω
e
v
o
b
a
&*
x
a
m
m
p
p
0
0
3
,
.
p
y
t
C
°
/
m
p
p
0
0
1
1
w
o
l
e
B
Ω
*
.
x
a
m
m
p
p
0
0
6
,
.
p
y
t
C
°
/
m
p
p
0
0
2
.
p
m
e
T
g
n
it
a
r
e
p
O5
5
-
°
)
li
a
v
a
C
°
5
7
2
(
C
°
5
3
2
+
o
t
h
t
g
n
e
r
t
S
l
a
n
i
m
r
e
Tm
u
m
i
n
i
m
.
s
b
l
5
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
DV
0
0
0
1
(
d
a
o
l
r
e
v
o
.
c
e
S
5
≤1
)
V
x
a
m
x
5
.)
X
5
=
W
W
.
t
p
O
(
e
g
a
t
t
a
w
d
e
t
a
r
X
3
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
0
.
3
e
r
u
s
o
p
x
E
.
p
m
e
T
h
g
i
H%
0
.
1
)
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
0
.
3
g
n
il
c
y
C
e
r
u
t
a
r
e
p
m
e
T%
0
.
2
n
o
it
a
r
b
i
V
d
n
a
k
c
o
h
S%
0
.
1
s
t
r
a
p
d
r
a
d
n
a
t
s
(
e
c
n
a
t
c
u
d
n
I
X
.
t
p
o
y
f
i
c
e
p
s
,
e
v
it
c
u
d
n
i
e
r
a
e
c
n
a
t
c
u
d
n
i
w
o
l
r
o
f
)
n
o
i
s
r
e
v
:
r
e
ll
a
m
s
&
W
5
2
X
.
t
p
O
≤ 0
5
Ω
,
x
a
m
H
u
3
.
0
=
0
5
>
Ω
.
x
a
m
H
u
6
.
0
=
:
r
e
g
r
a
l
&
W
0
3
X
.
t
p
O
≤ 0
5
Ω
,
x
a
m
H
u
1
=
0
5
>
Ω
.l
i
a
v
a
.
c
u
d
n
i
d
e
c
u
d
e
R
.
)
x
a
m
H
u
2
=
e
s
i
R
e
r
u
t
a
r
e
p
m
e
T
0
4
1
o
t
0
0
10
0
2
,
r
e
w
o
p
d
e
t
a
r
%
0
5
t
a
p
y
t
C
°
r
e
w
o
p
d
e
t
a
r
ll
u
f
t
a
p
y
t
C
°
0
5
2
o
t
g
n
it
a
r
e
D
y
b
e
g
a
tl
o
v
d
n
a
e
g
a
t
t
a
w
e
t
a
r
e
D
/
%
8
4
.C
°
5
2
e
v
o
b
a
C
°
FA051D
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible
.10 [2.5]
dia. typ.
→
←
→
←
→
←
→
←
→
←
←W→
.24 [6]
P/N DESIGNATION:
PWH 10
- 102 - J B W
Options: X, WW, P, M, G, 10, 15, 25, 30 (leave blank if std)
RCD Type (PWLL, PWH, PWHM)
Tolerance: D=0.5%,F=1%,G=2%,J=5%(std),K=10%
Packaging: B = Bulk (standard)
Wattage
Resis.Code .5%-1%: 3 signif. figures & multiplier,
e.g. R100=0.1
Ω,1R00=1Ω,10R0=10Ω,1000=100Ω,1001=1K
Resis.Code 2%-10%: 2 signif. figures & multiplier,
e.g. R10=0.1
Ω, 1R0=1Ω, 100=10Ω, 101=100Ω,102=1K, etc.
Termination: W= Lead-free, Q= Tin/Lead, leave blank if either is acceptable
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
49
5 - 10W= 10.5mm (15 & 25mm avail.)
3
15 - 25W= 15mm (10.5 & 30mm avail.)
3
↓
↑


Similar Part No. - PWHM10M-R100

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PWH01NBT-C0 UTC-PWH01NBT-C0 Datasheet
246Kb / 4P
WHITE HIGH POWER LED
logo
TT Electronics.
PWHW TTELEC-PWHW Datasheet
353Kb / 2P
Flameproof package
More results

Similar Description - PWHM10M-R100

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
LVF5X-R010-K RCD-LVF5X-R010-K Datasheet
35Kb / 1P
PRECISION 4-TERMINAL RESISTORS, 2- TO 20-WATT CERAMIC ENCASED
PW10X-R100 RCD-PW10X-R100 Datasheet
39Kb / 1P
GENERAL PURPOSE 1W TO 25W CERAMIC-ENCASED RESISTORS
TP05-1R00-DBW RCD-TP05-1R00-DBW Datasheet
61Kb / 1P
HIGH POWER PLANAR RESISTORS, 5W to 100W
logo
List of Unclassifed Man...
RQA02 ETC-RQA02 Datasheet
600Kb / 2P
Ceramic Encased Wire Wound Resistors
RQB05 ETC-RQB05 Datasheet
711Kb / 2P
Ceramic Encased Wire Wound Resistors
RQL10 ETC-RQL10 Datasheet
619Kb / 2P
Ceramic Encased Wire Wound Resistors
RQR02 ETC-RQR02 Datasheet
687Kb / 2P
Ceramic Encased Wire Wound Resistors
logo
Vishay Siliconix
RH VISHAY-RH Datasheet
93Kb / 4P
Heatsink Encased Wirewound Power Resistors
24-Feb-14
logo
RENCO ELECTRONICS, INC.
RL-8064-1 RENCO-RL-8064-1 Datasheet
1Mb / 3P
ENCASED RADIAL CHOKE COIL
logo
Vishay Siliconix
RH5 VISHAY-RH5 Datasheet
123Kb / 5P
Heatsink Encased Wirewound Power Resistors
07-Dec-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com