Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM-1.2 Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # LSM-1.2
Description  Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT 10 Amp DC/DC?셲 in SMT Packages
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM-1.2 Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button LSM-1.2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSM-1.2 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSM-1.2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSM-1.2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSM-1.2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LSM-1.2 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LSM-1.2 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LSM-1.2 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LSM-1.2 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
0.51(13.0)
7.38 (187.5)
13.0 (330.2)
2.44
(62.0)
DATEL's new-generation LSM SMT DC/DC converters are shipped in quantities of 150 modules per tape and reel.
Figure 8. Reel Dimensions
Figure 7. Tape Dimensions
CAUTION
PRESS TO REMOVE
THE HEAT SHIELD
AFTER THE SOLDER
PROCESS.
NOTCH IN SHELL
INDICATES
PIN ONE.
0.158
(4)
CENTERED
PICK UP
LOCATION
2.205
(56)
2.063
(52.4)
FEED
DIRECTION
1.370
(34.8)
1.102
(28)
0.605
(15.36)
TAPE
0.590
(14.97)
DIMENSIONS
IN INCHES (mm)
1
1
1
03/05/08
LSM-10A D3 Models
Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT
10 Amp DC/DC’s in SMT Packages
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Tucson (Az), Tel: (800) 547 2537, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSM-10A D3.B01 Page 13 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com