Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM-EB Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LSM-EB
Description  10 Amp DC/DC Power Converter Evaluation Boards
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM-EB Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LSM-EB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LSM-EB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LSM-EB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSM-EB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSM-EB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
Features
Designed to ease the evaluation of today's subminiature surface-mount technol-
ogy (SMT) 10 Amp single output DC/DC power converters, DATEL's LSM-EB
series includes twenty four models for all popular logic family output voltages and
common input power voltages. Each LSM-EB model consists of a 4.31-inch square
circuit board including a DATEL LSM-series surface mounted DC/DC converter,
input/output banana jacks, trim circuits and various passive components.
Rather than hand wiring to small mounting pads, the user can more accurately
test real world electrical and thermal performance on a mounting board with a full
ground plane and input Pi filter. The circuit board is mounted on four removable
one-inch standoffs threaded for 4-40 screw attachment.
The heart of the LSM-EB evaluation board is DATEL's advanced single output
non-isolated LSM series DC/DC converter. Running from either 3.3 Volt, 5 Volt or
12 Volt DC input power, the LSM series provides high quality point-of-load (POL)
output power for CPU's, memory systems, microcontrollers and large array logic.
See DATEL's LSM Series data sheet for full information.
Rapid evaluation of DATEL LSM series
10 Amp DC/DC converters
Twenty-four models ranging from 0.8V
to 5V single outputs at 10 Amps max.
Ideal for mixed logic families.
For CPU, logic array and custom
controller applications
Avoids initial user development of
SMT mounting systems while offering
realistic evaluation of a surface-mounted
converter
Rugged banana jack I/O connections
plus input Pi L-C filter
Provision for external shut-down control
inputs and trim circuit evaluation
Includes test points for oscilloscope
evaluation of performance
ON/OFF
CONTROL
TRIM
GND
J1
R3
R4
1
2
3
ON/OFF CONTROL
J1 THRU J4
ARE BANANA JACKS
DIP SWITCH, SW1
OPEN
CLOSED
TRIM DOWN
TRIM UP
PIN 2
5
6
4
3
1
2
PIN 3
J2
J3
J4
C4
33μF
L1
1μH
C5
33μF
++
+
+
C2
22μF
C1
22μF
+VOUT
+VOUT
–VOUT
+VIN
+VIN
–VIN
+SENSE
LSM-EB Series
10 Amp DC/DC Power Converter Evaluation Boards
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
MDC_LSM_EB.B01 Page 1 of 5


Similar Part No. - LSM-EB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSM-0.75/16-D12 MURATA-LSM-0.75/16-D12 Datasheet
372Kb / 12P
Non-Isolated, 13-80W SMT DC/DC Converters
LSM-0.75/16-W3 MURATA-LSM-0.75/16-W3 Datasheet
350Kb / 12P
Non-Isolated, Wide Input SMT DC/DC Converters
LSM-0.8 MURATA-LSM-0.8 Datasheet
428Kb / 13P
Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT 10 Amp DC/DC?셲 in SMT Packages
LSM-0.8/10-D5-C MURATA-LSM-0.8/10-D5-C Datasheet
400Kb / 13P
Single Output, Non-Isolated, 5VIN, 0.8-3.3VOUT, 10A, DC/DCs in SMT Packages
LSM-1 MURATA-LSM-1 Datasheet
428Kb / 13P
Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT 10 Amp DC/DC?셲 in SMT Packages
More results

Similar Description - LSM-EB

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
logo
Murata Manufacturing Co...
LSS-T10-W12 MURATA-LSS-T10-W12 Datasheet
600Kb / 8P
Adjustable Output 10 Amp SIP-mount DC/DC Converter
logo
SynQor Worldwide Headqu...
PQ60050EML10 SYNQOR-PQ60050EML10 Datasheet
753Kb / 13P
10 Amp, No Heatsink, Isolated DC/DC Converter
logo
AIMTEC
AM10EW-Z AIMTEC-AM10EW-Z Datasheet
285Kb / 3P
10 Watt | DC-DC Converter
AM10TW-Z AIMTEC-AM10TW-Z Datasheet
314Kb / 3P
10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z_13 Datasheet
502Kb / 4P
10 Watt | DC-DC Converter
AM10TW-Z AIMTEC-AM10TW-Z_13 Datasheet
218Kb / 3P
10 Watt | DC-DC Converter
logo
RSG Electronic Componen...
LCD10W RSG-LCD10W Datasheet
116Kb / 3P
10 WATTS DC-DC CONVERTER
logo
AIMTEC
AM10T-I-Z AIMTEC-AM10T-I-Z Datasheet
270Kb / 3P
10 Watt | DC-DC Converter
logo
Vicor Corporation
PI31XX-XX-EVAL1 VICOR-PI31XX-XX-EVAL1 Datasheet
2Mb / 14P
DC-DC Converter Evaluation Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com