Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM-2/10-D3EB Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # LSM-2/10-D3EB
Description  10 Amp DC/DC Power Converter Evaluation Boards
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM-2/10-D3EB Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  LSM-2/10-D3EB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LSM-2/10-D3EB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LSM-2/10-D3EB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSM-2/10-D3EB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSM-2/10-D3EB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Ordering Guide
All Evaluation Board models have 10 Amp maximum output current and
use identical mounting and pad numbering. Three input voltages (3.3V, 5V
and 12V) are offered. DATEL will review special or custom versions of other
voltages for scheduled quantity applications.
Model Number
DC Output Voltage
DC Input Range
LSM-0.8/10-D3EB
0.8 Volts
3 to 3.6 Volts
LSM-0.8/10-D5EB
0.8 Volts
4.5 to 5.5 Volts
LSM-0.8/10-D12EB
0.8 Volts
10 to 14 Volts
LSM-1/10-D3EB
1.0 Volts
3 to 3.6 Volts
LSM-1/10-D5EB
1.0 Volts
4.5 to 5.5 Volts
LSM-1/10-D12EB
1.0 Volts
10 to 14 Volts
LSM-1.2/10-D3EB
1.2 Volts
3 to 3.6 Volts
LSM-1.2/10-D5EB
1.2 Volts
4.5 to 5.5 Volts
LSM-1.2/10-D12EB
1.2 Volts
10 to 14 Volts
LSM-1.5/10-D3EB
1.5 Volts
3 to 3.6 Volts
LSM-1.5/10-D5EB
1.5 Volts
4.5 to 5.5 Volts
LSM-1.5/10-D12EB
1.5 Volts
10 to 14 Volts
Model Number
DC Output Voltage
DC Input Range
LSM-1.8/10-D3EB
1.8 Volts
3 to 3.6 Volts
LSM-1.8/10-D5EB
1.8 Volts
4.5 to 5.5 Volts
LSM-1.8/10-D12EB
1.8 Volts
10 to 14 Volts
LSM-2/10-D3EB
2.0 Volts
3 to 3.6 Volts
LSM-2/10-D5EB
2.0 Volts
4.5 to 5.5 Volts
LSM-2/10-D12EB
2.0 Volts
10 to 14 Volts
LSM-2.5/10-D3EB
2.5 Volts
3 to 3.6 Volts
LSM-2.5/10-D5EB
2.5 Volts
4.5 to 5.5 Volts
LSM-2.5/10-D12EB
2.5 Volts
10 to 14 Volts
LSM-3.3/10-D5EB
3.3 Volts
4.5 to 5.5 Volts
LSM-3.3/10-D12EB
3.3 Volts
10 to 14 Volts
LSM-5/10-D12EB
5.0 Volts
10 to 14 Volts
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
04/24/08
LSM-EB Series
10 Amp DC/DC Power Converter Evaluation Boards
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSM_EB.B01 Page 5 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com