Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSF2B-R100-FT Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # RSF2B-R100-FT
Description  METAL OXIDE RESISTORS, 1/2W to 9W
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

RSF2B-R100-FT Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  RSF2B-R100-FT Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RCD‘s oxide film resistors are ideally suited for medium-power
applications. Surge levels exceed that of other film constructions. A
thick complex-oxide material is deposited on a ceramic core for
optimum heat dissipation, low inductance, and high stability even
after extended periods. Series RMF (mini version) utilizes highest
grade cores and special processing for increased power density.
Flameproof coating offers excellent environmental protection and is
resistant to solvents and humidity. Available bulk or T&R (5Kpcs/reel
RMF1/2, 2.5Kpcs RSF1A, 2Kpcs RSF1B & RMF1, 1Kpcs RSF2B &
RMF3, 500pcs RSF3B-7B & RMF5-7).
Low cost! Delivery from stock (standard E-24 values, 5%)
Flameproof construction (UL94V-0)
0.1
Ω to 1 Meg, standard tolerances: ±1%, ±2%, ±5%
All sizes avail. on horizontal tape, ½-3W avail. on vertical tape
Options include increased voltages, custom marking, cut &
formed leads, Sn-Pb solder leads (Opt. Q), high pulse (Opt. P), etc.
TYPICAL PERFORMANCE CHARACTERISTICS
1 Rated continuous working voltage determined by E=(PR)1/2, E not to
exceed max voltage rating. Increased ratings avail.
2 Peak voltage is for Opt.P (derate 50% for std parts), single & infrequent pulses
(derate 30-50% for frequent pulses), based on 1uS pulse duration (derate 10-30%
for longer pulses). Pulse to be
≤≤≤≤≤ peak wattage and ≤≤≤≤≤peak voltage rating. Average
pulse power to be
≤≤≤≤≤watt rating. Consult factory for assistance, verify samples.
* Dim. H is for bulk pack, taped leads may be shorter (refer to taping spec). Non-std lengths and cut&form avail
RESISTORS CAPACITORS COILS DELAY LINES
D
L
H*
d
METAL OXIDE RESISTORS, 1/2W to 9W
RSF SERIES- Standard
RMF SERIES- Miniature
Stock
Stock
Stock
S
E
I
R
E
S
F
S
R
We
g
a
t
t
a
.
x
a
M
e
g
a
t
l
o
V
g
n
i
t
a
R
1
P
.
t
p
O
k
a
e
P
e
s
l
u
P
e
g
a
t
l
o
V
2
d
r
a
d
n
a
t
S
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
2
3
0
.
±
L
]
8
.
[
5
2
0
.
±
D
]
6
.
[
4
0
0
.
±
d
]
1
.
[
)
.
n
i
M
(
*
H
C
°
5
2C
°
0
7
A
1
F
S
R
W
0
.
1
W
7
.
0
V
0
0
3
V
K
2
1
.
0
Ω
M
1
o
t
]
9
[
4
5
3
.
]
4
.
3
[
5
3
1
.
]
5
6
.
[
5
2
0
.
]
4
2
[
5
4
9
.
B
1
F
S
RW
5
.
1W
0
.
1V
0
5
3V
K
5
.
21
.
0
Ω
M
1
o
t]
1
1
[
3
3
4
.]
2
.
4
[
5
6
1
.]
8
.
[
1
3
0
.]
4
2
[
5
4
9
.
B
2
F
S
R
W
0
.
3
W
0
.
2
V
0
5
3
V
K
3
1
.
0
Ω
M
1
o
t
]
5
1
[
0
9
5
.
]
4
.
5
[
2
1
2
.
]
8
.
[
1
3
0
.
]
7
2
[
6
0
.
1
B
3
F
S
R
W
0
.
5
W
0
.
3
V
0
0
5
V
K
5
.
4
7
4
.
0
Ω
M
1
o
t
]
1
.
4
2
[
0
5
9
.
]
1
.
8
[
0
2
3
.
]
8
.
[
1
3
0
.
]
7
.
1
3
[
5
2
.
1
B
5
F
S
RW
0
.
7W
0
.
5V
0
5
7V
K
65
.
0
Ω
K
0
4
2
o
t]
3
.
0
4
[
5
8
5
.
1]
1
.
8
[
0
2
3
.]
8
.
[
1
3
0
.]
5
3
[
5
7
3
.
1
B
7
F
S
RW
0
.
9W
0
.
7V
0
0
8V
K
80
.
2
Ω
K
0
1
5
o
t]
8
.
2
5
[
0
8
0
.
2]
1
.
8
[
0
2
3
.]
8
.
[
1
3
0
.]
5
3
[
5
7
3
.
1
S
E
I
R
E
S
F
M
R
e
g
a
t
t
a
W
g
n
i
t
a
R
x
a
M
e
g
a
t
l
o
V
g
n
i
t
a
R
1
k
a
e
P
P
.
t
p
O
e
s
l
u
P
e
g
a
t
l
o
V
2
d
r
a
d
n
a
t
S
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
]
8
.
[
2
3
0
.
±
L]
6
.
[
5
2
0
.
±
D
4
0
0
.
±
d
]
1
.
[
)
.
n
i
M
(
*
H
2
/
1
F
M
RC
°
0
7
@
W
5
.V
0
5
2V
K
21
.
0
Ω
K
0
1
5
-]
5
3
.
6
[
0
5
2
.]
3
.
2
[
0
9
0
.]
6
.
[
4
2
0
.]
4
2
[
5
4
9
.
1
F
M
RC
°
0
7
@
W
1V
0
0
3V
K
5
.
21
.
0
Ω M
1
-]
3
5
.
9
[
5
7
3
.]
4
.
3
[
5
3
1
.]
6
.
[
4
2
0
.]
4
2
[
5
4
9
.
2
F
M
RC
°
0
7
@
W
2V
0
5
3V
K
31
.
0
Ω M
1]
4
.
1
1
[
0
5
4
.]
1
.
4
[
2
6
1
.]
8
.
[
1
3
0
.]
4
2
[
5
4
9
.
3
F
M
RC
°
0
7
@
W
3V
0
5
3V
K
5
.
31
.
0
Ω M
1
-]
2
.
5
1
[
8
9
5
.]
4
.
5
[
3
1
2
.]
8
.
[
1
3
0
.]
7
.
1
3
[
5
2
.
1
5
F
M
RC
°
0
7
@
W
5V
0
0
5V
K
57
4
.
0
Ω M
1
-]
1
.
4
2
[
0
5
9
.]
5
.
8
[
5
3
3
.]
8
.
[
1
3
0
.]
5
3
[
5
7
3
.
1
S
5
F
M
RC
°
5
2
@
W
5V
0
0
5V
K
47
4
.
0
Ω M
1
-]
6
.
7
1
[
5
9
6
.]
4
.
6
[
0
5
2
.]
8
.
[
1
3
0
.]
7
.
1
3
[
5
2
.
1
7
F
M
RC
°
5
2
@
W
7V
0
0
5V
K
57
4
.
0
Ω M
1
-]
1
.
4
2
[
0
5
9
.]
5
.
8
[
5
3
3
.]
8
.
[
1
3
0
.]
5
3
[
5
7
3
.
1
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T.
x
a
M
0
0
2
±
,
.
p
y
T
m
p
p
0
0
1
±
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
IM
0
0
0
,
0
1
Ω
.
n
i
M
)
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
LF
S
R
%
2
±
0
7
F
S
R
%
3
±
,
5
2
F
M
R
%
3
±
,
d
a
o
l
r
e
v
O
e
m
i
T
-
t
r
o
h
SV
d
e
t
a
r
x
2
e
t
n
,
S
5
,
W
d
e
t
a
r
x
5
.
2
g
n
il
c
y
C
e
r
u
t
a
r
e
p
m
e
T%
0
.
1
±
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
0
.
2
±
n
o
i
t
a
r
b
i
V
d
n
a
k
c
o
h
S%
2
.
0
±
g
n
i
r
e
d
l
o
S
f
o
t
c
e
f
f
E%
5
.
0
±
t
n
e
i
c
i
f
f
e
o
C
e
g
a
t
l
o
VV
/
%
1
0
0
.
e
s
i
o
N
t
n
e
r
r
u
C1
.
<
µ
e
d
a
c
e
d
/
V
/
V
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D)
W
2
<
s
e
z
i
s
V
0
5
3
(
V
0
0
5
g
n
i
k
r
a
M
d
r
a
d
n
a
t
S
)
l
i
a
v
a
g
n
i
k
r
a
m
m
o
t
s
u
c
(
h
t
i
w
d
e
p
m
a
t
s
r
o
d
e
d
n
a
b
r
o
l
o
C
m
u
m
i
n
i
m
s
a
l
o
t
&
e
u
l
a
v
.
s
i
s
e
r
h
t
g
n
e
r
t
S
l
a
n
i
m
r
e
T)
m
u
m
i
n
i
m
(
ll
u
p
d
n
u
o
p
5
e
g
n
a
R
p
m
e
T
g
n
i
t
a
r
e
p
O)
F
M
R
C
°
0
0
2
+
(
C
°
5
3
2
+
o
t
5
5
-
OPTION P PULSE CAPABILITY (single or infrequent pulse)2
10KW
1KW
100W
10W
1uS
10uS
100uS
1mS
10mS
100mS
RMF7P,RSF7BP
RMF3P,RSF3BP
RMF2P,RSF2BP
RMF1P
RMF1/2P
RSF1AP
FA052C
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
1
2
3
4
5
6
7
8
9
10
240
180
120
60
0
RSF1A
RSF1B
RSF2B
RSF3B
RSF5B
RSF7B
APPLIED WATTAGE
25
50
75
100 125 150 175 200 225 250
100
75
50
25
0
AMBIENT TEMPERATURE (°C)
70
1
2
3
4
5
6
7
8
9
10
240
180
120
60
0
RMF
½
RMF1
RMF2 RMF3
RMF5S
APPLIED WATTAGE
RMF5 RMF7
25
50
75
100 125 150 175 200 225 250
100
75
50
25
0
AMBIENT TEMPERATURE (°C)
70
RMF1/2 to RMF5
RMF5S
& RMF7
RSF1A to RSF7B
64
P/N DESIGNATION:
RSF2B
- 101
- J
T W
RCD Type
Packaging: B = Bulk, T = Horizontal Tape & Reel ,
APN=Vertical Tape & Box (available up to 3W size)
Tolerance Code: J=5% (std), G=2%, F=1%
Resis.Code 1%: 3 signif. figures & multiplier,
(R100=.1
Ω,1R00=1Ω,10R0=10Ω,1000=100Ω,1001=1K,1004=1M)
Resis.Code 2%-10%: 2 signif. figures & multiplier,
(R10=0.1
Ω, 1R0=1Ω,100=10Ω, 101=100Ω, 102=1K, 105=1M)
Option Codes: leave blank if standard
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - RSF2B-R100-FT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSF2 ETC2-RSF2 Datasheet
209Kb / 4P
Lower-cost alternative to carbon comps and wirewounds
RSF2 ETC2-RSF2 Datasheet
205Kb / 4P
General Purpose Metal Oxide Resistor
logo
Stackpole Electronics, ...
RSF2 SEI-RSF2 Datasheet
597Kb / 9P
General Purpose Metal Oxide Resistor
3/3/2022
logo
Cynergy3 Co
RSF20 CYNERGY3-RSF20 Datasheet
58Kb / 1P
Low level switch for boiling water
logo
List of Unclassifed Man...
RSF200 ETC1-RSF200 Datasheet
46Kb / 2P
FLAME-PROOF TYPE
More results

Similar Description - RSF2B-R100-FT

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
METAL OXIDE FILM RESISTORS
logo
IRC - a TT electronics ...
MO-11001JLF IRCTT-MO-11001JLF Datasheet
459Kb / 1P
METAL OXIDE RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
Metal Oxide Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
Metal (Oxide) Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com