Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPDTH03050WAS Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # MPDTH03050WAS
Description  Adjustable Non-isolated 6-Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MPDTH03050WAS Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  MPDTH03050WAS Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MPDTH03050WAS Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MPDTH03050WAS Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MPDTH03050WAS Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MPDTH03050WAS Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MPDTH03050WAS Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MPDTH_50 Series.A08 Page 1 of 6
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPDTH***50 Series
Adjustable Non-isolated 6-Amp
POLA DC/DC Converters
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
 
Typical units
FEATURES
„ Compatible to Point-of-Load Alliance (POLA) Specifications
„ Surface-mount or through-hole small footprint package
„ Three user-selectable output voltage ranges covering 0.8V
to 5.5V
„ Outline dimensions less than one square inch
„ 3.3V, 5V and 12 Vdc nominal inputs
„ High efficiency up to 95% typical
„ Tracking input for sequenced startup/shutdown
„ Outstanding thermal performance and derating
„ -40 to +85 degrees Celsius operating range
„ Extensive self-protection, voltage limits and short circuit
features
„ On/Off control, trim and pre-bias start-up functions
The MPDTH series non-isolated DC/DC power modules are small in size but big
on performance and flexibility. Their high output current, compact footprint and
industry-leading features offer system designers versatile modules for powering
complex multi-processor digital systems. Standard inputs are 3.3V., 5V. or 12
Volts DC nominal.
Two mounting styles are offered, either a pinned through-hole model with
slightly lower height or a surface mount model, both with identical length and
width. Respective models all share the same pinout and comply with the POLA
DC/DC converter standard.
The output voltage is adjustable in three ranges from 0.8 V. to 5.5 V and can
be set with a single external resistor. The series also includes Auto-Track
sequencing, enabling modules to track each other’s output voltage in multi-
powered systems during power-up and power-down.
Other operating features include a remote on/off control and the ability to start
up into an existing (prebias) output voltage. Extensive self-protection features
include input under-voltage lockout (UV), output short circuit protection and
output overcurrent shutdown (OC) using an automatic restart. All models meet
RoHS6 hazardous substance compliance.
DESCRIPTION
External
DC Power
Source
Track Input
F1
C1: 100μF
C2: 10μF
ceramic
C3: 10μF
Inhibit
On/Off
MPDTH_50
Series
Ground
1
2
3
4
5
6
Open = On
Closed = Off
D1
+Vin
+Vout
VoAdj (Trim)
Figure 1. Connection Diagram
Notes:
1. Murata Power Solutions strongly recommends an external fuse, F1. Fuse rating = 2 x Iin max.
2. Consider using diode D1 to blow the fuse in case of reversed polarity.
3.
C1: 100μF/25V, aluminum electrolytic capacitor, required for all models.
C2: 10μF/25V, ceramic capacitor, required for MPDTH12050 models.
C3: 10μF ceramic, recommended for all models. Voltage rating ≥ 2 x Vout.
4. Track input is referred to ground.
5. See trim information for RSet.


Similar Part No. - MPDTH03050WAS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MPDTH03010WAH MURATA-MPDTH03010WAH Datasheet
151Kb / 6P
Adjustable Non-isolated 12/15-Amp POLA DC/DC Converters
MPDTH03010WAS MURATA-MPDTH03010WAS Datasheet
151Kb / 6P
Adjustable Non-isolated 12/15-Amp POLA DC/DC Converters
MPDTH03060WAH MURATA-MPDTH03060WAH Datasheet
177Kb / 6P
Adjustable Non-isolated 10-Amp POLA DC/DC Converters
MPDTH03060WAS MURATA-MPDTH03060WAS Datasheet
177Kb / 6P
Adjustable Non-isolated 10-Amp POLA DC/DC Converters
More results

Similar Description - MPDTH03050WAS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7556BC ELANTEC-EL7556BC Datasheet
322Kb / 13P
Integrated Adjustable 6 Amp Synchronous Switcher
logo
Intersil Corporation
EL7556B INTERSIL-EL7556B Datasheet
199Kb / 11P
Integrated Adjustable 6 Amp Synchronous Switcher
October 5, 2001
EL7556D INTERSIL-EL7556D Datasheet
243Kb / 11P
Integrated Adjustable 6 Amp Synchronous Switcher
August 1, 2005
logo
Murata Manufacturing Co...
MPDTH03010WAH MURATA-MPDTH03010WAH Datasheet
151Kb / 6P
Adjustable Non-isolated 12/15-Amp POLA DC/DC Converters
MPDTH03060WAH MURATA-MPDTH03060WAH Datasheet
177Kb / 6P
Adjustable Non-isolated 10-Amp POLA DC/DC Converters
logo
Murata Power Solutions ...
OKX-T3-D12 MURATA-PS-OKX-T3-D12 Datasheet
2Mb / 15P
Adjustable 3-Amp SIP Non-Isolated DC/DC Converters
OKX-T3-W5 MURATA-PS-OKX-T3-W5 Datasheet
750Kb / 15P
Adjustable 3-Amp SIP Non-Isolated DC/DC Converters
OKX-T5-D12 MURATA-PS-OKX-T5-D12 Datasheet
2Mb / 15P
Adjustable 5-Amp SIP Non-Isolated DC/DC Converters
OKX-T5-W5 MURATA-PS-OKX-T5-W5 Datasheet
847Kb / 13P
Adjustable 5-Amp SIP Non-Isolated DC/DC Converters
logo
Renesas Technology Corp
EL7556D RENESAS-EL7556D Datasheet
526Kb / 11P
Integrated Adjustable 6 Amp Synchronous Switcher
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com