Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPDTH05010WAS Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # MPDTH05010WAS
Description  Adjustable Non-isolated 12/15-Amp POLA DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MPDTH05010WAS Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  MPDTH05010WAS Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MPDTH05010WAS Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MPDTH05010WAS Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MPDTH05010WAS Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MPDTH05010WAS Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MPDTH05010WAS Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPDTH_10 Series.A04 Page 2 of 6
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPDTH***10 Series
Adjustable Non-isolated 12/15-Amp
POLA DC/DC Converters
SPECIFICATION SUMMARY AND ORDERING GUIDE
Output
Input (9)
Vout
Iout (Amps, Power
Ripple&Noise
Regulation
Vin nom.
Range
Efficiency
Package
Model Number
(Volts)
max.)
(Watts)
(mV pk-pk)
Line
Load
(Volts)
(Volts)
(%)
Case(inches)
Case(mm)
Type(2)
MPDTH03010WAH
0.8-2.5
15
37.5
20(6)
±1.25% ±1.5%
3.3
3-3.6
93(3)
1.37x0.62x0.35
34.80x15.75x9.0
TH
MPDTH03010WAS
0.8-2.5
15
37.5
20(6)
±1.25% ±1.5%
3.3
3-3.6
93(3)
1.37x0.62x0.38
34.80x15.75x9.57
SM
MPDTH05010WAH
0.8-3.6
15
54
30(7)
±1.25% ±1.5%
5.0
4.5-5.5
95(4)
1.37x0.62x0.35
34.80x15.75x9.0
TH
MPDTH05010WAS
0.8-3.6
15
54
30(7)
±1.25% ±1.5%
5.0
4.5-5.5
95(4)
1.37x0.62x0.38
34.80x15.75x9.57
SM
MPDTH12010WAH
1.2-5.5
12
66
33(8)
±1.25% ±1.5%
12.0
10.8-13.2
94(5)
1.37x0.62x0.35
34.80x15.75x9.0
TH
MPDTH12010WAS
1.2-5.5
12
66
33(8)
±1.25% ±1.5%
12.0
10.8-13.2
94(5)
1.37x0.62x0.38
34.80x15.75x9.57
SM
Input
Input Voltage Range
See Ordering Guide
Start-Up Voltage
2.45 Volts (MPDTH03010)
4.3 Volts (MPDTH05010)
9.5 Volts (MPDTH12010)
Undervoltage Shutdown
2.4 Volts (MPDTH03010)
3.7 Volts (MPDTH05010)
9.0 Volts (MPDTH12010)
External Input Capacitor
(See note 3)
470 μF, required (MPDTH03010 and
MPDTH05010)
560 μF required (MPDTH12010)
Remote On/Off Inhibit Control
Positive Logic
Inhibit Current (grounded)
OFF = -0.2V to +0.8 V max. or ground pin
ON = open pin (internal pullup) to +Vin
-130 μA (MPDTH03010 and MPDTH05010) [5]
-240 μA (MPDTH12010) [5]
Tracking Input
Current when grounded
Slew rate
Tracking Input Range
-130 μA
1 Volt per mSec max.
-0.3V to (+Vin + 0.3V)
Margin Controls
-5% or +5% adjustment of Vout when the
respective margin control is grounded. Current,
-8 μA sink.
Output
Minimum Loading
No minimum load
Nominal Accuracy
±2 % max. of Vsetting
Voltage Adjustment Range
See Ordering Guide
Temperature Coefficient
±40 ppm. per °C. of Vout
Ripple/Noise
See Ordering Guide
Line/Load Regulation
See Ordering Guide
Efficiency
See Ordering Guide
Maximum Capacitive Loading
Cap-ESR>=0.004 Ohms
Cap-ESR <0.004 Ohms
8,250 μF non-ceramic (MPDTH03010 and
MPDTH05010)
6,600 μF non-ceramic (MPDTH12010)
Current Limit Inception
20 Amps
Short Circuit Mode
Protection Method
Short Circuit Duration
Autorecovery after overload removal
Continuous, no damage (output shorted to
ground)
Sequencing
Start-up of multiple units may be synchronized
by connecting tracking pins.
VoSense Input
(Vout – VoSense) < 0.3 Volts
Dynamic Characteristics
Dynamic Load Response
70 μSec to within ±2% of final value (50 to
100% load step, 1A/
µSec load step, 330 μF
external output cap)
Switching Frequency
300 KHz (MPDTH03010 and MPDTH05010)
350 KHz (MPDTH12010)
Environmental
Calculated MTBF [4]
5.7 million hours,min. (MPDTH03010 and
MPDTH03010)
6.4 million hours,min. (MPDTH12010)
Operating Temperature Range
-40 to +85 deg.C. (no condensation)
Storage Temperature Range
-40 to +125 deg.C.
MPDTH**010 Series Performance and Functional Specifications
All specifications are typical unless noted.
Notes:
All specifications are typical at nominal input line voltage, nominal output voltage and full load,
Ta=+25 deg.C. unless otherwise noted. See detailed specifications.
"TH" is a pinned through-hole package. "SM" is a surface mount package.
Vin=3.3V, Vout=2.5V, Iout=10A
Vin=5V, Vout=3.3V, Iout=10A
Vin=12V, Vout=5V, Iout=10A
Vin=3.3V, Vout=2.5V, Iout=15A
Vin=5V, Vout=3.3V, Iout=15A
Vin=12V, Vout=5V, Iout=15A
The minimum input voltage is +2.95V. Or (Vout + 0.65V.), whichever is greater.
RoHS6 compliance does not claim EU RoHS exemption 7b (lead in solder).
Specification Notes:
(1) All specifications are typical unless noted. General conditions for Specifications are +25 deg.C
ambient, Vin=nominal, Vout=+2.5V, full load. Cin=470 mF (required for models MPDTH03010,
05010), Cout= 0 mF. For model MPDTH12010, the required input capacitor is 560
µF. See note
3. Adequate airflow must be supplied for extended testing under power
(2) An external output capacitor is not required. However, a 330
μF output capacitor improves
transient response.
(3) The required input capacitor must have a ripple current rating of 700 mA RMS or greater for
models MPDTH03010 and MPDTH05010. For model MPDTH12010, the ripple rating must be
800 mA RMS or greater.
(4) Mean Time Before Failure is calculated using the Telcordia (Belcore) TR-332 50% stress, ground
benign conditions, Tambient=+40 deg.C.
(5) Track input is grounded or equal to Vin.
(6) There is no input protection against overvoltage or reversed polarity. Please provide proper
fusing and a back-biased diode if there is the possibility of improper polarity. Refer to the Con-
nection Diagram.
(7) The outputs are not intended to sink appreciable reverse current.
(8) Output current limit and short circuit protection is non-latching. When the overcurrent fault is
removed, the converter will immediately recover.
(9) Connect VoSense to Vout remotely at the load for optimal accuracy. If not used at the load,
connect VoSense to Vout at the converter. Do not exceed 0.3 Volts difference between Vout and
VoSense.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com