Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFA016 Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd.

Part # NFA016
Description  Non-Isolated 16A SIP/SMT DC/DC Converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFA016 Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd.

Back Button NFA016 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Murata Power Solutions
21
NFA016_6200890000_B01_21/04/08
Non-Isolated 16A SIP/SMT DC/DC Converters
VOLANT NFA016 Series
Typical Output Noise and Ripple
Vin = 12Vdc , Vo=5.0V/16A
Output with 1uF ceramic and 10uF tantalum capacitor
Typical Output Transient Response
Vin = 12Vdc , Vo=5.0V , 50% - 100% - 50% Load change , @2.5A/uS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com