Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA207-R100-D Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # MA207-R100-D
Description  ULTRA PRECISION WIREWOUND RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

MA207-R100-D Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  MA207-R100-D Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ULTRA PRECISION WIREWOUND RESISTORS
SA, MA, PC, & Q SERIES
1Military p/n’s are given for reference only and do not imply qualification or exact interchangeability. 2Increased ratings avail. 3Max. voltage determined by E=(PR)½, E not to exceed value
listed. 4 Option ER burn-in is performed at Mil-power rating and 25°C ambient. Additional burn-in and Mil-screening options available. 5Standard reactance levels are quite high limiting
use to DC or AC circuits <50KHz typ. (depending on size and resistance value). Specialty designs available for use at high frequencies, consult factory.
Series SA (standard), MA (mini), PC (radial), and Q (economy) are
designed for precision circuits (DC5 and low frequency AC). The standard
construction features well-proven wirewound technology. Customized WW
and NiCr film designs are available for high-frequency operation. All
models are preconditioned thereby enabling excellent stability/reliability.
Industry’s widest range: 0.1
Ω to 25MΩ,
tolerances to ± 0.005%, TC’s to 2PPM
All-welded, negligible noise, low thermal emf
Available on RCD’s exclusive SWIFT TM delivery program!
OPTIONS
Option P: Increased pulse/overload capability
Option M: Low reactance NiCr film design
Option HS: High speed/fast rise time
Option ER: 100-hr stabilization burn-in 4
Matched tolerances, T.C. tracking to 1ppm/
°C
Dozens of additional modifications are available...
special marking, positive TC, hermetic seal, 4-terminal,
low inductance, etc. Custom designs are RCD’s specialty!
)
p
y
t
,
R
E
t
p
O
(
e
c
n
a
m
r
o
f
r
e
PC
P
/
A
M
/
A
Ss
e
i
r
e
S
Q
e
f
i
L
d
a
o
L
d
a
o
l
r
e
v
O
e
m
i
T
t
r
o
h
S
e
r
u
s
o
p
x
E
p
m
e
T
h
g
i
H
e
r
u
t
s
i
o
M
p
m
e
T
g
n
i
t
a
r
e
p
O
y
t
il
i
b
a
t
S
e
f
i
L
f
l
e
h
S
f
e
o
C
p
m
e
T
≥ 0
1
Ω
9
.
9
-
1
Ω
1
<
Ω
%
3
0
.
±
%
5
0
0
.
±
%
5
0
.
±
%
2
0
.
±
o
t
5
5
-
1
+
C
°
5
4
r
a
e
y
/
%
2
0
0
.
±
)
l
i
a
v
a
0
1
,
5
,
3
,
2
(
m
p
p
0
2
)
l
i
a
v
a
0
2
,
0
1
,
5
(
m
p
p
0
3
)
l
i
a
v
a
0
3
,
0
2
,
0
1
(
m
p
p
0
9
5
0
.
±
%
2
0
.
±
%
1
.
±
%
3
0
.
±
%
C
°
0
6
1
+
o
t
5
5
-
r
a
e
y
/
%
4
0
0
.
±
)
l
i
a
v
a
0
1
,
5
,
3
,
2
(
m
p
p
0
2
m
p
p
0
3)
l
i
a
v
a
0
2
,
0
1
,
5
(
m
p
p
0
9)
l
i
a
v
a
0
3
,
0
2
,
0
1
(
POWER DERATING: Series SA/MA/PC40 resistors shall be derated
according to Curve A; Series Q & PC45 per Curve B (resistors with 0.1% or
tighter tolerance to be derated 50% per Mil-Std-199).
D
C
R
E
P
Y
T
.
G
I
F
E
P
Y
T
L
I
M
1
g
n
i
t
a
R
e
g
a
t
t
a
W
m
u
m
i
x
a
M
e
g
a
t
l
o
V
3
,
2
e
g
n
a
R
.
s
e
R
1
.
0
Ω
Ω
Ω
Ω
Ω
~
o
t
A
]
6
.
1
[
2
6
0
.
±
B
]
4
6
.
[
5
2
0
.
±
D
L
]
8
0
.
[
3
0
0
.
±
S
L
]
4
.
[
5
1
0
.
±
C
)
x
a
M
(
D
C
R
2 4
,
L
I
M 4
0
0
1
A
S
1
0
1
A
S
2
0
1
A
S
3
0
1
A
S
4
0
1
A
S
5
0
1
A
S
6
0
1
A
S
7
0
1
A
S
8
0
1
A
S
9
0
1
A
S
0
1
1
A
S
1
1
1
A
S
1
1
1
1
1
1
1
1
1
1
1
1
6
5
R
B
R
/
B
R
5
5
R
B
R
/
B
R
4
5
R
B
R
/
B
R
-
3
5
R
B
R
/
B
R
2
5
R
B
R
/
B
R
-
-
-
7
5
R
B
R
/
B
R
8
5
R
B
R
/
B
R
9
5
R
B
R
/
B
R
5
2
.
3
3
.
0
5
.
5
7
.
0
6
.
0
0
.
1
0
6
.
5
2
.
1
0
6
.
5
2
.
1
0
5
.
1
0
0
.
2
5
2
1
.
0
5
1
.
0
5
2
.
-
3
3
.
0
5
.
-
-
-
5
7
.
0
0
.
1
5
2
.
1
0
0
2
0
0
4
0
0
4
0
0
5
0
0
4
0
0
6
0
0
4
0
0
7
0
0
4
0
0
8
0
0
9
0
0
0
1
g
e
M
2
.
1
g
e
M
0
.
2
g
e
M
0
.
4
g
e
M
0
.
5
g
e
M
0
.
6
g
e
M
0
.
0
1
g
e
M
0
.
6
g
e
M
0
.
2
1
g
e
M
0
.
7
g
e
M
0
.
5
1
g
e
M
0
.
0
2
g
e
M
0
.
5
2
]
9
.
8
[
0
5
3
.
]
7
.
2
1
[
0
0
5
.
]
1
.
9
1
[
0
5
7
.
]
4
.
5
2
[
0
0
.
1
]
1
.
9
1
[
0
5
7
.
]
4
.
5
2
[
0
0
.
1
]
1
.
7
1
[
5
7
6
.
]
4
.
5
2
[
0
0
.
1
]
1
.
7
1
[
5
7
6
.
]
4
.
5
2
[
0
0
.
1
]
1
.
8
3
[
0
5
.
1
]
8
.
0
5
[
0
0
.
2
]
5
3
.
6
[
0
5
2
.
]
5
3
.
6
[
0
5
2
.
]
5
3
.
6
[
0
5
2
.
]
5
3
.
6
[
0
5
2
.
]
2
5
.
9
[
5
7
3
.
]
2
5
.
9
[
5
7
3
.
]
1
.
1
1
[
7
3
4
.
]
1
.
1
1
[
7
3
4
.
]
7
.
2
1
[
0
0
5
.
]
7
.
2
1
[
0
0
5
.
]
7
.
2
1
[
0
0
5
.
]
7
.
2
1
[
0
0
5
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0
0
2
A
M
1
0
2
A
M
2
0
2
A
M
3
0
2
A
M
4
0
2
A
M
5
0
2
A
M
6
0
2
A
M
7
0
2
A
M
1
1
1
1
1
1
1
1
-
-
-
-
-
-
-
-
5
0
.
5
0
.
0
1
.
0
1
.
2
1
.
5
2
1
.
5
1
.
2
.
-
-
-
-
-
-
-
-
0
0
1
0
0
1
0
0
1
0
0
1
0
5
1
0
0
2
0
0
2
0
0
2
K
0
0
2
K
0
5
2
K
0
0
3
K
0
0
4
K
0
0
8
K
0
0
9
K
0
0
9
g
e
M
2
.
1
]
5
3
.
6
[
0
5
2
.
]
2
6
.
7
[
0
0
3
.
]
5
3
.
6
[
0
5
2
.
]
2
9
.
7
[
2
1
3
.
]
5
6
.
9
[
0
8
3
.
]
7
.
2
1
[
0
0
5
.
]
5
6
.
9
[
0
8
3
.
]
7
.
2
1
[
0
0
5
.
]
4
5
.
2
[
0
0
1
.
]
4
5
.
2
[
0
0
1
.
]
8
1
.
3
[
5
2
1
.
]
8
1
.
3
[
5
2
1
.
]
1
6
.
3
[
2
4
1
.
]
6
0
.
4
[
0
6
1
.
]
5
7
.
4
[
7
8
1
.
]
5
7
.
4
[
7
8
1
.
]
1
5
.
[
0
2
0
.
]
1
5
.
[
0
2
0
.
]
8
5
.
[
3
2
0
.
]
8
5
.
[
3
2
0
.
]
8
5
.
[
3
2
0
.
]
8
5
.
[
3
2
0
.
]
4
6
.
[
5
2
0
.
]
4
6
.
[
5
2
0
.
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
5
5
Q
0
6
Q
5
6
Q
0
7
Q
5
7
Q
1
1
1
1
1
5
5
R
N
R
/
N
R
0
6
R
N
R
/
N
R
5
6
R
N
R
/
N
R
0
7
R
N
R
/
N
R
5
7
R
N
R
/
N
R
5
2
1
.
0
5
2
.
0
0
5
.
0
5
7
.
0
0
.
1
5
2
1
.
0
5
2
.
0
0
5
.
0
5
7
.
0
0
.
1
0
0
2
0
0
3
0
5
3
0
0
5
0
0
6
K
0
0
1
K
0
5
1
K
0
0
2
K
0
0
3
K
0
0
5
]
5
3
.
6
[
0
5
2
.
]
5
6
.
9
[
0
8
3
.
]
0
2
.
3
1
[
0
2
5
.
]
0
1
.
9
1
[
0
5
7
.
]
9
.
5
2
[
2
0
.
1
]
7
6
.
2
[
5
0
1
.
]
1
6
.
3
[
2
4
1
.
]
8
7
.
4
[
8
8
1
.
]
5
3
.
6
[
0
5
2
.
]
3
5
.
9
[
5
7
3
.
]
8
5
.
[
3
2
0
.
]
8
5
.
[
3
2
0
.
]
4
6
.
[
5
2
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
-
-
-
-
-
-
-
-
-
-
0
0
4
C
P
1
0
4
C
P
2
0
4
C
P
4
0
4
C
P
5
0
4
C
P
6
0
4
C
P
7
0
4
C
P
8
0
4
C
P
2
2
2
2
2
2
2
2
-
1
7
R
B
R
/
B
R
-
-
-
0
7
B
R
-
-
5
1
.
5
2
.
5
2
.
0
3
.
3
3
.
3
3
.
0
5
.
3
6
.
-
5
2
1
.
-
-
-
0
5
2
.
-
-
0
0
2
0
0
4
0
0
4
0
0
4
0
0
4
0
0
4
0
0
4
0
0
4
K
0
0
5
K
0
5
7
g
e
M
1
g
e
M
1
g
e
M
1
g
e
M
2
g
e
M
2
g
e
M
2
]
5
3
.
6
[
0
5
2
.
]
9
2
.
7
[
2
1
3
.
]
2
5
.
9
[
5
7
3
.
]
7
.
2
1
[
0
0
5
.
]
2
5
.
9
[
5
7
3
.
]
7
.
2
1
[
0
0
5
.
]
7
.
2
1
[
0
0
5
.
]
9
.
5
1
[
5
2
6
.
]
5
3
.
6
[
0
5
2
.
]
5
3
.
6
[
0
5
2
.
]
5
3
.
6
[
0
5
2
.
]
5
3
.
6
[
0
5
2
.
]
2
5
.
9
[
5
7
3
.
]
2
5
.
9
[
5
7
3
.
]
7
.
2
1
[
0
0
5
.
]
7
.
2
1
[
0
0
5
.
]
8
5
.
[
3
2
0
.
]
8
5
.
[
3
2
0
.
]
8
5
.
[
3
2
0
.
]
8
5
.
[
3
2
0
.
]
8
5
.
[
3
2
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
1
8
.
[
2
3
0
.
]
8
0
.
5
[
0
0
2
.
]
8
0
.
5
[
0
0
2
.
]
8
0
.
5
[
0
0
2
.
]
8
0
.
5
[
0
0
2
.
]
8
0
.
5
[
0
0
2
.
]
8
0
.
5
[
0
0
2
.
]
2
6
.
7
[
0
0
3
.
]
2
6
.
7
[
0
0
3
.
-
-
-
-
-
-
-
-
1
5
4
C
P
2
5
4
C
P
4
5
4
C
P
3
3
3
0
9
C
N
R
-
-
3
.
0
0
.
1
0
.
2
3
.
0
-
-
0
0
3
0
5
3
0
0
5
g
e
M
1
K
5
2
K
0
0
1
x
a
m
]
5
.
8
[
6
3
3
.
x
a
m
]
4
.
9
[
0
7
3
.
x
a
m
]
9
.
9
[
0
9
3
.
x
a
m
]
1
.
8
[
0
2
3
.
x
a
m
]
5
.
5
1
[
0
1
6
.
x
a
m
]
4
.
8
2
[
2
1
.
1
]
8
5
.
[
3
2
0
.
]
8
5
.
[
3
2
0
.
4
0
0
.
±
8
2
0
.
]
1
8
.
3
[
0
5
1
.
]
7
.
2
1
[
0
0
5
.
]
9
.
2
2
[
0
0
9
.
0
2
1
.
5
3
1
.
0
6
2
.
G
1
5
4
C
P4
-
3
.
0-
0
0
3g
e
M
1x
a
m
]
5
.
8
[
6
3
3
.x
a
m
]
1
.
8
[
0
2
3
.]
8
5
.
[
3
2
0
.]
1
8
.
3
[
0
5
1
.0
2
1
.
FA017H Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
AMBIENT TEMPERATURE (°C)
-55
70
80
90
100
110
120
130 140
150
160
100
75
50
25
0
A
B
125
145
LD
↑
FIG. 1
↑
B
↓
↓
←
←
←
←
←
→
→
→
→
→←
←
←
←
←
→
→
→
→
→
1.25 [32] Min.
A
.75 [19] Min.
↑ LD
↓
FIG. 2
↑
B
↓
←
←
←
←
←
→
→
→
→
→
A
←
←
←
←
←
→
→
→
→
→
LS
↓
↑
←
←
←
←
←
→
→
→
→
→
↑
B
↓
C
↑ LD
↓
FIG. 3
LS
↑
↓
←
←
←
←
←
→
→
→
→
→
A
.75 [19] Min.
LD
FIG.4
LS
↑
B
↓
C
.10
.200
←
←
←
←
←
→
→
→
→
→
A
↓
↑
RESISTORS CAPACITORS COILS DELAY LINES
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
42
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible
↓
↑
P/N DESIGNATION:
MA207
- 1003 - A B
W
Optional Temp. Coefficient - leave blank for standard
(2 = ±2ppm/
°C, 3= ±3ppm, 5= ±5ppm, 10= ±10ppm, 20= ±20ppm)
Tolerance Code: F=1%, D=0.5%, C=0.25%,
B=0.1%, A=0.05% Q=0.02%, T=0.01%, V=0.005%
RCD Type
Options: P, M, HS, ER (leave blank if standard)
Packaging : B = bulk, T = Tape & Reel
Resis. Code: 3 digits &multiplier (R100= .1
Ω, 1R00= 1Ω,
1000= 100
Ω,1001=1KΩ, 1002=10K, 1003=100K,1004=1M)
Termination: W= Pb-free, Q= Sn/Pb (leave blank if either is acceptable)


Similar Part No. - MA207-R100-D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MA207C TI1-MA207C Datasheet
776Kb / 16P
5V MULTICHANNEL LINE DRIVER/RECEIVER WITHE ESD PROTECTION
More results

Similar Description - MA207-R100-D

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
Token Electronics Indus...
BWW1W100RBCP TOKEN-BWW1W100RBCP Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
logo
Vishay Siliconix
PAC500001008FAC000 VISHAY-PAC500001008FAC000 Datasheet
141Kb / 8P
Cemented Wirewound Precision Resistors
06-Oct-11
PAC VISHAY-PAC Datasheet
123Kb / 8P
Cemented Wirewound Precision Resistors
06-Nov-14
logo
Riedon Powertron
SM-2 RIEDON-SM-2_14 Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RX RIEDON-SM10-350RX Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM15-250RB RIEDON-SM15-250RB Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-500RX RIEDON-SM10-500RX Datasheet
318Kb / 2P
Precision Wirewound Resistors
101-100KX RIEDON-101-100KX Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RB RIEDON-SM10-350RB Datasheet
318Kb / 2P
Precision Wirewound Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com