Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI500-4D Datasheet(PDF) 2 Page - C&D Technologies

Part # PCI500-4D
Description  500W Quad Output Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PCI500-4D Datasheet(HTML) 2 Page - C&D Technologies

  PCI500-4D Datasheet HTML 1Page - C&D Technologies PCI500-4D Datasheet HTML 2Page - C&D Technologies PCI500-4D Datasheet HTML 3Page - C&D Technologies PCI500-4D Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.cd4power.com
PCI500-4D
500W Quad Output Power Supply
PCI500-4D
09/2006
Page 2 of 4
GENERAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Efficiency
48Vdc input, 500W load (dependent upon load profile)
65
%
Switching Frequency
72
kHz
MTBF
Calculated per MIL-HDBK-27F, 25ºC, ground benign
84
khrs
Weight
Unpackaged
3.6
kg
PROTECTION
Parameter
Conditions/Response
Inception
Min
Typ
Max
Units
Thermal Shutdown
Automatic recovery upon restoration to operational temperatures
90
ºC
Output Power Limit
Automatic recovery
530
W
Input Protection
Internal line fuse, Littlefuse BLN 25P ROHS or equivalent
25
A
Over-Voltage Protection
Output V, latching
6.5
Vdc
Output V2, latching
4.3
Vdc
Parameter
Conditions/Response
Output Overload Protection Outputs are individually protected against overloads and indefinite short circuit with automatic recovery upon removal of the fault condition.
Hot-Swap Capability
Design Verification Testing (DVT) confirms that voltage excursions on the output buses resulting from insertion/extraction events do not exceed the
specified maximum of 5%. However, routing of power and signal lines in the mating backplane is critical to minimization of such excursions. In
addition, performance can be critically affected by load characteristics including resistance, negative resistance, and reactive components. While the
control loop responses have been designed for optimum hot-swap performance over a wide range of characteristics, there may be instances where
the voltage excursions exceed published specifications. In such cases, the control loop responses can be modified to perform optimally.
Output Fault Isolation
Output isolation devices are present in all outputs to isolate faults within a failed power supply.
STATUS & CONTROL SIGNALS & INDICATORS
Name
Description
Hot-Swap Enable
Short pin on connector will enable the outputs when the mating pin is tied to DC GND. Supply will not power up until this pin is engaged to its
mate in the backplane. Unit output will be inhibited as pin is disengaged from the mating connector.
Output Inhibit
Secondary referenced; active low, TTL compatible. Logic “0” or short circuit to DC GND inhibits all outputs.
DC Good
Secondary referenced. Open collector signal with an internal 2.2k pull-up resistor is connected to the +5V output. TTL signal will transition
high when all outputs are between 90% and 0% of their nominal voltage.
Remote Sense
Connection of the sense leads across the load at the desired point of regulation will compensate for voltage distribution drops up to 700mV
between the output terminals of the power supply and the point of connection. The unit reverts to local sensing if the sense lines are opened
for any reason. The output is protected against shorted or open leads. Applies to all outputs.
Fan Alarm
Secondary referenced; TTL compatible; active low. Signal transitions to a Logic 0 denotes a thermal warning.
Power Present Indicator LED
A green LED will be illuminated when the input voltage is present and above the minimum requirement.
DC Good Indicator LED
A green LED will be illuminated when the output voltages are within 90-0% of specification, coincident with assertion of the DC Good signal.
This LED will be extinguished if any of the output voltages is outside of this range.
Fan Good Indicator LED
A green LED will be illuminated when the fan is operational, coincident with de-assertion of the Fan Alarm signal. This LED will be extinguished
in the event of a fan failure.
Sync Start
A power supply generated signal used to simultaneously start power supplies connected in parallel when the load on any output exceeds a
single power supply’s capacity for that output. These pins must be bused together at the backplane in parallel/redundant applications (N+n)
when N>. In simple redundant (+) or non-parallel applications (+0), the pin can be ignored.
Power Supply Present
This pin presents a DC ground signal to the mating pin in the backplane. It is intended to be used by the system to detect the presence of a
power supply when the supply is mated into an available position.
OBSOLETE
PRODUCT
Contac
t Fa
ctor
y for
Replac
ement
Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com