Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZJ2-BC2W Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # ZJ2-BC2W
Description  ZERO-OHM JUMPERS, 2A to 25A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

ZJ2-BC2W Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  ZJ2-BC2W Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZJ SERIES - INSULATED
Z SERIES - UNINSULATED
ZERO-OHM JUMPERS, 2A to 25A
Industry’s widest range of zero-ohm jumpers
Low cost, delivery from stock
Commercial & military applications
3 standard styles- insulated, uninsulated, &
surface mount (also refer to ZC Series for thick-
film chip jumpers and ZCF for cylindrical MELF)
Horizontal and vertical tape & reel available
Custom models to 50A available
SERIES Z UNINSULATED JUMPER SPECIFICATIONS
SERIES Z and ZJ Cut & Form Options
Most popular sizes are listed below but any W & H dimension from 0.2 to 1”
[5 to 25mm] is available. Custom forming with standoffs also available.
D
C
R
e
p
y
T
3
0
0
.
±
d
]
8
0
.
[
≈
e
r
i
W
e
g
u
a
G
e
c
n
a
t
s
i
s
e
R
(
Ω
Ω
Ω
Ω
Ω
)
h
c
n
i
/
p
m
A
.
x
a
M
C
°
5
2
g
n
i
t
a
R
r
e
p
y
t
Q
.
p
y
T
,
l
e
e
R
2
2
Z]
6
.
[
4
2
0
.G
W
A
2
2
≈
5
1
0
0
.
Ω
A
0
10
0
0
,
0
1
1
2
Z]
7
.
[
8
2
0
.G
W
A
1
2
≈
1
1
0
0
.
Ω
A
5
10
0
0
,
8
0
2
Z]
8
.
[
1
3
0
.G
W
A
0
2
≈
9
0
0
0
.
Ω
A
0
20
0
0
,
8
8
1
Z]
1
[
0
4
0
.G
W
A
8
1
≈
6
0
0
0
.
Ω
A
5
20
0
0
,
5
* Increased current ratings available
e
d
o
C
F
&
CW
H
2
C]
5
[
0
0
2
.]
3
.
6
[
0
5
2
.
2
1
C]
3
.
6
[
5
2
.]
3
.
6
[
0
5
2
.
5
2
C]
6
.
7
[
0
3
.]
3
.
6
[
0
5
2
.
4
C]
0
1
[
0
4
.]
3
.
6
[
0
5
2
.
5
C]
7
.
2
1
[
0
5
.]
3
.
6
[
0
5
2
.
RESISTORS CAPACITORS COILS DELAY LINES
W ± .02 [.5]
H
±.04 [1]
FA066B
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
D
C
R
e
p
y
T
y
r
a
t
i
l
i
M
e
p
y
T
L
]
4
.
[
5
1
0
.
±
D
]
3
.
[
2
1
0
.
±
d
]
8
0
.
[
3
0
0
.
±
m
u
m
i
x
a
M
e
c
n
a
t
s
i
s
e
R
g
n
i
t
a
R
.
p
m
A
*
C
°
0
7
@
c
i
r
t
c
e
l
e
i
D
h
t
g
n
e
r
t
S
.
p
m
e
T
g
n
i
t
a
r
e
p
O
e
g
n
a
R
r
e
p
y
t
Q
.
p
y
T
,
l
e
e
R
1
J
Z]
4
.
3
[
5
4
1
.]
5
5
.
1
[
1
6
0
.]
5
.
[
0
2
0
.2
0
.
Ω
A
2V
0
0
3C
°
5
5
1
+
o
t
5
5
-0
0
0
5
B
1
J
Z2
0
5
5
5
A
A]
4
.
3
[
5
4
1
.]
5
5
.
1
[
1
6
0
.]
5
.
[
0
2
0
.1
0
.
Ω
A
5V
0
0
3C
°
5
5
1
+
o
t
5
5
-0
0
0
5
2
J
Z]
4
.
6
[
0
5
2
.]
3
.
2
[
0
9
0
.]
6
.
[
4
2
0
.2
0
.
Ω
A
3V
0
0
5C
°
5
5
1
+
o
t
5
5
-0
0
0
5
B
2
J
Z1
0
5
5
5
A
A]
4
.
6
[
0
5
2
.]
3
.
2
[
0
9
0
.]
6
.
[
4
2
0
.1
0
.
Ω
A
0
1V
0
0
5C
°
5
5
1
+
o
t
5
5
-0
0
0
5
3
J
Z]
5
.
8
[
5
3
3
.]
8
.
2
[
0
1
1
.]
3
6
.
[
5
2
0
.2
0
.
Ω
A
5V
0
0
5C
°
5
5
1
+
o
t
5
5
-0
0
0
4
SERIES ZJ INSULATED JUMPER SPECIFICATIONS
2.36 ±.12 [60 ±3]*
2.06 [52.4] std, 26-100mm avail.
* Lengths from 0.2” to 6” [5 to 152mm] are avail.
.200
[5]
d
RCD “zero-ohm” jumpers were developed for use as interconnection devices
between points on a PCB when separated by circuit paths, or when the pcb
layout has been changed requiring new point connections. Specify ZJ Series
(insulated bodies) when jumpers are in close proximity with conductor paths.
Specify Z Series (uninsulated tin plated copper) for circuits involving higher
current levels. In addition to the 4 standard wire sizes listed (18-22 awg),
Series Z is available in a wide range of custom sizes (12-26awg). RCD’s
Z1206 SM jumper achieves the industry’s highest current rating in a 1206-
size due to the heavy duty tin plated copper element. The ultra low resistance
of type Z1206 (.00012
Ω) is 25-400 times better than conventional models!
Z1206 is formed into a U-shape to provide 500V isolation clearance.
Resistance (25°C, no load)
120uS (0.00012S)
Current Rating †
25A at 25°C
Inductance
5nH
Isolation Voltage
500V
Soldering Temp.
260°C 10 Sec
Operating Temp. Range
-55°C to +175°C
Amperage Derating
Derate .667%/deg>25°C
SERIES Z1206 SM JUMPER SPECIFICATIONS
† Requires suitably heavy-duty conductor paths to carry high currents
.062±.004
[1.57±0.10]
.126±.008
[3.2±0.20]
.016±.002
[.40±0.05]
.050±.008
[1.27±0.20]
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
57
P/N DESIGNATION:
ZJ2 -
T
W
RCD Type
Packaging: B = Bulk, T = Tape & Reel
Optional Cut & Form Codes: C2 - C25, per
table. Leave blank if no forming (not applicable to
Z1206 which are formed as standard)
Termination: W= Lead-free, Q= Tin/Lead (leave
blank if either is acceptable)
.95 [24] Min.
d
Inch [mm]
L
D
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - ZJ2-BC2W

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ZJ2.0 WEITRON-ZJ2.0 Datasheet
270Kb / 4P
Axial Lead Zener Diodes
ZJ2.0A WEITRON-ZJ2.0A Datasheet
270Kb / 4P
Axial Lead Zener Diodes
ZJ2.0B WEITRON-ZJ2.0B Datasheet
270Kb / 4P
Axial Lead Zener Diodes
ZJ2.0C WEITRON-ZJ2.0C Datasheet
270Kb / 4P
Axial Lead Zener Diodes
ZJ2.0D WEITRON-ZJ2.0D Datasheet
270Kb / 4P
Axial Lead Zener Diodes
More results

Similar Description - ZJ2-BC2W

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
Z16CT26A KOA-Z16CT26A Datasheet
89Kb / 2P
zero ohm jumpers
logo
IRC - a TT electronics ...
OARS-1Z IRCTT-OARS-1Z Datasheet
135Kb / 2P
Open Air Zero Ohm Jumpers
logo
Aries Electronics, Inc.
10-002-101T ARIES-10-002-101T Datasheet
181Kb / 1P
DIP Jumpers
logo
KOA Speer Electronics, ...
Z16CT52A KOA-Z16CT52A Datasheet
223Kb / 2P
zero ohm jumpers
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
SHUNTS JUMPERS
logo
KOA Speer Electronics, ...
CC10 KOA-CC10 Datasheet
356Kb / 2P
zero ohm melf resistor
logo
Aries Electronics, Inc.
0517 ARIES-0517 Datasheet
656Kb / 1P
Mount components, jumpers
logo
Precid-Dip Durtal SA
110-87-320-41-005101 PREDIP-110-87-320-41-005101 Datasheet
4Mb / 29P
MaLE JumpERS
logo
Stackpole Electronics, ...
CD_SERIES SEI-CD_SERIES Datasheet
265Kb / 4P
Zero Ohm Resistor
4/5/2022
logo
WECO ELECTRICAL CONNECT...
307-V WECO-307-V Datasheet
81Kb / 1P
Jumpers Accessories
04.18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com