Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV5A-R0025-KB Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # ULV5A-R0025-KB
Description  ULTRA-LOW OHM, 2 WATT to 20 WATT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

ULV5A-R0025-KB Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  ULV5A-R0025-KB Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Values from 0.002
Ω to 0.05Ω, tolerances to ±0.5%
Ceramic body results in a fireproof construction
Welded construction, low-inductance
Excellent overload capability
Available on RCD’s exclusive SWIFTTM delivery program!
FEATURES
ULTRA-LOW OHM, 2 WATT to 20 WATT
ULV SERIES
Ultra Low Value, 2-Terminal
When ordering low value resistors please note that the lead
resistance can be a contributing factor. RCD measures the
resistance value at 3/8 ±1/32” from each end of the body (per MIL-R-
49465). If in actual use, a different span from the resistor body to
the PCB will be required, please advise at the time of ordering.
OPTIONS
Option X: Non-inductive design (<0.1uH)
Option A: Built-in standoffs available
Option E: Low thermal EMF design
1 Increased rating available, consult factory
2 Military part numbers are for references only and do not imply qualification.
120
100
80
60
40
20
0
DERATING:
AMBIENT TEMPERATURE °C
-55
25
50
100
150
200
250
275
300
D
C
R
e
p
y
T
e
g
a
t
t
a
W
g
n
i
t
a
R
1
C
°
5
2
@
t
n
e
r
r
u
C
g
n
i
t
a
R
1
C
°
5
2
@
L
I
M
e
p
y
T
2
.
s
i
s
e
R
e
g
n
a
R
1
(
Ω
Ω
Ω
Ω
Ω)
]
.
m
m
e
r
a
s
t
e
k
c
a
r
b
n
i
s
r
e
b
m
u
N
[
S
N
O
I
S
N
E
M
I
D
A
]
0
.
1
[
4
0
.
±
B
]
1
8
.
[
2
3
0
.
±
C
]
3
.
1
[
5
0
.
±
.
p
y
T
D
)
y
l
n
o
A
.
t
p
O
(
2
V
L
UW
2A
0
2-
5
0
.
-
2
0
0
.]
8
.
7
1
[
0
7
.]
8
.
6
[
7
2
.]
8
.
6
[
7
2
.]
5
.
1
[
6
0
.
3
V
L
UW
3A
5
2-
5
0
.
-
2
0
0
.]
4
.
2
2
[
8
8
.]
9
.
7
[
1
3
.]
9
.
7
[
1
3
.]
5
.
1
[
6
0
.
5
V
L
UW
5A
0
31
4
V
L
R5
0
.
-
2
0
0
.]
4
.
2
2
[
8
8
.]
7
.
9
[
8
3
.]
9
.
8
[
5
3
.]
5
.
1
[
6
0
.
7
V
L
UW
7A
5
32
4
V
L
R5
0
.
-
5
2
0
0
..
x
a
m
]
6
3
[
2
4
.
1]
7
.
9
[
8
3
.]
9
.
8
[
5
3
.]
5
.
2
[
0
1
.
0
1
V
L
UW
0
1A
0
43
4
V
L
R5
0
.
-
3
0
0
..
x
a
m
]
0
5
[
6
9
.
1]
7
.
9
[
8
3
.]
7
.
9
[
8
3
.]
5
.
2
[
0
1
.
5
1
V
L
UW
5
1A
0
4-
5
0
.
-
3
0
0
..
x
a
m
]
0
5
[
6
9
.
1]
7
.
2
1
[
0
5
.]
7
.
2
1
[
0
5
.]
5
.
2
[
0
1
.
0
2
V
L
UW
0
2A
0
4-
5
0
.
-
5
0
0
..
x
a
m
]
5
6
[
5
5
.
2.
x
a
m
]
2
.
4
1
[
6
5
.]
7
.
2
1
[
0
5
.]
5
.
2
[
0
1
.
FA067B
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
A
.041 [1.0]
max.
↓
↑
1.00” Min ULV2
1.12” Min ULV3,5
1.25” Min ULV7-20
← B→
C
↓
↑
C
T
0
0
1
T
o
t
5
2
T
5
2
0
.
Ω
5
0
.
0
o
t
Ω
.l
i
a
v
a
m
p
p
0
0
1
&
0
5
,
.
p
y
t
C
°
/
m
p
p
0
0
2
1
0
.
Ω
9
4
2
0
.
0
o
t
Ω
,
.
p
y
t
C
°
/
m
p
p
0
0
4.l
i
a
v
a
m
p
p
0
0
1
&
0
0
2
5
0
0
.
Ω
9
9
0
0
.
0
o
t
Ω
,
.
p
y
t
C
°
/
m
p
p
0
0
8.l
i
a
v
a
m
p
p
0
0
2
&
0
0
4
2
0
0
.
Ω
9
4
0
0
.
0
o
t
Ω
,
.
p
y
t
C
°
/
m
p
p
0
0
6
1.l
i
a
v
a
m
p
p
0
0
4
&
0
0
8
.
p
m
e
T
g
n
i
t
a
r
e
p
O5
5
-
°
C
°
5
7
2
+
o
t
h
t
g
n
e
r
t
S
l
a
n
i
m
r
e
Tm
u
m
i
n
i
m
.
s
b
l
5
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
DV
0
0
0
1
d
a
o
l
r
e
v
O
e
m
i
T
t
r
o
h
SA
x
a
m
x
5
.
1
e
t
n
,
.
c
e
S
5
,
W
d
e
t
a
r
x
5
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
0
.
1
5
2
1
+
/
0
4
-
(
e
l
c
y
C
.
p
m
e
TC
°)
%
0
.
1
)
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
0
.
1
n
o
i
t
a
r
b
i
V
d
n
a
k
c
o
h
S%
2
.
0
RCD ULV10
.02
Ω
Ω
Ω
Ω
Ω 5%
D
↓
↑
Opt. A Stand-offs
TYPICAL PERFORMANCE
RESISTORS CAPACITORS COILS DELAY LINES
ULV5
- R005 - J B
W
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
53
P/N DESIGNATION:
RCD Type
Option(s): X, E, A (leave blank if standard)
Tolerance: K=10%, J=5%, H=3%, G=2%, F=1%, D=0.5%
Packaging: B= Bulk (standard)
Optional TC: 50=50ppm, 101=100ppm, 201=200ppm,
401=400ppm, 801=800ppm (leave blank if standard)
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is
acceptable, in which case RCD will select based on lowest price
and quickest delivery)
Resis. Code 0.5%-1%: use 3 signif. digits & multiplier,
e.g. R010=.01
Ω, R050=.05Ω, etc.
2%-10%: 2 digits &multiplier, R01=0.01
Ω, R05= 0.05Ω, etc.
Use extra digits as necess: R0025, R005, R0075, R012
RCD ULV5A
.005
Ω
Ω
Ω
Ω
Ω 5%
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - ULV5A-R0025-KB

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
ULV500 RHOPOINT-ULV500 Datasheet
239Kb / 2P
ULV/ULH TYPE
More results

Similar Description - ULV5A-R0025-KB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM2-0505S-SIL7 ETC-SIM2-0505S-SIL7 Datasheet
59Kb / 2P
2 Watt Ultra-Miniatur SIL-Modul-Series
logo
Recom International Pow...
REC20-242.5SRW RECOM-REC20-242.5SRW Datasheet
80Kb / 2P
20 Watt 1??x 2??Single Output
logo
RCD COMPONENTS INC.
FR1P-R100-KB RCD-FR1P-R100-KB Datasheet
32Kb / 1P
FAILSAFE FUSE RESISTORS 1/2 WATT to 50 WATT
LVF5X-R010-K RCD-LVF5X-R010-K Datasheet
35Kb / 1P
PRECISION 4-TERMINAL RESISTORS, 2- TO 20-WATT CERAMIC ENCASED
logo
PEAK electronics GmbH
P10SG-053R3ELF PEAK-P10SG-053R3ELF Datasheet
137Kb / 3P
2 Watt
P20VG-123R3E21LF PEAK-P20VG-123R3E21LF Datasheet
123Kb / 4P
20 Watt
logo
Qorvo, Inc
QPA2962 QORVO-QPA2962 Datasheet
1Mb / 27P
2 ??20 GHz 10 Watt GaN Amplifier
QPA2213D QORVO-QPA2213D Datasheet
911Kb / 28P
2 ??20 GHz 2 Watt GaN Amplifier
QPA2213 QORVO-QPA2213 Datasheet
995Kb / 28P
2 ??20 GHz 2 Watt GaN Amplifier
June 5, 2020
logo
TRACO Electronic AG
TMLM TRACOPOWER-TMLM Datasheet
418Kb / 4P
TMLM Series, 4 to 20 Watt
Rev. March 21, 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com