Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPR103C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # HPR103C
Description  0.75 Watt Single Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

HPR103C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  HPR103C Datasheet HTML 1Page - Murata Power Solutions Inc. HPR103C Datasheet HTML 2Page - Murata Power Solutions Inc. HPR103C Datasheet HTML 3Page - Murata Power Solutions Inc. HPR103C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FRONT
VIEW
RIGHT
SIDE
VIEW
BOTTOM
VIEW
0.77+0.010"
(19.56+0.25)
0.02+0.002"
(0.51+0.05)
0.18+0.015"
(4.57+0.38)
0.140"
(3.56)
MIN
1
2
4
*5
6
0.397+0.010"
(10.16+0.25)
0.240+0.010"
(6.09+0.25)
0.020+0.010"
(0.51+0.25)
0.01+0.002"
(0.25+0.05)
0.035+0.015"
(0.89+0.38)
PIN CONNECTIONS
1.
+VIN
2.
-VIN
4.
-VOUT
5.
COM*
6.
+VOUT
Notes:
All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
PIN PLACEMENT TOLERANCE: ± 0.015"
MATERIAL: Lead material is phosphor bronze; lead
finish is 100-300 microinches of matte tin over a nickel
barrier layer of 5-40 microinches.
*Common pin not present on single output models.
MECHANICAL
Internal Power Dissipation ........................................ 450mW
Short Circuit Duration................................................ Momentary
ABSOLUTE MAXIMUM RATINGS
HPR
1XX
C
Device Family
HPR Indicates DC/DC Converter
Model Number
Selected from Table of Electrical Characteristics
RoHS Compliant Version
ORDERING INFORMATION
“SIP” PACKAGE/PINOUT
05/09/08
TDC_HPR1xxC.BO1 Page 4 of 4
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
HPR1XXC
Series
0.75 Watt Single Output DC/DC Converters
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com