Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPR705 Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # HPR705
Description  5 WATT UNREGULATED SIP DC/DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

HPR705 Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  HPR705 Datasheet HTML 1Page - Murata Power Solutions Inc. HPR705 Datasheet HTML 2Page - Murata Power Solutions Inc. HPR705 Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
HPR7XX
REV C
12/08
NOMINAL
RATED
RATED
INPUT CURRENT
REFLECTED
INPUT
OUTPUT
OUTPUT
NO LOAD
RATED LOAD
RIPPLE
EFFICIENCY
VOLTAGE
VOLTAGE
CURRENT
CURRENT
MODEL
(VDC)
(VDC)
(mA)
(mA)
(mA)
(mAp-p)
(%)
HPR700
5
5
1000
70
1250
15
80
HPR703
5
± 5
±500
70
1250
15
80
HPR704
5
±12
±208
70
1190
15
84
HPR705
5
±15
±167
70
1190
15
84
HPR706
12
5
1000
25
490
15
80
HPR710
12
±12
±208
25
490
15
85
HPR711
12
±15
±167
25
490
15
85
HPR712
15
5
1000
20
407
15
82
HPR717
15
±15
±167
20
392
15
85
Note: Other input to output voltage options may be available. Please consult factory.
ELECTRICAL CHARACTERISTICS
ORDERING INFORMATION
HPR
7XX
/H
Device Family
HPR indicates DC/DC converter
Model Number
Screening Option
COMMON SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
4.75
5
5.25
VDC
11.4
12
12.6
VDC
14.2
15
15.8
VDC
Voltage Rise Time
See Application Note: "Capacitive Loading Effects on Start-Up of DC/DC Converters"
ISOLATION
Rated Voltage
500
VDC
Test Voltage
60 Hz, 10 seconds
500
Vpk
Resistance
1
G
W
Capacitance
55
pF
Leakage Current
V
ISO= 240VAC, 60Hz
5
μArms
OUTPUT
Rated Power
5
W
Voltage Setpoint Accuracy
Rated Load, Nominal V
IN
±3
%
Temperature Coefficent
±0.05
%/Deg C
Ripple & Noise
BW = DC to 10MHz
50
mVp-p
BW =10Hz to 2MHz
5
mVrms
Voltage
I
L=10mA, VOUT =
5V
5.75
VDC
I
L=10mA, VOUT =
±12V
13.10
VDC
I
L=10mA, VOUT = ±15V
16.25
VDC
REGULATION
Line Regulation
High Line to Low Line
1.2
%/%Vin
Load Regulation (5V out only)
Rated Load to No Load
15
%
Load Regulation (All other Models)
Rated Load to No Load
10
%
GENERAL
Switching Frequency
170
kHz
Package Weight
7
g
MTTF per MIL-HDBK-217, Rev. E
Circuit Stress Method
Ground Benign
T
A = +25°C
2000
kHr
TEMPERATURE
Specification
-25
+25
+70
°C
Operation
-40
+85
°C
Storage
-40
+110
°C
ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation.......................................................................1.7W
Short Circuit Protection..................................................................Momentary
Lead Temperature (soldering, 10 seconds max)................................+300°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com