Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T225J-R10-FB Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # T225J-R10-FB
Description  TUBULAR WIREWOUND RESISTORS 12 WATT to 1300 WATT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

T225J-R10-FB Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  T225J-R10-FB Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Widest range in the industry!
High performance for low cost
Tolerances to ±0.1%, an RCD exclusive!
Low inductance version available (specify opt.’X’)
For improved stability & reliability, T Series is available
with 24 hour burn-in (specify opt.’EQ’)
TUBULAR WIREWOUND RESISTORS
12 WATT to 1300 WATT
* Extended range available
T SERIES
Option T: Tapped
Single or multi-tapped units avail.
Power rating is reduced by 10%
per tap. Indicate resistance value
and wattage required per section
when ordering.
Option L: Insulated Leads
Stranded wire is soldered to lug
terminals and insulated with shrink
tubing. Also available ring terminal
(Opt LR), quick-connect male (LM),
female (LF), and various others.
Opt. A: Axial Lead (illustrated)
Opt. R: Radial Lead
Lead wires are attached to lug
terminals to enable soldering direct
to PCB. The resistor body can be
supported by leads up to 25W size.
Option V: Adjustable
Exposed winding enables adjustment
of resistance value. Slider divides
wattage rating proportionally.
Available on edgewound and
standard winding. Do not over-tighten.
Option G: Male Quick-Connect
1/4 x .031” thick [6 x .8mm] male tab
Opt. M: Assembled with Thru-Bolt Brackets
Small models are mounted
≈1/4” above mounting plane,
medium
≈1/2”, large ≈3/4”. Mounting kit (2 slotted brackets,
insulators, threaded rod, nuts & washers) may be purchased
separately, specify T50-BRACKET, T80-BRACKET, etc.
M
N
P
Standard Series T: Tubular design enables high power at
low cost. Specialty high-temp flame resistant silicone
ceramic coating holds wire securely against ceramic core
providing optimum heat transfer and precision perfor-
mance (enabling resistance tolerances to 0.1%).
.25”
Option J: Push-In Bracket (12W - 225W)
Units are supplied with pre-assembled push-in
slotted brackets. Brackets may be purchased
separately, specify T50-PIB, T80-PIB, etc.
(order 2 brackets for each resistor)
.25 -.75” typ
SPECIFICATIONS
D
C
R
e
p
y
T
e
g
a
t
t
a
W
g
n
i
t
a
R
*
e
g
n
a
R
e
c
n
a
t
s
i
s
e
Rl
a
c
i
p
y
t
,
]
m
m
[
h
c
n
I
s
n
o
i
s
n
e
m
i
D
)
t
e
k
c
a
r
B
g
n
i
t
n
u
o
M
(
M
n
o
i
t
p
O
d
r
a
d
n
a
t
S
e
l
b
a
t
s
u
j
d
A
)
V
.
t
p
O
(
LD
.
D
.
I
)
n
i
m
(
Hh
)
n
i
m
(
MN
P
2
1
T2
11
.
0
Ω
K
0
1
-1
.
0
Ω
K
3
-]
5
4
[
6
7
.
1]
4
1
[
5
5
.]
5
[
2
.]
0
1
[
4
.]
2
[
8
0
.]
5
5
[
5
1
.
2]
5
6
[
6
.
2]
3
[
2
1
.
S
0
2
T0
21
.
0
Ω
K
5
1
-1
.
0
Ω
K
4
-]
0
5
[
0
.
2]
4
1
[
5
5
.]
5
[
2
.]
0
1
[
4
.]
2
[
8
0
.]
5
6
[
6
.
2]
6
7
[
0
.
3]
3
[
2
1
.
5
2
T5
21
.
0
Ω
K
0
2
-1
.
0
Ω
K
6
-]
0
5
[
0
.
2]
8
1
[
7
.]
8
[
3
.]
2
1
[
8
4
.]
2
[
8
0
.]
8
6
[
8
6
.
2]
0
8
[
2
.
3]
4
[
6
1
.
0
5
T0
51
.
0
Ω
K
0
4
-1
.
0
Ω
K
2
1
-]
2
0
1
[
0
.
4]
8
1
[
7
.]
8
[
3
.]
2
1
[
8
4
.]
2
[
8
0
.]
0
2
1
[
2
7
.
4]
2
3
1
[
2
.
5]
4
[
6
1
.
S
0
5
T0
51
.
0
Ω
K
0
4
-1
.
0
Ω
K
2
1
-]
0
9
[
5
5
.
3]
8
2
[
1
.
1]
3
1
[
5
.]
7
1
[
7
6
.]
0
.
4
[
6
1
.]
0
3
1
[
2
1
.
5]
7
4
1
[
8
.
5]
5
.
5
[
2
2
.
5
7
T5
71
.
0
Ω
K
0
5
-1
.
0
Ω
K
6
1
-]
4
.
2
5
1
[
0
.
6]
8
1
[
7
.]
8
[
3
.]
2
1
[
8
4
.]
2
[
8
0
.]
0
7
1
[
9
6
.
6]
2
8
1
[
2
.
7]
4
[
6
1
.
0
8
T0
81
.
0
Ω
K
0
6
-1
.
0
Ω
K
8
1
-]
0
1
1
[
5
3
.
4]
8
2
[
1
.
1]
3
1
[
5
.]
7
1
[
7
6
.]
0
.
4
[
6
1
.]
0
5
1
[
0
9
.
5]
1
7
1
[
7
.
6]
5
.
5
[
2
2
.
0
0
1
T0
0
11
.
0
Ω
K
0
0
1
-1
.
0
Ω
K
0
3
-]
3
6
1
[
4
.
6]
8
2
[
1
.
1]
3
1
[
5
.]
7
1
[
7
6
.]
0
.
4
[
6
1
.]
2
0
2
[
0
0
.
8]
6
1
2
[
5
.
8]
5
.
5
[
2
2
.
0
5
1
T0
5
11
.
0
Ω
K
0
3
1
-1
.
0
Ω
K
0
4
-]
5
9
1
{
7
.
7]
0
3
[
2
.
1]
6
1
[
3
6
.]
9
1
[
5
7
.]
0
.
4
[
6
1
.]
5
3
2
[
5
2
.
9]
4
5
2
[
0
1]
5
.
5
[
2
2
.
5
7
1
T5
7
13
1
.
0
Ω
K
0
5
1
-3
1
.
0
Ω
K
5
4
-]
5
1
2
[
5
.
8]
0
3
[
2
.
1]
6
1
[
3
6
.]
9
1
[
5
7
.]
0
.
4
[
6
1
.]
4
5
2
[
0
1]
9
6
2
[
6
.
0
1]
6
[
4
2
.
5
2
2
T5
2
26
1
.
0
Ω
K
5
6
1
-6
1
.
0
Ω
K
0
5
-]
7
6
2
[
5
.
0
1]
0
3
[
2
.
1]
6
1
[
3
6
.]
9
1
[
5
7
.]
0
.
4
[
6
1
.]
5
0
3
[
2
1]
1
2
3
[
6
.
2
1]
6
[
4
2
.
0
0
3
T0
0
34
.
0
Ω
K
0
2
2
-4
.
0
Ω
K
6
6
-]
9
5
2
[
2
.
0
1]
3
4
[
7
.
1]
3
2
[
9
.
0]
5
2
[
0
.
1]
5
.
4
[
8
1
.]
0
0
3
[
8
.
1
1]
5
2
3
[
8
.
2
1]
8
[
1
3
.
0
0
5
T0
0
55
.
0
Ω
K
0
5
2
-5
.
0
Ω
K
5
7
-]
0
3
3
[
3
1]
3
5
[
1
.
2]
0
3
[
2
.
1]
5
2
[
0
.
1]
5
.
4
[
8
1
.]
0
8
3
[
0
.
5
1]
2
0
4
[
8
.
5
1]
9
[
5
3
.
0
0
6
T0
0
68
.
0
Ω
K
0
0
3
-8
.
0
Ω
K
0
9
-]
9
9
3
[
7
.
5
1]
3
5
[
1
.
2]
0
3
[
2
.
1]
5
2
[
0
.
1]
5
.
4
[
8
1
.]
0
5
4
[
7
.
7
1]
0
7
4
[
5
.
8
1]
9
[
5
3
.
0
5
7
T0
5
78
.
0
Ω
K
0
0
4
-8
.
0
Ω
K
0
2
1
-]
0
6
4
[
1
.
8
1]
3
5
[
1
.
2]
0
3
[
2
.
1]
5
2
[
0
.
1]
5
.
4
[
8
1
.]
0
1
5
[
1
.
0
2]
5
3
5
[
1
.
1
2]
9
[
5
3
.
0
0
0
1
TW
K
11
Ω
K
0
0
5
-1
Ω
K
0
5
1
-]
0
4
5
[
3
.
1
2]
3
6
[
5
.
2]
5
3
[
4
.
1]
0
3
[
5
1
.
1]
5
.
5
[
2
2
.]
5
9
5
[
4
.
3
2]
5
1
6
[
2
.
4
2]
9
[
5
3
.
0
0
3
1
TW
K
3
.
11
Ω
K
0
5
7
-1
Ω
K
0
0
2
-]
0
5
6
[
6
.
5
2]
9
6
[
7
.
2]
5
3
[
4
.
1]
0
3
[
5
1
.
1]
5
.
5
[
2
2
.]
2
0
7
[
6
.
7
2]
2
2
7
[
5
.
8
2]
9
[
5
3
.
e
c
n
a
r
e
l
o
T
d
r
a
d
n
a
t
S
1
Ω
,
)
%
1
.
0
±
o
t
.
l
i
a
v
a
(
%
5
±
:
e
v
o
b
a
d
n
a
1
w
o
l
e
B
±
:
Ω
0
1
%
)
%
1
±
o
t
.
l
i
a
v
a
(
t
n
e
i
c
i
f
f
e
o
C
.
p
m
e
T
)
m
p
p
0
2
o
t
.l
i
a
v
a
(
1
C
°
/
m
p
p
0
6
2
Ω
,
e
v
o
b
a
d
n
a
°
/
m
p
p
0
0
41
.
0
C
Ω
9
9
.
0
o
t
Ω
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D)
t
e
k
c
a
r
b
g
n
i
t
n
u
o
m
o
t
l
a
n
i
m
r
e
t
(
C
A
V
0
0
0
1
d
a
o
l
r
e
v
O.
c
e
s
5
r
o
f
r
e
w
o
p
d
e
t
a
r
x
0
1
.
p
m
e
T
g
n
i
t
a
r
e
p
O5
5
-C
°
0
5
3
+
o
t
C
°
g
n
i
t
a
r
e
DC
°
5
2
e
v
o
b
a
C
°
/
%
1
3
.
p
m
e
Te
r
u
t
a
r
ee
s
i
R
≈
C
°
5
2
3
-
0
5
2W
d
e
t
a
r
ll
u
f
@
.38” T12
.66” T20-
T225
.2 -.5” typ
.125” T12
.16” T20-50
.2” T50S-225
FA027C
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
123456789012
123456789012
123456789012
.040 x 2”
OPTIONAL STYLES:
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
RESISTORS CAPACITORS COILS DELAY LINES
D
H
L
h
I.D.
↓↓↓↓↓
↑↑↑↑↑
50
P/N DESIGNATION:
T225
- 1R00 - F B
W
RCD Type
Options: X, V, T, R, M, L, J, G, EQ, A
(leave blank for standard)
Resis.: 4-digit code for 0.1%-1% (3 signif. figures
& multiplier), e.g. R100=0.1
Ω,1R00=1Ω, 1001=1KΩ.
3-digit code for 2%-10% (2 signif. figures & multiplier),
e.g. R10=0.1
Ω, 1R00=1Ω, 1000=100Ω, 1001=1K
Tolerance: K=10%, J=5%, H=3%, F=1%, D=.5%, C=.25%, B=.1%
Packaging: B = Bulk (standard)
Termination: W= Pb-free, Q= SnPb (leave blank if either is acceptable)
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - T225J-R10-FB

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T2250D/S MORNSUN-T2250D/S Datasheet
341Kb / 4P
Isolated Transmitter
T2250N MORNSUN-T2250N Datasheet
648Kb / 3P
Signal Miniature Package Amplifier
logo
eupec GmbH
T2251N EUPEC-T2251N Datasheet
279Kb / 9P
Phase Control Thyristor
logo
Infineon Technologies A...
T2251N INFINEON-T2251N Datasheet
254Kb / 11P
Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
More results

Similar Description - T225J-R10-FB

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CW10 WELWYN-CW10 Datasheet
71Kb / 2P
Tubular Cement Coated Wirewound Resistors
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
Tubular Power Wirewound Resistors
logo
RCD COMPONENTS INC.
135X-R10 RCD-135X-R10 Datasheet
47Kb / 1P
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
210X-R10 RCD-210X-R10 Datasheet
43Kb / 1P
MINIATURE WIREWOUND RESISTORS 1 WATT to 10 WATT
EW750X-R100-KB RCD-EW750X-R100-KB Datasheet
107Kb / 1P
HIGH POWER EDGEWOUND RESISTORS TUBULAR, 75 WATT to 2000 WATT
RW3X-R015-GB RCD-RW3X-R015-GB Datasheet
40Kb / 1P
ECONOMY WIREWOUND RESISTORS 1 WATT to 10 WATT
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
Tubular Power Wirewound Resistors
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
Vitreous Tubular Power Wirewound Resistors
logo
Vishay Siliconix
RBEA VISHAY-RBEA Datasheet
105Kb / 5P
Wirewound Resistors, Industrial Power, Tubular, Tubular,
04-Mar-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com