Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR7012AC Datasheet(PDF) 2 Page - C&D Technologies

Part # PWR7012AC
Description  5 WATTS REGULATED DC/DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR7012AC Datasheet(HTML) 2 Page - C&D Technologies

  PWR7012AC Datasheet HTML 1Page - C&D Technologies PWR7012AC Datasheet HTML 2Page - C&D Technologies PWR7012AC Datasheet HTML 3Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PWR70xxAC
Rev G
08/2007
Page 2
NOMINAL
RATED
RATED
INPUT CURRENT
REFLECTED
INPUT
OUTPUT
OUTPUT
RIPPLE
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
RATED LOAD
CURRENT
EFFICIENCY
MODEL
(VDC)
(VDC)
(mA)
(mA)
(mA)
(mAp-p)
(%)
PWR7000AC
5
5
1000
50
1580
30
63
PWR7004AC
5
±12
±210
50
1490
30
67
PWR7005AC
5
±15
±167
50
1450
30
69
PWR7006AC
12
5
1000
30
620
30
67
PWR7010AC
12
±12
±210
30
580
30
72
PWR7011AC
12
±15
±167
30
570
30
73
PWR7012AC
15
5
1000
30
500
30
67
PWR7016AC
15
±12
±210
30
480
30
70
PWR7017AC
15
±15
±167
30
460
30
73
PWR7018AC
24
5
1000
30
320
30
65
PWR7022AC
24
±12
±210
30
310
30
67
PWR7023AC
24
±15
±190
30
355
30
68
PWR7030AC
48
5
1000
20
165
30
63
PWR7033AC
48
±5
±500
20
168
30
62
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
4.75
5
5.25
VDC
10.8
12
13.2
VDC
13.5
15
16.5
VDC
21.6
24
26.5
VDC
43.2
48
52.8
VDC
ISOLATION
Rated Voltage
500
VDC
Test Voltage
60 Hz, 10 Seconds
500
Vpk
Resistance
10
G
Ω
Capacitance
80
pF
Leakage Current
V
ISO= 240V
AC
, 60Hz
10
10
μArms
OUTPUT
Rated Power
5
W
Voltage Setpoint Accuracy
Rated Load, Nominal VIN
±1
%
Temperature Coefficent
±0.02
%/°C
Ripple & Noise
BW = DC to 10MHz
30
mVp-p
BW =10Hz to 2MHz
2
mVrms
Tracking
-VOUT Tracks +VOUT
±1
%
TRANSIENT RESPONSE
5V Output Models (Within ±1%)
Rated Load to No Load
50
μs
No Load to Rated Load
100
μs
All Other Models (Within ±0.1%)
Rated Load to No Load
30
μs
No Load to Rated Load
100
μs
REGULATION
Line Regulation
High Line to Low Line
±0.02
%
Load Regulation
Rated Load to No Load
%
5V Output Models
±0.04
%
All Other Models
±0.02
%
GENERAL
Switching Frequency
170
kHz
Package Weight
50
g
MTTF per MIL-HDBK-217, Rev. F
Circuit Stress Method
Ground Benign
TA =+25°C
762,000
Hr
TA =+70°C
46,000
Hr
Fixed Ground
TA =+35°C
230,000
Hr
Naval Sheltered
TA =+35°C
127,000
Hr
Airborne Uninhabited Fighter
TA =+35°C
29,000
Hr
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-20
2
TEMPERATURE
Specification
0
+25
+70
°C
Operation
-25
+85
°C
Storage
-40
+110
°C
Note: Other input to output voltages may be available. Please contact factory.
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
COMMON SPECIFICATIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com