Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54ALS02AJ Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS02AJ
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS02AJ Datasheet(HTML) 6 Page - Texas Instruments

  SN54ALS02AJ Datasheet HTML 1Page - Texas Instruments SN54ALS02AJ Datasheet HTML 2Page - Texas Instruments SN54ALS02AJ Datasheet HTML 3Page - Texas Instruments SN54ALS02AJ Datasheet HTML 4Page - Texas Instruments SN54ALS02AJ Datasheet HTML 5Page - Texas Instruments SN54ALS02AJ Datasheet HTML 6Page - Texas Instruments SN54ALS02AJ Datasheet HTML 7Page - Texas Instruments SN54ALS02AJ Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-86844012A
ACTIVE
LCCC
FK
20
1
None
Call TI
Level-NC-NC-NC
5962-8684401DA
ACTIVE
CFP
W
14
1
None
Call TI
Level-NC-NC-NC
JM38510/37301B2A
ACTIVE
LCCC
FK
20
1
None
Call TI
Level-NC-NC-NC
JM38510/37301BCA
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
SN54ALS02AJ
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
SN54AS02J
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
SN74ALS02AD
ACTIVE
SOIC
D
14
50
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74ALS02ADR
ACTIVE
SOIC
D
14
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74ALS02AN
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74ALS02AN3
OBSOLETE
PDIP
N
14
None
Call TI
Call TI
SN74ALS02ANSR
ACTIVE
SO
NS
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74AS02D
ACTIVE
SOIC
D
14
50
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74AS02DR
ACTIVE
SOIC
D
14
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74AS02N
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74AS02N3
OBSOLETE
PDIP
N
14
None
Call TI
Call TI
SN74AS02NSR
ACTIVE
SO
NS
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SNJ54ALS02AFK
ACTIVE
LCCC
FK
20
1
None
Call TI
Level-NC-NC-NC
SNJ54ALS02AJ
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
SNJ54ALS02AW
ACTIVE
CFP
W
14
1
None
Call TI
Level-NC-NC-NC
SNJ54AS02FK
ACTIVE
LCCC
FK
20
1
None
Call TI
Level-NC-NC-NC
SNJ54AS02J
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com