Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHCT595 Datasheet(PDF) 1 Page - Texas Instruments

Part # AHCT595
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AHCT595 Datasheet(HTML) 1 Page - Texas Instruments

  AHCT595 Datasheet HTML 1Page - Texas Instruments AHCT595 Datasheet HTML 2Page - Texas Instruments AHCT595 Datasheet HTML 3Page - Texas Instruments AHCT595 Datasheet HTML 4Page - Texas Instruments AHCT595 Datasheet HTML 5Page - Texas Instruments AHCT595 Datasheet HTML 6Page - Texas Instruments AHCT595 Datasheet HTML 7Page - Texas Instruments AHCT595 Datasheet HTML 8Page - Texas Instruments AHCT595 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54AHCT595, SN74AHCT595
8BIT SHIFT REGISTERS
WITH 3STATE OUTPUT REGISTERS
SCLS374L − MAY 1997 − REVISED FEBRUARY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D 8-Bit Serial-In, Parallel-Out Shift
D Shift Register Has Direct Clear
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
The ’AHCT595 devices contain an 8-bit serial-in,
parallel-out shift register that feeds an 8-bit D-type
storage register. The storage register has parallel
3-state outputs. Separate clocks are provided for
the shift and storage registers. The shift register
has a direct overriding clear (SRCLR) input, serial
(SER) input, and serial outputs for cascading.
When the output-enable (OE) input is high, the
outputs are in the high-impedance state.
Both the shift register clock (SRCLK) and storage
register clock (RCLK) are positive-edge triggered.
If both clocks are connected together, the shift
register always is one clock pulse ahead of the
storage register.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74AHCT595N
SN74AHCT595N
SOIC − D
Tube
SN74AHCT595D
AHCT595
SOIC − D
Tape and reel
SN74AHCT595DR
AHCT595
−40
°C to 85°C
SOP − NS
Tape and reel
SN74AHCT595NSR
AHCT595
−40 C to 85 C
SSOP − DB
Tape and reel
SN74AHCT595DBR
HB595
TSSOP − PW
Tube
SN74AHCT595PW
HB595
TSSOP − PW
Tape and reel
SN74AHCT595PWR
HB595
CDIP − J
Tube
SNJ54AHCT595J
SNJ54AHCT595J
−55
°C to 125°C
CFP − W
Tube
SNJ54AHCT595W
SNJ54AHCT595W
−55 C to 125 C
LCCC − FK
Tube
SNJ54AHCT595FK
SNJ54AHCT595FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54AHCT595 ...J OR W PACKAGE
SN74AHCT595 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
SN54AHCT595 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
QB
QC
QD
QE
QF
QG
QH
GND
VCC
QA
SER
OE
RCLK
SRCLK
SRCLR
QH′
4
5
6
7
8
18
17
16
15
14
SER
OE
NC
RCLK
SRCLK
QD
QE
NC
QF
QG
910 11 12 13
3
2
1 20 19


Similar Part No. - AHCT595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AHCT04 TI-AHCT04 Datasheet
921Kb / 22P
HEX INVERTERS
AHCT139 TI-AHCT139 Datasheet
472Kb / 18P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
Diodes Incorporated
AHCT14 DIODES-AHCT14 Datasheet
292Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
logo
Texas Instruments
AHCT16245 TI-AHCT16245 Datasheet
254Kb / 14P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
AHCT240 TI-AHCT240 Datasheet
950Kb / 26P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - AHCT595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
8-Bit Shift Registers With 3-State Output Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com