Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4CPW1000KB Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # 4CPW1000KB
Description  Switch tube (max regulation range 20 kV)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

4CPW1000KB Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  4CPW1000KB Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuMRatings
typicalOpeRatiOn
classof
typeofservice
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage current
Voltage Voltage current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps) (Watts) (kiloWatts)
---
switchtube(maxregulationrange20kV)
175,000
75
---
---
---
---
---
---
pulsemodulator
175,000
75
150,000
1,000
45
---
6,000.0
The 4CPW1000KB is a water cooled power tet-
rode intended for use as a pulse modulator or
pulse regulator. The tube is rated for 175 kVdc
holdoff in a protective atmosphere, with a 75 am-
pere pulse cathode current rating during conduc-
tion and 1000 kilowatt anode dissipation rating
(average during the pulse). Peak anode current
capability in excess of 100 amperes for short pulse
operation is practical.
4cpW1000KB/x-2062M
Forinformationon this and other CPI products, visit our website at:www.cpii.com,
or contact: CPI MPP Division, Eimac Operations, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
1,000,000 Watts
Screen Dissipation (Max.)
3,500 Watts
Grid Dissipation (Max.)
1,500 Watts
Frequency for Max. rating (CW)
--- MHz
Amplification Factor
4.5
Filament/Cathode
Thoriated Tungsten
Mesh
Voltage
12 Volts
Current
660 Amps
Capacitance
Grounded Cathode
Input
770 pf
Output
45 pf
Feedthrough
4 pf
Capacitance
---
Input
--- pf
Output
--- pf
Feedthrough
--- pf
Cooling
Water and Forced Air
Base
Special
Air Socket
---
Air Chimney
---
Boiler
---
Length
31 in; 78.74 cm
Diameter
17 in; 43.18 cm
Weight
175 lb; 80 kg


Similar Part No. - 4CPW1000KB

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
4CPW1000KA CPI-4CPW1000KA Datasheet
93Kb / 1P
Switch tube (max regulation range 20 kV)
More results

Similar Description - 4CPW1000KB

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
4CPW300-000A CPI-4CPW300-000A Datasheet
91Kb / 1P
Switch tube (maximum regulation range 20 Kv)
4CPW1000KA CPI-4CPW1000KA Datasheet
93Kb / 1P
Switch tube (max regulation range 20 kV)
logo
Winchester Electronics ...
SD1764-1 WINCHESTER-SD1764-1 Datasheet
60Kb / 1P
20 KV HV, RECEPTACLE BULKHEAD MOUNT
SD1764-2 WINCHESTER-SD1764-2 Datasheet
53Kb / 1P
20 KV HV, RECEPTACLE BULKHEAD MOUNT
SD1765-1 WINCHESTER-SD1765-1 Datasheet
52Kb / 1P
PLUG, 20 KV
logo
Unisonic Technologies
US1651 UTC-US1651 Datasheet
178Kb / 7P
PRIMARY-SIDE REGULATION PWM POWER SWITCH
US1652 UTC-US1652 Datasheet
169Kb / 7P
PRIMARY-SIDE REGULATION PWM POWER SWITCH
logo
TE Connectivity Ltd
H-19 TEC-H-19 Datasheet
259Kb / 1P
20 kV operating voltage
logo
Unisonic Technologies
USR1652 UTC-USR1652 Datasheet
167Kb / 7P
PRIMARY-SIDE REGULATION PWM POWER SWITCH
logo
List of Unclassifed Man...
OB2211 ETC2-OB2211 Datasheet
343Kb / 11P
Primary-Side Regulation PWM Power Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com