Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFD313 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # SFD313
Description  1 MW C-band coaxial magnetron
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

SFD313 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  SFD313 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Magnetrons
150 Sohier Road
Beverly, Massachusetts 01915
Beverly Microwave Division
Phone: 978-922-6000 Fax: 978-922-2736
E-Mail: marketing@bmd.cpii.com
Internet: www.cpii.com/bmd
Features:
· Frequency 5.45 – 5.85 GHz
· Peak Power Output 1 MW
· Duty Cycle .001
· Anode Voltage 36 kV
· Anode Current 60 amps
· Pulse Width 2.0 microseconds
· Heater 5 volts @ 19 amps
· Air cooled
· Mechanically tunable
SFD 313 Magnetron
Description:
1 MW C-band coaxial magnetron


Similar Part No. - SFD313

ManufacturerPart #DatasheetDescription
logo
Novaris
SFD3 NOVARIS-SFD3 Datasheet
287Kb / 2P
Three Phase Surge Filters
SFD3-10-50-275-A NOVARIS-SFD3-10-50-275-A Datasheet
385Kb / 2P
Compact DIN Surge Filter
SFD3-10-50-275-A NOVARIS-SFD3-10-50-275-A Datasheet
287Kb / 2P
Three Phase Surge Filters
SFD3-20-50-275-A NOVARIS-SFD3-20-50-275-A Datasheet
385Kb / 2P
Compact DIN Surge Filter
SFD3-20-50-275-A NOVARIS-SFD3-20-50-275-A Datasheet
287Kb / 2P
Three Phase Surge Filters
More results

Similar Description - SFD313

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
SFD332 CPI-SFD332 Datasheet
312Kb / 1P
60 kW, Ka -band coaxial magnetron
SFD341 CPI-SFD341 Datasheet
298Kb / 1P
250 kW, C -band coaxial magnetron
SFD342 CPI-SFD342 Datasheet
313Kb / 1P
65 kW, Ku-band coaxial magnetron
SFD349 CPI-SFD349 Datasheet
314Kb / 1P
200 kW, X-band coaxial magnetron
SFD352 CPI-SFD352 Datasheet
295Kb / 1P
220 kW, X-band coaxial magnetron
SFD369 CPI-SFD369 Datasheet
340Kb / 1P
1.5 MW, C -band coaxial magnetron
SFD373 CPI-SFD373 Datasheet
316Kb / 1P
250 kW, C-band coaxial magnetron
SFD377C CPI-SFD377C Datasheet
317Kb / 1P
70 kW, X-band coaxial magnetron
SFD381A CPI-SFD381A Datasheet
314Kb / 1P
220 kW, X-band coaxial magnetron
SFD382 CPI-SFD382 Datasheet
314Kb / 1P
250 kW, X-band coaxial magnetron
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com