Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS738 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS738
Description  Package LQFP32
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS738 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS738 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZMD-Standard
April 2002
Supersedes
Edition 11.95
Package LQFP32
(7 x 7)
MDS
738
Zentrum Mikroelektronik Dresden AG
Editor: signed Schoder
Date: 30.04.2002
Doc-No.
QS-000738-HD-03
Check: signed Marx
Quality: signed Gersdorf
Dimensions in millimetres
Based on JEDEC JEP95: MO-136 BC
1Dimensions
Dimensions of Sub-Group B1
Dimensions of Sub-Group C1
enom
0,80
A1min
0,05
Amax
1,60
A1max
0,15
bPmin
0,30
A2min
1,35
bPmax
0,45
A2max
1,45
HEmin
8,85
cmin
0,09
HEmax
9,15
cmax
0,20
HDmin
8,85
Dmin
6,75
HDmax
9,15
Dmax
7,25
LPmin
0,45
Emin
6,75
2Weight
£ 0,2 g
Emax
7,25
qmin
0°
3Body Material
Low Stress Epoxy
qmax
7°
4Lead Material
FeNi-Alloy or Cu-Alloy
5Lead Finish
solder plating
6Lead Form
Z-bends
LP
Detail Z
HD
D
1
0,1
Z


Similar Part No. - MDS738

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
MDS731 ZMD-MDS731 Datasheet
146Kb / 1P
Package PLCC28
MDS732 ZMD-MDS732 Datasheet
128Kb / 1P
Package PLCC52
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS739 ZMD-MDS739 Datasheet
129Kb / 1P
Package SOP24
More results

Similar Description - MDS738

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
Zentrum Mikroelektronik...
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
MDS748 ZMD-MDS748 Datasheet
154Kb / 1P
Package SOP14
MDS745 ZMD-MDS745 Datasheet
136Kb / 1P
Package SOP32
MDS753 ZMD-MDS753 Datasheet
155Kb / 1P
Package SSOP16
logo
ON Semiconductor
ECLLQFP32EVB ONSEMI-ECLLQFP32EVB Datasheet
238Kb / 22P
Evaluation Board Manual for High Frequency LQFP32
April, 2003 - Rev. 1
logo
KEC(Korea Electronics)
BAV21W KEC-BAV21W Datasheet
349Kb / 1P
USC PACKAGE
BC856W KEC-BC856W_08 Datasheet
349Kb / 1P
USM PACKAGE
logo
Exar Corporation
SP6203ER-L EXAR-SP6203ER-L Datasheet
1Mb / 14P
PACKAGE SPECIFICATIO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com