Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS735 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS735
Description  Package PDIP28
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS735 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS735 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZMD-Standard
November 2001
Supersedes
Edition 11.95
Package PDIP28
(300 mil)
MDS
735
Zentrum Mikroelektronik Dresden AG
Editor: signed Schoder
Date: 27.11.2001
Doc-No.
QS-000735-HD-03
Check: signed Marx
Quality: signed Lorenz
Als Betriebsgeheimnis anvertraut. Alle Rechte vorbehalten.
Proprietary data, company confidential. All rights reserved.
b1
Dimensions in millimetres
Based on JEDEC JEP95: MS-001 BF und GS-003
1Dimensions
Dimensions of Sub -Group B1
Dimensions of Sub-Group C1
Amax
5,10
Amin
3,00
A1min
0,38
A1max
1,80
b1min**
0,35
Lmax
5,00
b1max**
0,59
Dmin*
34,40
cmin
0,20
Dmax*
35,00
cmax
0,36
°min
0
enom
2,54
°max
15
e1nom
7,62
* without mold-flash
Emin*7,00
** The lead position tolerance requires slots with a
minimum diameter of 0,7mm. The spacing bet-
ween adjacent slots is 2,54mm.
Emax*7,62
Lmin
2,60
Zmax
1,00
2Weight
 2,0 g
3 Package Body Material
Low Stress Epoxy
4Lead Material
FeNi-Alloy or Cu-Alloy
5Lead Finish
solder plating
Seating Plane
1
D
28
Pin 1 Index area
E
c
e1
°
e
Z
0,
254
M


Similar Part No. - MDS735

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
MDS731 ZMD-MDS731 Datasheet
146Kb / 1P
Package PLCC28
MDS732 ZMD-MDS732 Datasheet
128Kb / 1P
Package PLCC52
MDS738 ZMD-MDS738 Datasheet
149Kb / 1P
Package LQFP32
MDS739 ZMD-MDS739 Datasheet
129Kb / 1P
Package SOP24
More results

Similar Description - MDS735

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
Zentrum Mikroelektronik...
MDS713 ZMD-MDS713 Datasheet
127Kb / 1P
Package PDIP28
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
MDS748 ZMD-MDS748 Datasheet
154Kb / 1P
Package SOP14
MDS745 ZMD-MDS745 Datasheet
136Kb / 1P
Package SOP32
MDS753 ZMD-MDS753 Datasheet
155Kb / 1P
Package SSOP16
logo
KEC(Korea Electronics)
BAV21W KEC-BAV21W Datasheet
349Kb / 1P
USC PACKAGE
BC856W KEC-BC856W_08 Datasheet
349Kb / 1P
USM PACKAGE
KDR105 KEC-KDR105_08 Datasheet
21Kb / 1P
USM PACKAGE
logo
Exar Corporation
SP6203ER-L EXAR-SP6203ER-L Datasheet
1Mb / 14P
PACKAGE SPECIFICATIO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com