Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS769 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS769
Description  Package PQFN48
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS769 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS769 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZMD-Standard
November 2004
Package PQFN48
(7 x 7)
MDS
769
Zentrum Mikroelektronik Dresden
Editor: signature by Schoder
Date: 22.11.2004
Doc-No.
QS-000769-HD-02
Check: signature by Marx
Quality: signature by Tina Kochan
Dimensions in millimetres
Based on JEDEC: MO-220
1Dimensions
Dimensions of Sub-Group B1
Dimensions of Sub-Group C1
enom
0.5
Amin
-
Amax
0.9
A1min
0.0
bPmin
0.18
A1max
0.05
bPmax
0.30
A2min
-
HEmin
6.9
A2max
0.7
HEmax
7.1
β
45°
HDmin
6.9
HDmax
7.1
Lmin
0.3
2Weight
≤ 0.14 g
3 Package Body Material
Low Stress Epoxy
4 Lead Material
Cu-Alloy
5 Lead Finish
solder plating
6 Lead Form
no lead
0.1
1
HD
1 2 3
top view
bottom view
3 2


Similar Part No. - MDS769

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
MDS761 ZMD-MDS761 Datasheet
27Kb / 1P
Package SSOP14
MDS762 ZMD-MDS762 Datasheet
156Kb / 1P
Package SSOP28
MDS764 ZMD-MDS764 Datasheet
152Kb / 1P
Package TSOP (ll) 44
MDS767 ZMD-MDS767 Datasheet
57Kb / 1P
Package SSOP20
MDS768 ZMD-MDS768 Datasheet
82Kb / 1P
Package TSOP32
More results

Similar Description - MDS769

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
Zentrum Mikroelektronik...
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
MDS748 ZMD-MDS748 Datasheet
154Kb / 1P
Package SOP14
MDS745 ZMD-MDS745 Datasheet
136Kb / 1P
Package SOP32
MDS753 ZMD-MDS753 Datasheet
155Kb / 1P
Package SSOP16
logo
KEC(Korea Electronics)
BAV21W KEC-BAV21W Datasheet
349Kb / 1P
USC PACKAGE
BC856W KEC-BC856W_08 Datasheet
349Kb / 1P
USM PACKAGE
KDR105 KEC-KDR105_08 Datasheet
21Kb / 1P
USM PACKAGE
logo
Exar Corporation
SP6203ER-L EXAR-SP6203ER-L Datasheet
1Mb / 14P
PACKAGE SPECIFICATIO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com