Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS742 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS742
Description  Package PQFP64
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS742 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS742 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZMD-Standard
September 2000
Supersedes
Edition 11.96
1. Amendment 11.97
Package PQFP64
(14x14)
MDS
742
Als Betriebsgeheimnis anvertraut. Alle Rechte vorbehalten.
Proprietary data, company confidential. All rights reserved.
Zentrum Mikroelektronik Dresden AG
Editor: signed Schoder
Date: 13.09.2000
Doc-No.
QS-000742-HD-02
Check: signed Marx
Quality: signed Lorenz
Dimensions in millimetres
Based on JEDEC JEP95: MO-108 BD-2 und MS-022 BE
1Dimensions
Dimensions of Sub-Group B1
Dimensions of Sub-Group C1
enom
0,80
A1min
0,10
Amax
3.00
A1max
0,30
bPmin
0,30
A2min
2,55
bPmax
0,45
A2max
2,75
HEmin
16,95
cmin
0,13
HEmax
17,45
cmax
0,23
HDmin
16,95
Dmin
13,90
HDmax
17,45
Dmax
14,10
LPmin
0,73
Emin
13,90
2Weight
£ 1,2 g
Emax
14,10
3 Package Body Material
Low Stress Epoxy
qmin
0°
4Lead Material
FeNi-Alloy or Cu-Alloy
qmax
7°
5Lead Finish
solder plating
6Lead Form
Z-bends
Detail Z
LP
HD
D
1
0,1
Z


Similar Part No. - MDS742

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
MDS744 ZMD-MDS744 Datasheet
80Kb / 1P
Package PQFP208
MDS745 ZMD-MDS745 Datasheet
136Kb / 1P
Package SOP32
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
MDS748 ZMD-MDS748 Datasheet
154Kb / 1P
Package SOP14
MDS749 ZMD-MDS749 Datasheet
148Kb / 1P
Package SOP18
More results

Similar Description - MDS742

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
Zentrum Mikroelektronik...
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
MDS755 ZMD-MDS755 Datasheet
53Kb / 1P
Package PQFP64
MDS748 ZMD-MDS748 Datasheet
154Kb / 1P
Package SOP14
MDS745 ZMD-MDS745 Datasheet
136Kb / 1P
Package SOP32
MDS753 ZMD-MDS753 Datasheet
155Kb / 1P
Package SSOP16
logo
KEC(Korea Electronics)
BAV21W KEC-BAV21W Datasheet
349Kb / 1P
USC PACKAGE
BC856W KEC-BC856W_08 Datasheet
349Kb / 1P
USM PACKAGE
logo
Exar Corporation
SP6203ER-L EXAR-SP6203ER-L Datasheet
1Mb / 14P
PACKAGE SPECIFICATIO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com