Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS721 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS721
Description  Package PQFP160
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS721 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS721 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZMD-Standard
December 2001
Supersedes
Edition 11.95
Package PQFP160
(28x28)
MDS
721
Zentrum Mikroelektronik Dresden AG
Editor:
Date:
Doc-No.
QS-000721-HD-03
Check:
Quality:
Als Betriebsgeheimnis anvertraut. Alle Rechte vorbehalten.
Proprietary data, company confidential. All rights reserved.
Dimensions in millimetres
Based on JEDEC JEP95: MO-112 DD-1
Dimensions
Dimensions of Sub-Group B1
Dimension of Sub-Group C1
enom
0,65
Amin
3,68
Amax
4,00
A1min
0,25
bPmin
0,22
A1max
0,50
bPmax
0,38
A2min
3,40
HEmin
31,65
A2max
3,60
HEmax
32,15
cmin
0,15
HDmin
31,65
cmax
0,20
HDmax
32,15
Dmin
27,90
LPmin
0,63
Dmax
28,10
1Weight
£ 5,4 g
Emin
27,90
2 Package Body Material
Low Stress Epoxy
Emax
28,10
3Lead Material
FeNi-Alloy or Cu-Alloy
qmin
0°
4Lead Finish
solder plating
qmax
10°
5Lead Form
Z-bends
b
45°
LP
Detail Z
Z
0,1
D
HD
1


Similar Part No. - MDS721

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
MDS720 ZMD-MDS720 Datasheet
149Kb / 1P
Package PQFP52
MDS722 ZMD-MDS722 Datasheet
151Kb / 1P
Package PQFP144
MDS723 ZMD-MDS723 Datasheet
145Kb / 1P
Package PLCC44
MDS724 ZMD-MDS724 Datasheet
148Kb / 1P
Package PLCC84
MDS726 ZMD-MDS726 Datasheet
49Kb / 1P
Package SOP8
More results

Similar Description - MDS721

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
Zentrum Mikroelektronik...
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
MDS748 ZMD-MDS748 Datasheet
154Kb / 1P
Package SOP14
MDS745 ZMD-MDS745 Datasheet
136Kb / 1P
Package SOP32
MDS753 ZMD-MDS753 Datasheet
155Kb / 1P
Package SSOP16
logo
KEC(Korea Electronics)
BAV21W KEC-BAV21W Datasheet
349Kb / 1P
USC PACKAGE
BC856W KEC-BC856W_08 Datasheet
349Kb / 1P
USM PACKAGE
KDR105 KEC-KDR105_08 Datasheet
21Kb / 1P
USM PACKAGE
logo
Exar Corporation
SP6203ER-L EXAR-SP6203ER-L Datasheet
1Mb / 14P
PACKAGE SPECIFICATIO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com