Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS726 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS726
Description  Package SOP8
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS726 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS726 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZMD-Standard
January 2005
Supersedes
Edition 11.95
Package SOP8
(150 mil)
MDS
726
Zentrum Mikroelektronik Dresden
Editor: signature by Schoder
Date: 06.01.2005
Doc-No.
QS-000726-HD-03
Check: signature by Marx
Quality: signature by Tina Kochan
Als Betriebsgeheimnis anvertraut. Alle Rechte vorbehalten.
Proprietary data, company confidential. All rights reserved.
Dimensions in millimetres
Based on IEC 191-2Q: Type 076E35 B
1Dimensions
Dimensions of Sub-Group B1
Dimensions of Sub-Group C1
Amax
1,95
Amin
1,55
bPmin
0,35
A1min
0,10
bPmax
0,49
A1max
0,30
enom
1,27
A2min
1,40
HEmin
5,80
A2max
1,80
HEmax
6,30
cmin
0,15
LPmin
0,40
cmax
0,25
Zmax
0,635
Dmin*4,80
Dmax*5,00
2Weight
≤ 0,3 g
Emin*3,80
3 Package Body Material
Low Stress Epoxy
Emax*4,00
4Lead Material
FeNi-Alloy or Cu-Alloy
kmin
0,33
5Lead Finish
solder plating
θmin
0°
6Lead Form
Z-bends
θmax
8°
* without mold-flash
View X
LP
k x 45
°
Z
0,1
X
e
D
1
8
b
M
0,2


Similar Part No. - MDS726

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
MDS720 ZMD-MDS720 Datasheet
149Kb / 1P
Package PQFP52
MDS721 ZMD-MDS721 Datasheet
151Kb / 1P
Package PQFP160
MDS722 ZMD-MDS722 Datasheet
151Kb / 1P
Package PQFP144
MDS723 ZMD-MDS723 Datasheet
145Kb / 1P
Package PLCC44
MDS724 ZMD-MDS724 Datasheet
148Kb / 1P
Package PLCC84
More results

Similar Description - MDS726

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
Zentrum Mikroelektronik...
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
logo
Panasonic Semiconductor
AQW212S PANASONIC-AQW212S Datasheet
75Kb / 3P
Miniature SOP8-pin type of 60V/350V/400V load voltage Industrial robots
AQW223R2S PANASONIC-AQW223R2S Datasheet
73Kb / 3P
Miniature SOP8-pin type featuring low CxR with high load voltage of 250V
logo
Thinki Semiconductor Co...
LM4558 THINKISEMI-LM4558 Datasheet
273Kb / 3P
SOP8,DIP8 DUAL OPERATIONAL AMPLIFIERS INTEGRATED CIRCUIT
logo
ZP Semiconductor
CJ4803A ZPSEMI-CJ4803A Datasheet
921Kb / 2P
SOP8 Plastic-Encapsulate MOSFETS
logo
Lite-On Technology Corp...
LTV-200 LITEON-LTV-200 Datasheet
195Kb / 10P
Optocouplers, Phototransistor Output, Dual Channel, SOP8 Package
logo
Feeling Technology Corp...
FP8103 FEELING-FP8103 Datasheet
664Kb / 19P
1A Linear Li-Ion Battery Charger in SOP8
logo
ETA SOLUTIONS CO. LIMIT...
ETA9040 ETA-ETA9040 Datasheet
115Kb / 1P
Two-Channel Power Management Unit A 500mA Step-Up Converter and A 300mA LDO in SOP8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com