Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS749 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS749
Description  Package SOP18
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS749 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS749 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZMD-Standard
September 1997
Package SOP18
(300 mil)
MDS
749
Zentrum Mikroelektronik Dresden AG
Editor: signed Schoder
Date: 15.09.1997
Doc-No.
QS-000749-HD-01
Check: signed Marx
Quality: signed Lorenz
Dimensions in millimetres
Based on JEDEC JEP95 MS-013
1Dimensions
Dimensions of Sub-Group B1
Dimensions of Sub-Group C1
Amax
2,65
Amin
2,35
bPmin
0,35
A1min
0,10
bPmax
0,49
A1max
0,30
enom
1,27
A2min
2,25
HEmin
10,00
A2max
2,45
HEmax
10,65
cmin
0,23
LPmin
0,61
cmax
0,32
Zmax
0,78
Dmin*
11,46
Dmax*
11,71
2Weight
£ 0,5 g
Emin*7,40
3Package Body Material
Low Stress Epoxy
Emax*7,60
4Lead Material
FeNi-Alloy or Cu-Alloy
kmin
0,25
5Lead Finish
solder plating
qmin
0°
6Lead Form
Z-bends
qmax
8°
* without mold-flash
View X
LP
k x 45
°
Z
0,1
X
b
e
M
0,2
D
1
18


Similar Part No. - MDS749

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
MDS742 ZMD-MDS742 Datasheet
153Kb / 1P
Package PQFP64
MDS744 ZMD-MDS744 Datasheet
80Kb / 1P
Package PQFP208
MDS745 ZMD-MDS745 Datasheet
136Kb / 1P
Package SOP32
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
MDS748 ZMD-MDS748 Datasheet
154Kb / 1P
Package SOP14
More results

Similar Description - MDS749

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
Zentrum Mikroelektronik...
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
MDS748 ZMD-MDS748 Datasheet
154Kb / 1P
Package SOP14
MDS745 ZMD-MDS745 Datasheet
136Kb / 1P
Package SOP32
MDS753 ZMD-MDS753 Datasheet
155Kb / 1P
Package SSOP16
logo
KEC(Korea Electronics)
BAV21W KEC-BAV21W Datasheet
349Kb / 1P
USC PACKAGE
BC856W KEC-BC856W_08 Datasheet
349Kb / 1P
USM PACKAGE
KDR105 KEC-KDR105_08 Datasheet
21Kb / 1P
USM PACKAGE
logo
Exar Corporation
SP6203ER-L EXAR-SP6203ER-L Datasheet
1Mb / 14P
PACKAGE SPECIFICATIO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com