Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

104FPA202K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 104FPA202K
Description  Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104FPA202K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  104FPA202K Datasheet HTML 1Page - Illinois Capacitor, Inc. 104FPA202K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
FPA
Axial Leaded Impregnated
Polypropylene Film with
Aluminum Foil Electrodes
I High dv/dt
I Low Self Inductance
I Low ESR
I Impregnated Elements Eliminate Corona
FEATURES
APPLICATIONS
SPECIFICATIONS
I IGBT Protection Circuits
I Snubber Networks
I Energy Conversion
I Control Circuits
Coating
Capacitance Tolerance
±10% at 1kHz, 20°C
±5% optional
AC Voltage
Construction
Operating Temperature Range
-25°C to +85°C
WVDC
850
1200
2000
2500
3000
C
≤ 0.33µF: 50000 MΩ
C>0.33µF: 30000 M
Ω
Electrodes
Lead Terminations
Aluminum Foil
Flame Retardant Polyester Tape Wrap with Epoxy End Fill
Lead free tinned copper leads
Dissipation Factor
tan
δ
at 1 kHz and 20°C
Insulation Resistance
@20°C(<70% RH) for 1 minute at
500 VDC applied
Self Inductance
<1 nano-Henry per mm of lead spacing and lead length
450
500
630
700
750
VAC
0.05% Max.
250% of VDC applied for
2 seconds and 20°
Terminal to Terminal
VDC
≤ 2000VDC
Terminal to Terminal
VDC > 2000VDC
200% of VDC applied for
2 seconds and 20°
Dielectric Strength
Impregnated Extended Foil Polypropylene Film
D
±2mm
35.0 min
L
±2mm
d
35.0 min


Similar Part No. - 104FPA202K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104FPB102K ILLINOISCAPACITOR-104FPB102K Datasheet
369Kb / 2P
Impregnated Polypropylene Film with Aluminum Foil Electrodes
104FPB630K ILLINOISCAPACITOR-104FPB630K Datasheet
369Kb / 2P
Impregnated Polypropylene Film with Aluminum Foil Electrodes
104FPF162K ILLINOISCAPACITOR-104FPF162K Datasheet
367Kb / 2P
Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
104FPF202K ILLINOISCAPACITOR-104FPF202K Datasheet
367Kb / 2P
Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
104FPF252K ILLINOISCAPACITOR-104FPF252K Datasheet
367Kb / 2P
Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
More results

Similar Description - 104FPA202K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102FPB102K ILLINOISCAPACITOR-102FPB102K Datasheet
369Kb / 2P
Impregnated Polypropylene Film with Aluminum Foil Electrodes
153FPF302K ILLINOISCAPACITOR-153FPF302K Datasheet
367Kb / 2P
Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
104FPL102KK2 ILLINOISCAPACITOR-104FPL102KK2 Datasheet
418Kb / 7P
Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
224MARA01KG ILLINOISCAPACITOR-224MARA01KG Datasheet
383Kb / 4P
Axial Leaded Metallized Polypropylene Film
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
102PWS202KD ILLINOISCAPACITOR-102PWS202KD Datasheet
223Kb / 3P
Axial leaded polypropylene film with aluminum foil electrodes capacitors for power semiconductors
222PWS202KD ILLINOISCAPACITOR-222PWS202KD Datasheet
138Kb / 1P
AXIAL LEAD METALLIZED FILM WITH FOIL ELECTRODES
224MARA01KG ILLINOISCAPACITOR-224MARA01KG_13 Datasheet
441Kb / 4P
Axial Leaded Polypropylene Film
logo
Kemet Corporation
A72EF1470AA00J KEMET-A72EF1470AA00J Datasheet
668Kb / 14P
A72, Polypropylene Film/Foil, Axial
9/28/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com