Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

104FPA302K Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 104FPA302K
Description  Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104FPA302K Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  104FPA302K Datasheet HTML 1Page - Illinois Capacitor, Inc. 104FPA302K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
FPA
Axial Leaded
Impregnated
Polypropylene Film with
Aluminum Foil
Electrodes
PHYSICAL DIMENSIONS
µF
WVDC
(VAC)
Convert to inches, divide by 25.4
DxL(mm)
0.01
12x23
12x23
0.015
15x23
12x23
0.022
15x23
15x23
0.033
17x35
17x35
17x35
0.047
15x23
17x35
17x35
19x55
0.068
15x23
17x35
17x35
19x55
0.1
17x35
17x35
19x42
19x42
19x55
0.15
17x35
17x35
19x42
19x42
19x55
0.22
19x42
19x42
25x55
19x55
25x55
0.33
19x42
19x42
30x55
25x55
30x55
0.47
19x55
19x55
25x55
0.68
19x55
19x55
1
25x55
25x55
1.2
25x55
30x55
1.5
25x55
30x55
2
30x55
850
(450)
1200
(500)
2000
(630)
2500
(700)
3000
(750)
STANDARD PARTS LISTING
Capacitance
(µF)
WVDC
dv/dt
(v/µs)
PART
NUMBER
Maximum
RMS
Current
@100 kHz,
+70°C in Amps
Dimensions
DxL
(mm)
d
(mm)
0.01
2000 103FPA202K 1700
3
42
12x23
0.8
0.01
3000 103FPA302K 2800
2
62
12x23
0.8
0.015
2000 153FPA202K 1700
4
40.3
15x23
0.8
0.015
3000 153FPA302K 2800
3
41
12x23
0.8
0.022
2000 223FPA202K 1700
6
36.5
15x23
0.8
0.022
3000 223FPA302K 2800
4
28
15x23
0.8
0.033
2000 333FPA202K 1700
7
24.2
17x35
0.8
0.033
2500 333FPA252K 1500
4
20
17x35
0.8
0.033
3000 333FPA302K 1500
5
19.8
17x35
1.0
0.047
1200 473FPA122K 1400
5
18
15x23
0.8
0.047
2000 473FFP202K 1700
8
15.3
17x35
0.8
0.047
2500 473FPA252K 1500
6
13
17x35
0.8
0.047
3000 473FPA302K 1000
6.5
18
19x55
1.0
0.068
1200 683FPA122K 1400
6
13
15x23
0.8
0.068
2000 683FPA202K 1700
9
14.2
17x35
1.0
0.068
2500 683FPA252K 1500
8.2
11
17x35
1.0
0.068
3000 683FPA302K 1000
8
12.5
19x55
1.0
0.1
850
104FPA850K 1100
6
12
17x35
0.8
0.1
1200 104FPA122K 1300
8
11
17x35
1.0
0.1
2000 104FPA202K 1000
9
8.6
19x42
1.0
0.1
2500 104FPA252K 1200
8.2
8.9
19x42
1.0
0.1
3000 104FPA302K 1000
8
8.9
19x55
1.2
0.15
850
154FPA850K 1100
6
11.5
17x35
0.8
0.15
1200 154FPA122K 1300
8.2
8.2
17x35
1.0
0.15
2000 154FPA202K 1000
10
7.2
19x42
1.0
Typical
ESR
@100 kHz,
+25°C in m
Ω
Capacitance
(µF)
WVDC
dv/dt
(v/µs)
PART
NUMBER
Maximum
RMS
Current
@100 kHz,
+70°C in Amps
Dimensions
DxL
(mm)
0.15
2500 154FPA252K 1200
8.2
7.7
19x42
1.0
0.15
3000 154FPA302K 1000
11
6.7
19x55
1.2
0.22
850
224FPA850K 1000
7
10.2
19x42
0.8
0.22
1200 224FPA122K 1200
8.2
7.8
19x42
1.0
0.22
2000 224FPA202K
900
11
6.5
25x55
1.0
0.22
2500 224FPA252K 1000
9.1
6.9
19x55
1.2
0.22
3000 224FPA302K 1000
12
4.8
25x55
1.2
0.33
850
334FPA850K 1000
7
9
19x42
1.0
0.33
1200 334FPA122K 1200
9.1
7.3
19x42
1.0
0.33
2000 334FPA202K
900
11
4.6
30x55
1.2
0.33
2500 334FPA252K 1000
10.8
5.8
25x55
1.2
0.33
3000 334FPA302K 1000
12
4.2
30x55
1.2
0.47
850
474FPA850K
900
8
8.6
19x55
1.0
0.47
1200 474FPA122K 1000
11
6.8
19x55
1.0
0.47
2500 474FPA252K 1000
12
4.2
25x55
1.2
0.68
850
684FPA850K
900
8
8.3
19x55
1.0
0.68
1200 684FPA122K 1000
12
5.3
19x55
1.2
1
850
105FPA850K
900
10
7.6
25x55
1.2
1
1200 105FPA122K 1000
12
5
25x55
1.2
1.2
850
125FPA850K
900
11
7.2
25x55
1.2
1.2
1200 125FPA122K 1000
12
4.8
30x55
1.2
1.5
850
155FPA850K
900
12
6.8
25x55
1.2
1.5
1200 155FPA122K 1000
12
4.2
30x55
1.2
2
850
205FPA850K
900
12
5.6
30x55
1.2
Typical
ESR
@100 kHz,
+25°C in m
Ω
d
(mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com