Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS764 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS764
Description  Package TSOP (ll) 44
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS764 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS764 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZMD-Standard
September 2002
Package TSOP (ll) 44
(400 mil)
MDS
764
Zentrum Mikroelektronik Dresden AG
Editor: signed Schoder
Date: 18.09.2002
Doc-No.
QS-000764-HD-01
Check: signed Marx
Quality: signed Kochan
Dimensions in millimetres
Based on JEDEC: JEP95 MO-133
1Dimensions
Dimensions of Sub-Group B1
Dimensions of Sub-Group C1
Amax
1,20
Amin
-
bPmin
0,30
A1min
0,05
bPmax
0,45
A1max
0,15
enom
0,80
A2min
0,95
HEmin
11,56
A2max
1,05
HEmax
11,96
cmin
0,12
LPmin
0,40
cmax
0,21
Dmin*
18,28
2Weight
£ 0,3 g
Dmax*
18,54
3 Package Body Material
Low Stress Epoxy
Emin*
10,03
4Lead Material
FeNi-Alloy or Cu-Alloy
Emax*
10,29
5Lead Finish
solder plating
qmin
0°
6Lead Form
Z-bends
qmax
5°
* without mold-flash
D
e
1
44
bp
A2
A
0,1 M
Detail Z
LP


Similar Part No. - MDS764

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
MDS761 ZMD-MDS761 Datasheet
27Kb / 1P
Package SSOP14
MDS762 ZMD-MDS762 Datasheet
156Kb / 1P
Package SSOP28
MDS767 ZMD-MDS767 Datasheet
57Kb / 1P
Package SSOP20
MDS768 ZMD-MDS768 Datasheet
82Kb / 1P
Package TSOP32
MDS769 ZMD-MDS769 Datasheet
92Kb / 1P
Package PQFN48
More results

Similar Description - MDS764

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMA6D0P20X KEC-KMA6D0P20X Datasheet
15Kb / 1P
TSOP-6 PACKAGE
KMA2D0DP20X KEC-KMA2D0DP20X Datasheet
376Kb / 1P
TSOP-6 PACKAGE
KMA2D7DP20X KEC-KMA2D7DP20X Datasheet
376Kb / 1P
TSOP-6 PACKAGE
KMA2D8P20X KEC-KMA2D8P20X Datasheet
376Kb / 1P
TSOP-6 PACKAGE
logo
International Rectifier
IRFTS8342PBF IRF-IRFTS8342PBF Datasheet
219Kb / 8P
Industry-Standard TSOP-6 Package
IRFTS9342PBF IRF-IRFTS9342PBF Datasheet
228Kb / 8P
Industry-Standard TSOP-6 Package
IRLTS2242PBF IRF-IRLTS2242PBF Datasheet
232Kb / 8P
Industry-Standard TSOP-6 Package
IRLTS6342PBF IRF-IRLTS6342PBF Datasheet
258Kb / 8P
Industry-Standard TSOP-6 Package
IRFTS8342PBF IRF-IRFTS8342PBF_15 Datasheet
219Kb / 8P
Industry-Standard TSOP-6 Package
IRLTS2242PBF IRF-IRLTS2242PBF_15 Datasheet
549Kb / 8P
Industry-Standard TSOP-6 Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com