Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS1222 Datasheet(PDF) 9 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS1222
Description  12-Bit, 200ksps, Serial Output ADC Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS1222 Datasheet(HTML) 9 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS1222 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZADCS1222 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Datasheet
ZADCS1282/1242/1222 Family
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
9/21
1.5.3 Specific Parameters of versions without Internal Voltage Reference
(ZADCS12x2)
(VDD = +2.7V to + 5.25V; fSCLK = 3.2MHz (50% duty cycle); 16 clocks/conversion cycle (200 ksps); qOP = qOPmin … qOPmax)
Parameter
Symbol Conditions
Min
Typ
Max Unit
External Reference at VREF
VREF Input Voltage Range
1.0
VDD +
50mV
V
VREF Input Current
VREF = 2.5V
180
215
µA
VREF Input Resistance
11.5
14
k
W
Shutdown VREF Input Current
0.1
µA
Capacitive Bypass at VREF
4.7
µF
Power Requirements
Positive Supply Voltage
VDD
2.7
5.25 V
Operating Mode
0.85
1.0
Positive Supply Current
ZADCS1282I, ZADCS1242I,
ZADCS1222I
IDD
VDD = 3.6V
Full Power-Down
0.5
4.0
µA
Operating Mode
1.00
1.3
Positive Supply Current
ZADCS1282I, ZADCS1242I,
ZADCS1222I
IDD
VDD = 5.25V
Full Power-Down
0.5
4.0
µA
Operating Mode
0.85
1.0
1)
Positive Supply Current
ZADCS1282Q, ZADCS1242Q,
ZADCS1222Q
IDD
VDD = 3.6V
Full Power-Down
0.5
15
1)
µA
Operating Mode
1.00
1.3
1)
Positive Supply Current
ZADCS1282Q, ZADCS1242Q,
ZADCS1222Q
IDD
VDD = 5.25V
Full Power-Down
0.5
20
1)
µA
1) relaxed maximum limits are due to wider temperature range of automotive qualified version ZADCS12x2Q
1.5.4 Digital Pin Parameters
(VDD = +2.7V to + 5.25V; fSCLK = 3.2MHz (50% duty cycle); 16 clocks/conversion cycle (200 ksps); qOP = qOPmin … qOPmax)
Parameter
Symbol Conditions
Min
Typ
Max
Unit
Digital Inputs (DIN, SCLK, CS, nSHDN)
VDD = 2.7V
1.9
V
Logic High Level
VIH
VDD = 5.25V
3.3
V
VDD = 2.7V
0.7
V
Logic Low Level
VIL
VDD = 5.25V
1.4
V
Hysteresis
VHyst
0.7
V
Input Leakage
IIN
VIN = 0V or VDD
± 0.1
± 1.0
µA
Input Capacitance
CIN
5
pF
Digital Outptus (DOUT, SSTRB)
VDD = 2.7V
3.5
8.5
mA
Output High Current
IOH
VOH= VDD – 0.5V
VDD = 5.25V
5.5
10.8
mA
VDD = 2.7V
4
11.5
mA
Output Low Voltage
IOL
VOL= 0.4V
VDD = 5.25V
6.4
15.3
mA
Three-State Leakage Current
ILeak
nCS = VDD
± 0.1
± 1.0
µA
Three-State Output Capacitance
COUT
nCS = VDD
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com