Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL22CI Datasheet(PDF) 2 Page - Communications & Power Industries, Inc.

Part # TL22CI
Description  CPI 2.25 kW SuperLineartm TWT Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

TL22CI Datasheet(HTML) 2 Page - Communications & Power Industries, Inc.

  TL22CI Datasheet HTML 1Page - Communications & Power Industries, Inc. TL22CI Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C-Band
For more detailed information, please refer to the corresponding CPI Technical Description.
Note: Specifications may change without notice as a result of additional data or product refinement.
Please contact CPI before using this information for system design.
MKT 160, ISSUE 9
02/08
PDF
SPECIFICATIONS, TL22CI
Electrical
Frequency
5.85 - 6.65 GHz
Output Power
TWT
2250 W min. (63.54 dBm)
Flange
1000 W max operating. (60.00 dBm)
Bandwidth
800 MHz (1225 MHz optional)
Gain
75 dB min. at rated power output
78 dB min. at small signal
RF Level Adjust
0 to 30 dB continuous
Output Power Adjustability
±0.1 dB
Gain Stability
±0.25 dB/24 hr max.
(at constant drive and temp.)
Small Signal Gain Slope
0.02 dB/MHz max.
Small Signal Gain Variation
0.5 dB pk-pk max. over any 40 MHz;
1.0 dB pk-pk max. over any 40MHz
with linearizer option;
3.0 dB pk-pk max. across 800 MHz;
4.0 dB pk-pk max. across 800 MHz
with linearizer option;
5.0 dB pk-pk max. across 800 MHz
with BUC option;
6.0 dB pk-pk max. across 800 MHz
with BUC and linearizer options
Input/Output VSWR
1.25:1 max.
Load VSWR
2.0:1 max. for full spec compliance;
any value without damage
Residual AM, max.1
-50 dBc below 10 kHz,
-20 (1.5 + log F kHz) dBc,
10 kHz to 500 kHz (F in kHz)
-85 dBc above 500 kHz
Phase Noise1
IESS-308/309
phase noise continuous
10 dB below mask at -10 dB backof
AC fundamentals related
-50 dBc
Sum of spurs
-47 dBc
AM/PM Conversion
6°/dB max. With optional linearizer,
can be tuned to 2°/dB max.
Harmonic Output
-80 dBc
Noise and Spurious
-150 dBW/4 kHz from 3.4 to 4.2 GHz
-65 dBW/4 kHz from 4.2 to 12.0 GHz
-60 dBW/4 kHz from 4.2 to 12.0 GHz
with linearizer option
-110 dBW/4 kHz from 12.0 to 40.0 GHz
Intermodulation
-23.5 dBc max, 5.850 - 6.425 GHz at
with two equal carriers
400 W without linearizer (-25 dBc max.
at 890 W with linearizer);
-22 dBc max. 6.425 - 6.650 GHz at
400 W without linearizer (-24 dBc max.
at 890 W with linearizer)
Electrical (continued)
Group Delay
0.01 ns/MHz linear
(in any 40 MHz band)
0.001 ns/MHz2 parabolic
0.5 ns pk-pk ripple max.
Primary Power2
All ratings are ±10%, 47-63 Hz, 5-wire,
3-phase with neutral and ground
200 to 240 VAC (with or w/o neutral)
380 to 415 VAC
Power Factor
0.95 min.
Power Consumption
5.0 kW max.;
4.5 kW typ. @ 1000 W linear RF output
power;
3.8 kW typ. @ 800 W;
3.5 kW typ. @ 600 W;
3.3 kW typ. @ 400 W;
2.9 kW typ. @ 200 W;
2.5 kW typ. @ 100 W
Environmental
Ambient Temperature
-10° to +50°C operating
-20° to +70°C non-operating
Relative Humidity
95% non-condensing
Altitude
Up to 10,000 ft (3000 m) with standard
adiabatic derating of 2°/1000 ft.;
50,000 feet non-operating
Shock and Vibration
Designed for normal transportation
environment per Section 514.4
MIL-STD-810E. Designed to withstand
20g at 11 ms (1/2 sine pulse) in
non-operating condition
Mechanical
Cooling(TWT)
Forced air with integral blower
and power supply fan. Maximum
external pressure loss allowable:
0.25 inch water gauge.
RF Input Connection
Type N female
RF Output Connection
CPR 137 F waveguide flange,
grooved, threaded UNF 2B 10-32
RF Power Monitors
Type N female
Dimensions (W x H x D)
19 x 15.75 x 24 in.
(483 x 400 x 610 mm)
Weight
155 lbs. (70.5 kg) max.
1Prime power AC line unbalance not to exceed 3%. Excess imbalance may cause
an increase in residual RF noise (AM, FM and PM). Phase noise increase is typically 2.5 dB / %
imbalance.
2AC current harmonic content: less than 20%, primarily fifth and seventh harmonics. Harmonics
must be considered when choosing UPS sources.
OPTIONS &
COMP ANION
PRODUCTS:
• Integral Linearizer
• Remote Control Panel
• Redundant and Power
Combined Subsystems
• Extended Frequency
(5.850 - 6.725 GHz or
5.725 - 6.525 GHz)
• External Receive Band
Reject Filter
• Integral L-Band Block
Upconverter (BUC)
Certificate Number: 30515



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com