Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

158LMB080M2CD Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 158LMB080M2CD
Description  105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

158LMB080M2CD Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  158LMB080M2CD Datasheet HTML 1Page - Illinois Capacitor, Inc. 158LMB080M2CD Datasheet HTML 2Page - Illinois Capacitor, Inc. 158LMB080M2CD Datasheet HTML 3Page - Illinois Capacitor, Inc. 158LMB080M2CD Datasheet HTML 4Page - Illinois Capacitor, Inc. 158LMB080M2CD Datasheet HTML 5Page - Illinois Capacitor, Inc. 158LMB080M2CD Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
129
®
WVDC
SVDC
tan
δ
Dissipation Factor
120Hz, 20°C
Surge Voltage
I Long life (12000 hours @ +85°C)
I High ripple current ratings
I Muliple Case Size
FEATURES
LMB
+105°C 3000 hour
Snap-Mount Aluminum
Electrolytic Capacitors
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
-40°C to +105°C
Leakage Current
±20% at 120Hz, 20°C
Shelf life
Impedance Ratio
120Hz
WVDC
-25°C/20°C
Capacitance
I 2, 3 and 4 leads available
I Lead free leads
I PC board mountable
16
25
35
50
50
63
63
80-100 80-100
160
200 to 450
all
all
all
≤6800 >6800
≤6800 >6800 ≤3300 >3300
all
all
.5
.4
.35
.3
.35
.25
.35
.2
.25
.15
.15
16
25
35
50
63
100
160
200
250
350
400
450
20
32
44
63
79
125
200
250
300
400
450
500
WVDC
Time
.02CV or 3000µA, whichever is less
Load Life
3,000 hours at 105°C with rated WVDC and ripple current
≤ 20% of initial measured value
≤175% of initial specified value
≤100% Initial specified value
Capacitance change
Dissipation factor
Leakage current
5 minutes
16
25
35
50
63
100
160
200
250
350
400
450
66
6
4
3
3
4
4
4
6
6
6
15
15
10
8
6
6
-
-
-
-
-
-
Ripple Current
Multipliers
Voltage
50
120
400
1k
10k+
105
.8
1.0
1.1
1.2
1.2
1.25
.8
1.0
1.1
1.3
1.4
1.5
85
70
60
≤45
1.8
2.0
2.2
2.5
1.8
2.0
2.2
2.5
SPECIAL ORDER OPTIONS
• 3 and 4 leaded terminations
• Special tolerances: ±10%(K), -10% + 30%(Q)
• Epoxy end sealed
• Mylar sleeve
Frequency (Hz)
≤100V
>100V
Temperature (°C)
1,000 hours at 105°C with rated WVDC and ripple current
≤ 20% of initial measured value
≤175% of initial specified value
≤The Initial specified value
Capacitance change
Dissipation factor
Leakage current
-40°C/20°C
(See pages 33 thru 37)


Similar Part No. - 158LMB080M2CD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
158LMB080M2CD ILLINOISCAPACITOR-158LMB080M2CD Datasheet
428Kb / 7P
Multiple Case Sizes - High Voltage ??High Current
158LMB080M2CD ILLINOISCAPACITOR-158LMB080M2CD Datasheet
132Kb / 1P
SNAP-IN / SNAP MOUNT
More results

Similar Description - 158LMB080M2CD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
85째C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
85째C Snap-Mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
logo
RFE international
LSM101M2G220300 RFE-LSM101M2G220300 Datasheet
173Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS LSM Series: Snap-in, 105째C
logo
Illinois Capacitor, Inc...
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC_13 Datasheet
568Kb / 5P
105C 3000 hour Snap mount Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC_13 Datasheet
452Kb / 4P
105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
85C snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com