Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC-082ASTY Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # AC-082ASTY
Description  SPECIFICATIONS FOR LCD MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AC-082ASTY Datasheet(HTML) 3 Page - ZETTLER Electronics

  AC-082ASTY Datasheet HTML 1Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 2Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 3Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 4Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 5Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 6Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 7Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 8Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 9Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
1
FEATURES
(1) Display format : 8 characters
× 2 lines
(2) Construction : STN LCD panel, Bezel, Zebra and PCB.
(3) Optional LED back-light.
(4) Controller : KS0066U or Equivalent.
(5) 5V single power input. (Special request for 3.3V driving, built-in DC/DC converter.)
(6) Normal / Extended temperature type.
2
NUMBERING SYSTEM
AC-082A _ _ _ _ - _
1 2 3 4
5
No
Code Value
Description
Remark
G
STN gray type LCD
Y
STN yellow green type LCD
1
S
STN negative type LCD
LCD Type
A
Reflective type / 6:00 view
B
Reflective type / 12:00 view
I
Transflective type / 6:00 view
J
Transflective type / 12:00 view
T
Negative type / 6:00 view
2
U
Negative type / 12:00 view
Polarizer / Viewing Angel
None
Without backlight
3
L
5V LED
Backlight type
None
Without backlight
4
Y
Yellow-green
Backlight color
None
Normal temperature type
5
H
Extended temperature type
LCM temperature type
Date : 2001/12/11
AMPIRE CO., LTD.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com