Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54AS640J Datasheet(PDF) 2 Page - Texas Instruments

Part # SN54AS640J
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS640J Datasheet(HTML) 2 Page - Texas Instruments

  SN54AS640J Datasheet HTML 1Page - Texas Instruments SN54AS640J Datasheet HTML 2Page - Texas Instruments SN54AS640J Datasheet HTML 3Page - Texas Instruments SN54AS640J Datasheet HTML 4Page - Texas Instruments SN54AS640J Datasheet HTML 5Page - Texas Instruments SN54AS640J Datasheet HTML 6Page - Texas Instruments SN54AS640J Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SN54ALS640B, SN54AS640, SN74ALS640B, SN74AS640
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SDAS122A – DECEMBER 1983 – REVISED JANUARY 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
logic diagram (positive logic)
B2
17
B3
16
B4
15
A5
6
A6
7
A7
8
A8
9
A2
3
A3
4
A4
5
OE
A1
2
G3
19
3 EN2 [AB]
B5
14
B6
13
B7
12
B8
11
B1
18
3 EN1 [BA]
1
DIR
1
2
A1
B1
19
1
18
2
OE
DIR
To Seven Other Transceivers
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI: All inputs
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O ports
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS640B
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS640B
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS640B
SN74ALS640B
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
–12
–15
mA
IOL
Low level output current
12
24
mA
IOL
Low-level output current
48§
mA
TA
Operating free-air temperature
–55
125
0
70
°C
§ Applies only to the -1 version and only if VCC is between 4.75 V and 5.25 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com