Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM2004D Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # ACM2004D
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

ACM2004D Datasheet(HTML) 3 Page - ZETTLER Electronics

  ACM2004D Datasheet HTML 1Page - ZETTLER Electronics ACM2004D Datasheet HTML 2Page - ZETTLER Electronics ACM2004D Datasheet HTML 3Page - ZETTLER Electronics ACM2004D Datasheet HTML 4Page - ZETTLER Electronics ACM2004D Datasheet HTML 5Page - ZETTLER Electronics ACM2004D Datasheet HTML 6Page - ZETTLER Electronics ACM2004D Datasheet HTML 7Page - ZETTLER Electronics ACM2004D Datasheet HTML 8Page - ZETTLER Electronics ACM2004D Datasheet HTML 9Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACM2004D SERIES CHARACTER MODULE VER1.1
DISPLAYTRONIC XIAMEN ZETTLER ELECTRONICS CO., LTD.
2
※ CONTENTS
1.0 MECHANICAL SPECS
2.0 ABSOLUTE MAXIMUM RATINGS
3.0 ELECTRICAL CHARACTERISTICS
4.0 OPTICAL CHARACTERISTICS (TA=25ºC, VDD= 5.0V±0.25V, TN LC FLUID)
4.1 OPTICAL CHARACTERISTICS (TA=25ºC, VDD= 5.0V±0.25V, STN LC FLUID)’
5.0 BLOCK DIAGRAM
6.0 PIN ASSIGNMENT
7.0 POWER SUPPLY
8.0 TIMING CHARACTERISTICS
9.0 MECHANICAL DIAGRAM
10.0 RELIABILITY TEST
11.0 DISPLAY INSTRUCTION TABLE
12.0 STANDARD CHARACTER PATTERNS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com