Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWA Datasheet(PDF) 13 Page - Cooper Bussmann, Inc.

Part # FWA
Description  High Speed Fuses
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWA Datasheet(HTML) 13 Page - Cooper Bussmann, Inc.

Back Button FWA Datasheet HTML 9Page - Cooper Bussmann, Inc. FWA Datasheet HTML 10Page - Cooper Bussmann, Inc. FWA Datasheet HTML 11Page - Cooper Bussmann, Inc. FWA Datasheet HTML 12Page - Cooper Bussmann, Inc. FWA Datasheet HTML 13Page - Cooper Bussmann, Inc. FWA Datasheet HTML 14Page - Cooper Bussmann, Inc. FWA Datasheet HTML 15Page - Cooper Bussmann, Inc. FWA Datasheet HTML 16Page - Cooper Bussmann, Inc. FWA Datasheet HTML 17Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
High Speed Fuses
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
99
North American — KAC 600V: 1-1000A
F
G
A
C
B1
H
D
Fig. 1: 1-30 & 450-1000A
A
B3
B2
C
E
D
F
H
G
Fig. 2: 35-400A
Dimensions (in)
Amp
Range
Fig. A
B1
B2
B3
C
D
E
F
G
H
1-30A
1
2.875 2.500 —
—
1.875 0.406 —
0.563
0.063 0.257
35-60A
2
4.375 —
3.750 3.5002.750 0.625 0.3430.813
0.094 0.468
70-100A
2
5.000 —
4.063 3.6562.750 0.750 0.4061.000
0.125 0.609
110-200A
2
5.140 —
4.390 3.7662.906 1.000 0.4061.500
0.188 0.718
225-400A
2
6.182 —
4.815 4.5653.000 1.625 0.5622.000
0.250 0.687
450-800A
1
6.250 4.750 —
—
3.063 2.000 —
2.500
0.250 0.563
1000A
1
7.250 4.750 —
—
3.063 2.750 —
3.500
0.375 0.563
1mm = 0.0394” / 1” = 25.4mm
KAC
Specifications
Description:
North American style
stud-mount fuses. These 600V fuses are
supplied as replacements only. For new
installations, Cooper Bussmann recommends
the 700V FWP series fuse.
Dimensions:
See Dimensions illustrations.
Ratings:
Volts: — 600Vac
Amps: — 1-1000A
IR: — 200kA RMS Sym.
Agency Information:
CE, UL Recognition
on 1-600A only.
Catalog Numbers (-amps)
KAC-1
KAC-25
KAC-175
KAC-2
KAC-30
KAC-200
KAC-3
KAC-35
KAC-225
KAC-4
KAC-40
KAC-250
KAC-5
KAC-45
KAC-300
KAC-6
KAC-50
KAC-350
KAC-7
KAC-60
KAC-400
KAC-8
KAC-70
KAC-450
KAC-9
KAC-80
KAC-500
KAC-10
KAC-90
KAC-600
KAC-12
KAC-100
KAC-700
KAC-15
KAC-110
KAC-800
KAC-17.5
KAC-125
KAC-1000
KAC-20
KAC-150
• Consult Cooper Bussmann for dc ratings.
• See accessories on page 106.
Features and Benefits
• Excellent dc performance
• Low arc voltage and low energy let-through (I2t)
• Low watts loss
• Superior cycling capability
Typical Applications
• DC common bus
• DC drives
• Power converters/rectifiers
• Reduced voltage starters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com