Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC-082ASTH Datasheet(PDF) 17 Page - ZETTLER Electronics

Part # AC-082ASTH
Description  SPECIFICATIONS FOR LCD MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AC-082ASTH Datasheet(HTML) 17 Page - ZETTLER Electronics

Back Button AC-082ASTH Datasheet HTML 10Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 11Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 12Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 13Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 14Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 15Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 16Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 17Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 18Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
14 HANDLING PRECAUTIONS
(1) A LCD module is a fragile item and should not be subjected to strong mechanical shocks.
(2) Avoid applying pressure to the module surface. This will distort the glass and cause a
change in color.
(3) Under no circumstances should the position of the bezel tabs or their shape be modified.
(4) Do not modify the display PCB in either shape or positioning of components.
(5) Do not modify or move location of the zebra or heat seal connectors.
(6) The device should only be soldered to during interfacing. Modification to other areas of
the board should not be carried out.
(7) In the event of LCD breakage and resultant leakage of fluid do not inhale, ingest or make
contact with the skin. If contact is made rinse immediately.
(8) When cleaning the module use a soft damp cloth with a mild solvent, such as Isopropyl or
Ethyl alcohol. The use of water, ketone or aromatic is not permitted.
(9) Prior to initial power up input signals should not be applied.
(10) Protect the module against static electricity and observe appropriate anti-static
precautions.
Date : 2001/12/11
AMPIRE CO., LTD.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com