Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC259 Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # SN54HC259
Description  8-BIT ADDRESSABLE LATCHES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

SN54HC259 Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  SN54HC259 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN54HC259, SN74HC259
8BIT ADDRESSABLE LATCHES
SCLS134E − DECEMBER 1982 − REVISED SEPTEMBER 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
Four distinct modes of operation are selectable by controlling the clear (CLR) and enable (G) inputs. In the
addressable-latch mode, data at the data-in terminal is written into the addressed latch. The addressed latch
follows the data input, with all unaddressed latches remaining in their previous states. In the memory mode, all
latches remain in their previous states and are unaffected by the data or address inputs. To eliminate the
possibility of entering erroneous data in the latches, G should be held high (inactive) while the address lines
are changing. In the 1-of-8 decoding or demultiplexing mode, the addressed output follows the level of the
D input with all other outputs low. In the clear mode, all outputs are low and unaffected by the address and data
inputs.
Function Tables
FUNCTION
INPUTS
OUTPUT OF
ADDRESSED
EACH
OTHER
FUNCTION
CLR
G
ADDRESSED
LATCH
OTHER
OUTPUT
FUNCTION
H
L
D
QiO
Addressable latch
H
HQiO
QiO
Memory
L
LD
L
8-line demultiplexer
L
H
L
L
Clear
LATCH SELECTION
SELECT INPUTS
LATCH
S2
S1
S0
LATCH
ADDRESSED
L
L
L
0
L
LH
1
L
HL
2
L
HH
3
H
LL
4
H
LH
5
H
HL
6
H
H
H
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com