Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA4411 Datasheet(PDF) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TPA4411
Description  80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TPA4411 Datasheet(HTML) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TPA4411 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
0.001
0.01
0.1
1
10
100
1
10
PO − Output Power − mW
In Phase
180
° Out of Phase
30
VDD = 1.8 V,
RL = 16 Ω,
fIN = 20 Hz
Single
Channel
0.01
0.1
1
10
100
1
10
30
In Phase
Single Channel
180
° Out of Phase
PO − Output Power − mW
VDD = 1.8 V,
RL = 16 Ω,
fIN = 10 kHz
0.01
0.1
1
10
100
1
10
30
In Phase
Single Channel
180
° Out of Phase
PO − Output Power − mW
VDD = 1.8 V,
RL = 16 Ω,
fIN = 1 kHz
0.01
0.1
1
10
100
1
10
30
In Phase
Single Channel
180
° Out of Phase
PO − Output Power − mW
VDD = 1.8 V,
RL = 32 Ω,
fIN = 1 kHz
0.01
0.1
1
10
100
1
10
30
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 1.8 V,
RL = 32 Ω,
fIN = 10 kHz
0.001
0.01
0.1
1
10
100
1
10
30
In Phase
Single Channel
180
° Out of Phase
PO − Output Power − mW
VDD = 1.8 V,
RL = 32 Ω,
fIN = 20 Hz
TPA4411
TPA4411M
SLOS430E – AUGUST 2004 – REVISED MARCH 2008
C(PUMP) = C(PVSS) = 2.2 µF , CIN = 1 µF (unless otherwise noted)
FIGURE
Total harmonic distortion + noise
vs Output power
1–24
Total harmonic distortion + noise
vs Frequency
25–32
Supply voltage rejection ratio
vs Frequency
33, 34
Power dissipation
vs Output power
35–42
Crosstalk
vs Frequency
43–46
Output power
vs Supply voltage
47–50
Quiescent supply current
vs Supply voltage
51
Output power
vs Load resistance
5–60
Output spectrum
61
Gain and phase
vs Frequency
62, 63
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
+ NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 1.
Figure 2.
Figure 3.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
+ NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 4.
Figure 5.
Figure 6.
Copyright © 2004–2008, Texas Instruments Incorporated
7
Product Folder Link(s): TPA4411 TPA4411M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com