Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

103MPW400K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 103MPW400K
Description  105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

103MPW400K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  103MPW400K Datasheet HTML 1Page - Illinois Capacitor, Inc. 103MPW400K Datasheet HTML 2Page - Illinois Capacitor, Inc. 103MPW400K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C>1µF
.06
-
-
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
177
®
Polypropylene film
Dissipation Factor
(%)
• Good AC/ pulse applications
• Polystyrene alternative
• Self healing
• Capacitance range: 0.001 µF to 10.0 µF
• Voltage range: 160 WVDC to 630 WVDC
MPW
+105°C Metallized
Polypropylene Axial
Leaded Wrap
and Fill Capacitors
Operating Temperature Range
Capacitance Tolerance
-55°C to 105°C
±10% at 1kHz, 25°C
Humidity Test
Load Life
Insulation Resistance
Voltage Range
WVDC
VAC
160
250
400
630
90
200
220
250
Capacitance
Insulation Resistance
≤0.33 µF
100,000 M
Ω
>0.33 µF
30,000 M
Ω x µF
2,000 hours, +85°C with 125% rated DC voltage
Capacitance Change
Dissipation Factor
Change
Insulation
Resistance
≤3% maximum
<125% maximum
specification
≥50% of minimum
initial limits
250 hours, 95% RH, 25°C and no applied voltage
Capacitance Change
Dissipation Factor
Change
Insulation Resistance
5% of initial readings
@ +25°C, 1kHz
< 200% of maximum
specification
≥ 3000MΩxµF
(need not exceed 500M
Ω)
Self-inductance
≤1 nH/mm along the capacitor body and leads
Capacitance Drift Factor
Capacitance Temperature
Coefficient
(after 2 years)
≤0.5% up to 40°C
-200 ppm/°C, ± 100ppm/°C
Type
Dielectric
Electrodes
Leads
Extended metallized film
Vacuum deposited aluminum layers
Tinned copper wire
Coating
Flame retardant epoxy sealed resin
-
(UL94V-O) with polyester tape wrap (UL510)
kHz
1
10
100
C
≤0.1µF
.06
.1
.3
0.1µF<C
≤1µF
.06
.2
-


Similar Part No. - 103MPW400K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
103MPW400K ILLINOISCAPACITOR-103MPW400K Datasheet
252Kb / 2P
Axial leaded metallized polypropylene film capacitors
103MPW400K ILLINOISCAPACITOR-103MPW400K Datasheet
190Kb / 2P
Low ESR - High AC/Ripple Current - Stable with frequency and
103MPW400K ILLINOISCAPACITOR-103MPW400K Datasheet
102Kb / 1P
GENERAL PURPOSE FILM
More results

Similar Description - 103MPW400K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
732P VISHAY-732P Datasheet
40Kb / 1P
Film Capacitors Metalized Polypropylene, Wrap-and-Fill
17-Nov-03
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
16-Nov-07
logo
List of Unclassifed Man...
170223160AA ETC2-170223160AA Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
15015463AA ETC2-15015463AA Datasheet
172Kb / 4P
Flame Retardant Wrap and Fill Axial Leaded Capacitors
logo
Vishay Siliconix
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
Metallized Polyester Film Capacitors, Wrap-and-Fill
12-Mar-09
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
12-Mar-09
logo
Surge Components
SAMR SURGE-SAMR Datasheet
142Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SMPT SURGE-SMPT Datasheet
165Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com