Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

682MWR152KB Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 682MWR152KB
Description  Metallized Polyester Film Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

682MWR152KB Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  682MWR152KB Datasheet HTML 1Page - Illinois Capacitor, Inc. 682MWR152KB Datasheet HTML 2Page - Illinois Capacitor, Inc. 682MWR152KB Datasheet HTML 3Page - Illinois Capacitor, Inc. 682MWR152KB Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
153
®
PHYSICAL DIMENSIONS
250
(160)
100
(63)
63
(40)
50
(30)
400
(200)
µF
630
(220)
1000
(250)
1500
(300)
D
Max
35.0 min
L
Max
d
Convert to inches, divide by 25.4
DxL(mm)
Lead Diameter
Dd
< 9.0
0.6
9
≤D<20
0.8
≥ 20
1.0
MWR
35.0 min
Metallized Polyester
Film Capacitors
WVDC
(VAC)
0.001
5.5x11.5
5.5x14.5
0.0015
5.5x11.5
5.5x14.5
0.0022
5.5x11.5
6x14.5
0.0033
5.5x11.5
6.5x14.5
0.0039
5.5x11.5
0.0047
5.5x11.5
7x14.5
0.0068
5.5x11.5
8x14.5
0.01
5x11.5
6x14
7x14.5
8.5x14.5
0.015
5.5x14.5
6.5x14.5
8x14.5
8.5x20.5
0.022
5.5x11.5
5.5x14
8x14
9.5x20.5
9.5x20.5
0.033
6x11.5
6x14
7.5x20.5
10.5x20.5
11x20.5
0.039
6x11.5
7x15.5
8x20.5
0.047
5.5x14
7x14
7.5x19
11x29
11x29
0.068
5.5x11.5
6.5x14.5
7.5x20.5
9x20.5
12.5x29
12.5x29
0.1
6x11.5
6x14
7.5x19
9x27
12x29
13x34
0.15
5.5x14
6x14
7x14
8.5x19
10.5x29
13x34
15x34
0.22
6x11.5
6.5x14
7x19
8.5x27
12.5x27
14.5x34
17.5x34
0.33
6x11.5
7.5x14
8x19
10x27
13.5x34
17x34
20.5x34
0.47
6x11.5
7x15.5
9.5x19
12.5x27
15.5x34
19.5x34
24x34
0.68
6x11.5
6.5x19
8x19
9.5x27
12.5x34
18.5x34
24.5x46.5
1
7.5x11.5
8x20.5
9.5x19
10.5x27
14.5x34
22x34
28.5x46.5
1.5
8x14.5
9.5x20.5
9x27
12.5x29
17.5x34
26.5x34
34x46.5
2.2
9x14.5
10.5x29
12x29
13.5x34
20.5x34
3.3
9.5x20.5
11x29
13x29
15.5x34
22.5x47
4.7
10.5x20.5
12.5x29
12.5x34
19.5x34
6.8
11.5x20.5
17x34
23x34
10
13.5x20.5
14x34
18x34
24.5x46.5
15
22x34
22
22x46



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com